Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

BFX48 Arkusz danych(PDF) 1 Page - Seme LAB

Numer części BFX48
Szczegółowy opis  PNP SILICON EPITAXIAL TRANSISTOR
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SEME-LAB [Seme LAB]
Strona internetowa  http://www.semelab.co.uk
Logo SEME-LAB - Seme LAB

BFX48 Arkusz danych(HTML) 1 Page - Seme LAB

  BFX48 Datasheet HTML 1Page - Seme LAB BFX48 Datasheet HTML 2Page - Seme LAB  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
BFX48
Document. 2340
Issue 1
Semelab plc. Telephone +44(0)1455) 556565. Fax +44(0)1455) 552612.
E-mail: sales@semelab.co.uk
Website: http://www.semelab.co.uk
VCBO
Collector – Base Voltage (IE = 0)
VCEO
Collector – Emitter Voltage(IB = 0)
VEBO
Emitter – Base Voltage (IC = 0)
IC
Collector Current
Ptot
Total Power Dissipation Tamb £ 25°C
Tcase £ 25°C
Tj, Tstg
Storage Temperature, Operating Junction Temperature
-30V
-30V
-5V
-100mA
0.36W
1W
-65 to 200°C
MECHANICAL DATA
Dimensions in mm (inches)
PNP SILICON EPITAXIAL
TRANSISTOR
ABSOLUTE MAXIMUM RATINGS (Tcase = 25°C unless otherwise stated)
APPLICATIONS
It is suitable for a wide range of applications including
low noise, low current high gain RF and wide band
pulse amplifiers.
1
3
2
2.54 (0.100)
Nom.
0.48 (0.019)
0.41 (0.016)
dia.
5.84 (0.230)
5.31 (0.209)
4.95 (0.195)
4.52 (0.178)
TO18 PACKAGE
Pin 1 = Emitter
Pin 2 = Base
Pin 3 = Collector


Podobny numer części - BFX48

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Seme LAB
BFX40 SEME-LAB-BFX40 Datasheet
24Kb / 3P
   PNP SILICON EPITAXIAL TRANSISTOR
BFX40 SEME-LAB-BFX40 Datasheet
47Kb / 3P
   PNP SILICON EPITAXIAL TRANSISTOR
logo
New Jersey Semi-Conduct...
BFX40 NJSEMI-BFX40 Datasheet
91Kb / 3P
   PNP SILICON EPITAXIAL
logo
Seme LAB
BFX41 SEME-LAB-BFX41 Datasheet
24Kb / 3P
   PNP SILICON EPITAXIAL TRANSISTOR
BFX41 SEME-LAB-BFX41 Datasheet
47Kb / 3P
   PNP SILICON EPITAXIAL TRANSISTOR
More results

Podobny opis - BFX48

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Unisonic Technologies
2SA1300 UTC-2SA1300 Datasheet
110Kb / 3P
   PNP EPITAXIAL SILICON TRANSISTOR
logo
Fairchild Semiconductor
FJC1308 FAIRCHILD-FJC1308_05 Datasheet
446Kb / 5P
   PNP Epitaxial Silicon Transistor
KSA1201 FAIRCHILD-KSA1201_05 Datasheet
430Kb / 5P
   PNP Epitaxial Silicon Transistor
KSA1203 FAIRCHILD-KSA1203_05 Datasheet
432Kb / 5P
   PNP Epitaxial Silicon Transistor
logo
List of Unclassifed Man...
GM1188 ETC2-GM1188 Datasheet
359Kb / 2P
   PNP SILICON EPITAXIAL TRANSISTOR
logo
Unisonic Technologies
2SA1020 UTC-2SA1020_05 Datasheet
199Kb / 4P
   SILICON PNP EPITAXIAL TRANSISTOR
logo
Fairchild Semiconductor
FJY4002R FAIRCHILD-FJY4002R Datasheet
290Kb / 4P
   PNP Epitaxial Silicon Transistor
FJY4012R FAIRCHILD-FJY4012R Datasheet
283Kb / 4P
   PNP Epitaxial Silicon Transistor
logo
GTM CORPORATION
GM1300 GTM-GM1300 Datasheet
172Kb / 2P
   PNP SILICON EPITAXIAL TRANSISTOR
logo
Fairchild Semiconductor
MMBT4403K FAIRCHILD-MMBT4403K Datasheet
60Kb / 4P
   PNP Epitaxial Silicon Transistor
MJD45H11 FAIRCHILD-MJD45H11_10 Datasheet
164Kb / 5P
   PNP Epitaxial Silicon Transistor
More results


Html Pages

1 2


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com