Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ES1J Arkusz danych(PDF) 2 Page - DIYI Electronic Technology Co., Ltd.

Numer części ES1J
Szczegółowy opis  1.0AMP SURFACE MOUNT GLASS SUPERFAST RECOVERY RECTIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  DYELEC [DIYI Electronic Technology Co., Ltd.]
Strona internetowa  http://www.dyelec.com/
Logo DYELEC - DIYI Electronic Technology Co., Ltd.

ES1J Arkusz danych(HTML) 2 Page - DIYI Electronic Technology Co., Ltd.

  ES1J Datasheet HTML 1Page - DIYI Electronic Technology Co., Ltd. ES1J Datasheet HTML 2Page - DIYI Electronic Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
FIG.4TYPICAL JUNCTION CAPACITANCE
ES1J
ES1A
FIG.5TYPICAL REVERSE CHRACTERISTICS
FIG.2TYPICAL FORWARD CHARACTERISTICS
THRU
version:01
2of2
FIG.1 MAXIMUM AVERAGE FORWARD CURRENT DERATING
0
0
0.5
1.0
1.5
20
40
60
80
100
120
140
160
180
FIG.1MAXIMUM AVERAGE FORWARD CURRENT DERATING
INSTANTANEOUS FORWARD VOLTAGE(V)
1.0
.1
.0 1
.0 01
0 .4
0 .6
0.8
1 .0
1.2
111
...
468
T= 2 5 C
A
O
10
600V
400V
50-200V
NUMBER OF CYCLES AT 60Hz
40 60 80 100
1
2
46
8 10
20
5
20
15
10
30
25
35
FIG.3MAXIMUM NON-REPEITIVE SURGE CURRENT
REVERSE VOLTAGE, (V)
0.1
1
10
100
Tj= 25 C
f= 1 .0MHz
Vsig = 50mVp -p
O
12
0
2.0
4.0
6.0
8.0
10
14
16
18
PERCENT OF RATED PEAK INVERSE VOLTGE
1000
100
10
1.0
0.1
20
40
60
80
100
120
T= 75 C
A
O
T= 25 C
A
O
T = 125 C
A
O
www.dyelec.com
AMBIENT TEMPERTURE(℃)


Podobny numer części - ES1J

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Rugao Dachang Electroni...
ES1J DACHANG-ES1J Datasheet
122Kb / 2P
   Surface Mount Super Fast Recover Rectifiers Reverse Voltage 50 to 600 V Forward Current 1.0 A
logo
Pan Jit International I...
ES1J PANJIT-ES1J Datasheet
63Kb / 2P
   SURFACE MOUNT SUPERFAST RECTIFIER
logo
Galaxy Semi-Conductor H...
ES1J BILIN-ES1J Datasheet
487Kb / 4P
   Super-Fast Rectifiers
logo
Guangdong Juxing Electr...
ES1J JUXING-ES1J Datasheet
3Mb / 2P
   Surface Mount Superfast Rectifiers
logo
TAITRON Components Inco...
ES1J TAITRON-ES1J Datasheet
240Kb / 4P
   1.0A Surface Mount Super Fast Rectifier
More results

Podobny opis - ES1J

ProducentNumer częściArkusz danychSzczegółowy opis
logo
DIYI Electronic Technol...
E1A DYELEC-E1A Datasheet
1Mb / 2P
   1.0AMP SURFACE MOUNT GLASS SUPERFAST RECOVERY RECTIFIER
ES1AN DYELEC-ES1AN Datasheet
1Mb / 2P
   1.0AMP SURFACE MOUNT GLASS SUPERFAST RECOVERY RECTIFIER
E1AN DYELEC-E1AN Datasheet
1Mb / 2P
   1.0AMP SURFACE MOUNT GLASS SUPERFAST RECOVERY RECTIFIER
GS1AU DYELEC-GS1AU Datasheet
1Mb / 2P
   1.0AMP SURFACE MOUNT GLASS RECOVERY RECTIFIER
GS1A DYELEC-GS1A Datasheet
1Mb / 2P
   1.0AMP SURFACE MOUNT GLASS RECOVERY RECTIFIER
logo
Sangdest Microelectroni...
G1A SMC-G1A Datasheet
127Kb / 4P
   1.0AMP SURFACE MOUNT GLASS RECOVERY RECTIFIER
logo
DIYI Electronic Technol...
G1AU DYELEC-G1AU Datasheet
1Mb / 2P
   1.0AMP SURFACE MOUNT GLASS RECOVERY RECTIFIER
RS1AU DYELEC-RS1AU Datasheet
1Mb / 2P
   1.0AMP SURFACE MOUNT GLASS FAST RECOVERY RECTIFIER
R1A DYELEC-R1A Datasheet
1Mb / 2P
   1.0AMP SURFACE MOUNT GLASS FAST RECOVERY RECTIFIER
RS1A DYELEC-RS1A Datasheet
1Mb / 2P
   1.0AMP SURFACE MOUNT GLASS FAST RECOVERY RECTIFIER
More results


Html Pages

1 2


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com