Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ES1JL Arkusz danych(PDF) 2 Page - DIYI Electronic Technology Co., Ltd.

Numer części ES1JL
Szczegółowy opis  SINGLE PHASE 1.0AMP SURFACE MOUNT SUPER FAST RECOVERY RECTIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  DYELEC [DIYI Electronic Technology Co., Ltd.]
Strona internetowa  http://www.dyelec.com/
Logo DYELEC - DIYI Electronic Technology Co., Ltd.

ES1JL Arkusz danych(HTML) 2 Page - DIYI Electronic Technology Co., Ltd.

  ES1JL Datasheet HTML 1Page - DIYI Electronic Technology Co., Ltd. ES1JL Datasheet HTML 2Page - DIYI Electronic Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2 of 2
FIG. 2-TYPICAL INSTANTANEOUS FORWARD
FIG. 3-MAXIMUM NON-REPETITIVE PEAK FORWARD
1.0
0.8
0.6
0.4
0.2
0
0
25
50
75
100
125
150
175
SURGE CURRENT
FIG. 1- FORWARD CURRENT DERATING CURVE
Single Phase
Half Wave 60Hz
Resistive or
inductive Load
0
20
40
60
80
100
1,000
100
10
1
0.1
0.01
FIG. 4-TYPICAL REVERSE CHARACTERISTICS
CHARACTERISTICS
0
0.4
0.8
1.2
1.6
1.8
0.01
0.1
1
20
10
T =25 C
PULSE WIDTH=300
µs
1%DUTY CYCLE
ES1ANL-ES1DNL
ES1GNL
ES1JNL
30
25
20
15
10
5.0
0
1
10
100
8.3ms SINGLE HALF SINE-WAVE
(JEDEC Method)
AMBIENT TEMPERATURE (oC)
FORWARD VOLTAGE (V)
NUMBER OF CYCLES AT 60 Hz
PERCENT OF RATED PEAK REVERSE VOLYAGE(%)
A
TA=100 C
T =25 C
A
version:01
ES1J L
ES1A LTHRU
N
N
www.dyelec.com
, INSTANTANEOUS
F
V
TA


Podobny numer części - ES1JL

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Taiwan Semiconductor Co...
ES1JL TSC-ES1JL Datasheet
307Kb / 2P
   1.0 AMP. Surface Mount Super Fast Rectifiers
ES1JL TSC-ES1JL Datasheet
461Kb / 2P
   1.0 AMP. Surface Mount Super Fast Rectifiers
ES1JL TSC-ES1JL Datasheet
198Kb / 2P
   1.0AMP. Surface Mount Super Fast Rectifiers
logo
Rugao Dachang Electroni...
ES1JL DACHANG-ES1JL Datasheet
131Kb / 2P
   Surface Mount Super Fast Recover Rectifiers Reverse Voltage 50 to 600 V Forward Current 1.0 A
logo
Taiwan Semiconductor Co...
ES1JL TSC-ES1JL Datasheet
380Kb / 4P
   Surface Mount Super Fast Rectifiers
More results

Podobny opis - ES1JL

ProducentNumer częściArkusz danychSzczegółowy opis
logo
DIYI Electronic Technol...
ES1AUL DYELEC-ES1AUL Datasheet
1Mb / 2P
   SINGLE PHASE 1.0AMP SURFACE MOUNT SUPER FAST RECOVERY RECTIFIER
ES1AL DYELEC-ES1AL Datasheet
1Mb / 2P
   SINGLE PHASE 1.0AMP SURFACE MOUNT SUPER FAST RECOVERY RECTIFIER
FFM101U-M DYELEC-FFM101U-M Datasheet
1Mb / 2P
   SINGLE PHASE 1.0AMP SURFACE MOUNT FAST RECOVERY RECTIFIER
FFM101N-M DYELEC-FFM101N-M Datasheet
2Mb / 2P
   SINGLE PHASE 1.0AMP SURFACE MOUNT FAST RECOVERY RECTIFIER
F1N DYELEC-F1N Datasheet
2Mb / 2P
   SINGLE PHASE 1.0AMP SURFACE MOUNT FAST RECOVERY RECTIFIER
F1U DYELEC-F1U Datasheet
2Mb / 2P
   SINGLE PHASE 1.0AMP SURFACE MOUNT FAST RECOVERY RECTIFIER
F1A DYELEC-F1A Datasheet
1Mb / 2P
   SINGLE PHASE 1.0AMP SURFACE MOUNT FAST RECOVERY RECTIFIER
FFM101-M DYELEC-FFM101-M Datasheet
1Mb / 2P
   SINGLE PHASE 1.0AMP SURFACE MOUNT FAST RECOVERY RECTIFIER
US1AL DYELEC-US1AL Datasheet
1Mb / 2P
   SINGLE PHASE 1.0AMP SURFACE MOUNT ULTRA FAST RECOVERY RECTIFIER
US1AUL DYELEC-US1AUL Datasheet
1Mb / 2P
   SINGLE PHASE 1.0AMP SURFACE MOUNT ULTRA FAST RECOVERY RECTIFIER
More results


Html Pages

1 2


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com