Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

CS8401A-CP Arkusz danych(PDF) 5 Page - List of Unclassifed Manufacturers

Numer części CS8401A-CP
Szczegółowy opis  Digital Audio Interface Transmitter
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ETC [List of Unclassifed Manufacturers]
Strona internetowa  
Logo ETC - List of Unclassifed Manufacturers

CS8401A-CP Arkusz danych(HTML) 5 Page - List of Unclassifed Manufacturers

  CS8401A-CP Datasheet HTML 1Page - List of Unclassifed Manufacturers CS8401A-CP Datasheet HTML 2Page - List of Unclassifed Manufacturers CS8401A-CP Datasheet HTML 3Page - List of Unclassifed Manufacturers CS8401A-CP Datasheet HTML 4Page - List of Unclassifed Manufacturers CS8401A-CP Datasheet HTML 5Page - List of Unclassifed Manufacturers CS8401A-CP Datasheet HTML 6Page - List of Unclassifed Manufacturers CS8401A-CP Datasheet HTML 7Page - List of Unclassifed Manufacturers CS8401A-CP Datasheet HTML 8Page - List of Unclassifed Manufacturers CS8401A-CP Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 34 page
background image
CS8401A
VD+
5
+5V
19
GND
18
TXP
TXN
20
17
7
FSYNC
SCK
SDATA
6
8
0.1 uF
14
CS
16
RD/WR
External
Clock
MCK
Audio
Data
Processor
Audio
Data
Processor
or
Micro-
15
INT
A0 - A4
D0 - D7
controller
+5V
5 k
Transmitter
Circuit
See Appendix B
Figure 1. CS8401A Typical Connection Diagram
sckf
t
sfs
t
sss
t
SDATA
SCK
FSYNC
ssh
t
css
t
C,U,V
CS8402A
suh
t
U
SBC
uss
t
sch
t
non-CD mode
CD mode
sfds
t
Serial Input Timing - Master Mode & C, U, V Port
CS8401A CS8402A
DS60F1
5


Podobny numer części - CS8401A-CP

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Pulse A Technitrol Comp...
CS8402 PULSE-CS8402 Datasheet
81Kb / 2P
   TRANSFORMERS FOR DIGITAL AUDIO DATA TRANSMISSION
CS8403 PULSE-CS8403 Datasheet
81Kb / 2P
   TRANSFORMERS FOR DIGITAL AUDIO DATA TRANSMISSION
CS8404 PULSE-CS8404 Datasheet
81Kb / 2P
   TRANSFORMERS FOR DIGITAL AUDIO DATA TRANSMISSION
logo
List of Unclassifed Man...
CS8404A-CS ETC2-CS8404A-CS Datasheet
2Mb / 31P
   SEMICONDUCTORS
logo
Cirrus Logic
CS8405 CIRRUS-CS8405 Datasheet
739Kb / 36P
   96 KHZ DIGITAL AUDIO INTERFACE TRANSMITTER
More results

Podobny opis - CS8401A-CP

ProducentNumer częściArkusz danychSzczegółowy opis
logo
List of Unclassifed Man...
YM3437C ETC-YM3437C Datasheet
969Kb / 11P
   DIGITAL AUDIO INTERFACE TRANSMITTER
logo
STMicroelectronics
STA020 STMICROELECTRONICS-STA020_10 Datasheet
214Kb / 14P
   96kHz DIGITAL AUDIO INTERFACE TRANSMITTER
April 2010
STA020D STMICROELECTRONICS-STA020D_02 Datasheet
130Kb / 11P
   96kHz DIGITAL AUDIO INTERFACE TRANSMITTER
STA020 STMICROELECTRONICS-STA020 Datasheet
94Kb / 12P
   96kHz DIGITAL AUDIO INTERFACE TRANSMITTER
logo
Cirrus Logic
CS8406 CIRRUS-CS8406 Datasheet
629Kb / 43P
   192 KHZ DIGITAL AUDIO INTERFACE TRANSMITTER
CS8406 CIRRUS-CS8406_12 Datasheet
406Kb / 39P
   192 kHz Digital Audio Interface Transmitter
CS8405A CIRRUS-CS8405A_04 Datasheet
630Kb / 37P
   96 kHz Digital Audio Interface Transmitter
CS8406 CIRRUS-CS8406_09 Datasheet
306Kb / 42P
   192 kHz Digital Audio Interface Transmitter
logo
ADTech
ADT5116TA ADTECH-ADT5116TA Datasheet
84Kb / 2P
   transmitter IC for digital audio interface
logo
Cirrus Logic
CS8405A CIRRUS-CS8405A Datasheet
739Kb / 36P
   96 KHZ DIGITAL AUDIO INTERFACE TRANSMITTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com