Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ISL1557 Arkusz danych(PDF) 9 Page - Intersil Corporation

Numer części ISL1557
Szczegółowy opis  Fixed Gain, Dual Port, VDSL2 Line Driver
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  INTERSIL [Intersil Corporation]
Strona internetowa  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL1557 Arkusz danych(HTML) 9 Page - Intersil Corporation

Back Button ISL1557 Datasheet HTML 5Page - Intersil Corporation ISL1557 Datasheet HTML 6Page - Intersil Corporation ISL1557 Datasheet HTML 7Page - Intersil Corporation ISL1557 Datasheet HTML 8Page - Intersil Corporation ISL1557 Datasheet HTML 9Page - Intersil Corporation ISL1557 Datasheet HTML 10Page - Intersil Corporation ISL1557 Datasheet HTML 11Page - Intersil Corporation ISL1557 Datasheet HTML 12Page - Intersil Corporation ISL1557 Datasheet HTML 13Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
ISL1591
9
FN7625.1
October 31, 2012
Typical Performance Curves V
CC = +24V, Rb = 8.25Ω, GND at the Load = 11.6V/V (differential),
RLOAD = 82.5Ω, TA +25°C, C0 = C1, C0 = 0V (Full power) unless otherwise noted.
FIGURE 22. SMALL SIGNAL BW vs SUPPLY VOLTAGE
FIGURE 23. SMALL SIGNAL FREQUENCY RESPONSE vs CLOAD
(AFTER RB)
FIGURE 24. SMALL SIGNAL FREQUENCY RESPONSE vs RLOAD
FIGURE 25. OUTPUT VOLTAGE NOISE
FIGURE 26. VDSL2 17a PROFILE MTBR US2
-6
-3
0
3
6
100k
1M
10M
100M
1G
10V
12V
14V
20V
24V
FREQUENCY (Hz)
12
15
18
21
24
27
30
100k
1M
10M
100M
1G
FREQUENCY (Hz)
CL = 1pF
CL = 5pF
CL = 22pF
-9
-6
-3
0
3
6
100k
1M
10M
100M
1G
FREQUENCY (Hz)
Rb = 8.25Ω with RLOAD = 82.5Ω
Rb = 5.1Ω with RLOAD = 51Ω
51
Ω RLOAD
82.5
Ω RLOAD
0
100
200
300
400
500
600
700
800
900
1k
10k
100k
1M
10M
100M
FREQUENCY (Hz)
ALL POWER MODES
-80
-70
-60
-50
-40
-30
-20
-10
0
10
8.4M
8.9M
9.4M
9.9M
10.4M 10.9M 11.4M 11.9M
FREQUENCY (Hz)
PAR = 6.33
14.5dBm, RL = 51Ω, VS = +14V
AVG. US2 MTBR = -63dBc


Podobny numer części - ISL1557

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Intersil Corporation
ISL1557 INTERSIL-ISL1557 Datasheet
31Kb / 2P
   xDSL Differential Line Driver
ISL1557 INTERSIL-ISL1557 Datasheet
31Kb / 2P
   xDSL Differential Line Driver
ISL1557 INTERSIL-ISL1557 Datasheet
91Kb / 2P
   Dual Port VDSL2 Line Driver
ISL1557 INTERSIL-ISL1557 Datasheet
709Kb / 13P
   Single Port, VDSL2 Differential Line Driver
logo
Renesas Technology Corp
ISL1557 RENESAS-ISL1557 Datasheet
868Kb / 12P
   xDSL Differential Line Driver
More results

Podobny opis - ISL1557

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Renesas Technology Corp
ISL1591 RENESAS-ISL1591 Datasheet
1Mb / 18P
   Fixed Gain, Dual Port, VDSL2 Line Driver
October 31, 2012
logo
Intersil Corporation
ISL1591IRTZ INTERSIL-ISL1591IRTZ Datasheet
938Kb / 18P
   Fixed Gain, Dual Port, VDSL2 Line Driver
October 31, 2012
ISL1539A INTERSIL-ISL1539A Datasheet
91Kb / 2P
   Dual Port VDSL2 Line Driver
logo
Renesas Technology Corp
ISL1539A RENESAS-ISL1539A Datasheet
2Mb / 23P
   Dual Port VDSL2 Line Driver
September 23, 2009
logo
Intersil Corporation
ISL1539AIRZ INTERSIL-ISL1539AIRZ Datasheet
1Mb / 23P
   Dual Port VDSL2 Line Driver
September 23, 2009
logo
Texas Instruments
THS6214 TI-THS6214 Datasheet
1Mb / 41P
[Old version datasheet]   Dual-Port, Differential, VDSL2 Line Driver Amplifiers
THS6204 TI-THS6204 Datasheet
1Mb / 43P
[Old version datasheet]   Dual-Port, Differential VDSL2 Line Driver Amplifiers
THS6204 TI1-THS6204 Datasheet
1Mb / 43P
[Old version datasheet]   Dual-Port, Differential VDSL2 Line Driver Amplifiers
THS6226 TI-THS6226_15 Datasheet
966Kb / 21P
[Old version datasheet]   Gated-Class H, Dual-Port VDSL2 Line Driver
THS6226 TI1-THS6226 Datasheet
693Kb / 20P
[Old version datasheet]   Gated-Class H, Dual-Port VDSL2 Line Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com