Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ISL1536 Arkusz danych(PDF) 10 Page - Intersil Corporation

Numer części ISL1536
Szczegółowy opis  Fixed Gain, Dual Port, VDSL2 Line Driver
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  INTERSIL [Intersil Corporation]
Strona internetowa  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL1536 Arkusz danych(HTML) 10 Page - Intersil Corporation

Back Button ISL1536 Datasheet HTML 6Page - Intersil Corporation ISL1536 Datasheet HTML 7Page - Intersil Corporation ISL1536 Datasheet HTML 8Page - Intersil Corporation ISL1536 Datasheet HTML 9Page - Intersil Corporation ISL1536 Datasheet HTML 10Page - Intersil Corporation ISL1536 Datasheet HTML 11Page - Intersil Corporation ISL1536 Datasheet HTML 12Page - Intersil Corporation ISL1536 Datasheet HTML 13Page - Intersil Corporation ISL1536 Datasheet HTML 14Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
ISL1591
10
FN7625.1
October 31, 2012
Typical Performance Curves V
CC = +24V, Rb = 8.25Ω, GND at the Load = 11.6V/V (differential),
RLOAD = 82.5Ω, TA +25°C, C0 = 3.3V, C1 = 0V (85%power) unless otherwise noted.
FIGURE 27. SMALL SIGNAL BW vs SUPPLY VOLTAGE
FIGURE 28. SMALL SIGNAL FREQUENCY RESPONSE vs CLOAD
(AFTER RB)
FIGURE 29. SMALL SIGNAL FREQUENCY RESPONSE vs RLOAD
FIGURE 30. VDSL2 30a PROFILE MTBR US1
FIGURE 31. VDSL2 30a PROFILE MTBR US2
FIGURE 32. VDSL2 30a PROFILE MTBR US3
-6
-3
0
3
6
100k
1M
10M
100M
1G
10V
12V
14V
20V
24V
FREQUENCY (Hz)
12
15
18
21
24
27
30
100k
1M
10M
100M
1G
CL = 1pF
CL = 5pF
CL = 22pF
CL = 47pF
FREQUENCY (Hz)
-6
-3
0
3
6
100k
1M
10M
100M
1G
FREQUENCY (Hz)
Rb = 8.25Ω with RLOAD = 82.5Ω
Rb = 5.1Ω with RLOAD = 51Ω
51
Ω RLOAD
82.5
Ω RLOAD
-40
-30
-20
-10
0
10
-90
-80
-70
-60
-50
37M
39M
41M
43M
45M
47M
49M
51M
FREQUENCY (Hz)
14.5dBm, PAR = 6.08
Avg US1 MTBR = -64dBc
FULL POWER MODE
FREQUENCY (Hz)
83M
93M
103M
113M
123M
133M
-40
-30
-20
-10
0
10
-90
-80
-70
-60
-50
14.5dBm, PAR = 6.08
Avg US2 MTBR = -62dBc
FULL POWER MODE
-90
-80
-70
-60
-50
-40
-30
-20
-10
10
21M
22M
23M
24M
25M
FREQUENCY (Hz)
0
14.5dBm, PAR = 6.08
Avg US3 MTBR = -60dBc
FULL POWER MODE


Podobny numer części - ISL1536

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Intersil Corporation
ISL1536 INTERSIL-ISL1536 Datasheet
91Kb / 2P
   Dual Port VDSL2 Line Driver
ISL1536 INTERSIL-ISL1536 Datasheet
134Kb / 2P
   Dual Channel Central Office ADSL2 Line Driver
logo
Renesas Technology Corp
ISL1536 RENESAS-ISL1536 Datasheet
612Kb / 9P
   Dual Channel Central Office ADSL2 Line Driver
logo
Intersil Corporation
ISL1536 INTERSIL-ISL1536 Datasheet
356Kb / 9P
   Dual Channel Central Office ADSL2 Line Driver
February 15, 2013
logo
Renesas Technology Corp
ISL1536 RENESAS-ISL1536 Datasheet
2Mb / 23P
   Dual Port VDSL2 Line Driver
September 23, 2009
More results

Podobny opis - ISL1536

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Renesas Technology Corp
ISL1591 RENESAS-ISL1591 Datasheet
1Mb / 18P
   Fixed Gain, Dual Port, VDSL2 Line Driver
October 31, 2012
logo
Intersil Corporation
ISL1591IRTZ INTERSIL-ISL1591IRTZ Datasheet
938Kb / 18P
   Fixed Gain, Dual Port, VDSL2 Line Driver
October 31, 2012
ISL1539A INTERSIL-ISL1539A Datasheet
91Kb / 2P
   Dual Port VDSL2 Line Driver
logo
Renesas Technology Corp
ISL1539A RENESAS-ISL1539A Datasheet
2Mb / 23P
   Dual Port VDSL2 Line Driver
September 23, 2009
logo
Intersil Corporation
ISL1539AIRZ INTERSIL-ISL1539AIRZ Datasheet
1Mb / 23P
   Dual Port VDSL2 Line Driver
September 23, 2009
logo
Texas Instruments
THS6214 TI-THS6214 Datasheet
1Mb / 41P
[Old version datasheet]   Dual-Port, Differential, VDSL2 Line Driver Amplifiers
THS6204 TI-THS6204 Datasheet
1Mb / 43P
[Old version datasheet]   Dual-Port, Differential VDSL2 Line Driver Amplifiers
THS6204 TI1-THS6204 Datasheet
1Mb / 43P
[Old version datasheet]   Dual-Port, Differential VDSL2 Line Driver Amplifiers
THS6226 TI-THS6226_15 Datasheet
966Kb / 21P
[Old version datasheet]   Gated-Class H, Dual-Port VDSL2 Line Driver
THS6226 TI1-THS6226 Datasheet
693Kb / 20P
[Old version datasheet]   Gated-Class H, Dual-Port VDSL2 Line Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com