Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ISL1591IRTZ-EVALZ Arkusz danych(PDF) 5 Page - Intersil Corporation

Numer części ISL1591IRTZ-EVALZ
Szczegółowy opis  Fixed Gain, Dual Port, VDSL2 Line Driver
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  INTERSIL [Intersil Corporation]
Strona internetowa  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL1591IRTZ-EVALZ Arkusz danych(HTML) 5 Page - Intersil Corporation

  ISL1591IRTZ-EVALZ Datasheet HTML 1Page - Intersil Corporation ISL1591IRTZ-EVALZ Datasheet HTML 2Page - Intersil Corporation ISL1591IRTZ-EVALZ Datasheet HTML 3Page - Intersil Corporation ISL1591IRTZ-EVALZ Datasheet HTML 4Page - Intersil Corporation ISL1591IRTZ-EVALZ Datasheet HTML 5Page - Intersil Corporation ISL1591IRTZ-EVALZ Datasheet HTML 6Page - Intersil Corporation ISL1591IRTZ-EVALZ Datasheet HTML 7Page - Intersil Corporation ISL1591IRTZ-EVALZ Datasheet HTML 8Page - Intersil Corporation ISL1591IRTZ-EVALZ Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
ISL1591
5
FN7625.1
October 31, 2012
VIL
Logic Low Voltage
C0 and C1 inputs
0.8
V
IIH0 , IIH1
Logic High Current for C0, C1
C0 = 3.3V, C1 = 3.3V
-7.5
1
+7.5
µA
IIL0, IIL1
Logic Low Current for C0, C1
C0 = 0V, C1 = 0V
-17
-13
-10
µA
SUPPLY CHARACTERISTICS
Maximum Operating Supply
Voltage
+25.2
V
Minimum Operating Supply
Voltage
+14
V
IS+ (Full Power)
Positive Supply Current per Port
All outputs at VCM, C0 = C1 = 0V, +VS = 24V
13
14
14.9
mA
+VS = 14V
9.7
10.8
12
mA
IS+ (Medium)
Positive Supply Current per Port
All outputs at VCM, C0 = 3.3V, C1 = 0V,
+VS =24V
9.1
9.7
10.5
mA
+VS = 14V
6.7
7.2
8.0
mA
IS+ (Low)
Positive Supply Current per Port
All outputs at VCM, C0 = 0V, C1 = 3.3V,
+VS =24V
6.8
7.4
8.1
mA
+VS = 14V
5.0
5.4
6.1
mA
IS+ (Power-down)
Positive Supply Current per Port
All outputs at VCM, C0 = C1 = 3.3V,
+VS =24V
0.4
0.5
0.65
mA
+VS = 14V
0.3
0.4
0.5
mA
OUTPUT CHARACTERISTICS
VOUT
Output Swing
RL-DIFF = No Load
+22
+22.4
V
Lightly Loaded Output Swing
RL-DIFF = 100Ω
+20.2
+21.2
V
IOL
Linear Output Current
RL = 25Ω, f = 100kHz, THD = -60dBc
±360
mA
IOUT
Peak Output Current
VOUT = ±1V, RL = 1Ω
±600
mA
VOS-OUT
Differential Output Offset Voltage
-150
25
+150
mV
VOS-CM
Common Mode Output Offset
Voltage
-50
-20
+50
mV
INPUT CHARACTERISTICS
CMIR
Common Mode Input Range at
each of the 4 Non-Inverting Input
Pins
+4.5
+19.5
V
CMRR
Common Mode Rejections for
each Port. VCM = +4.5V to +19.5V
VCM to Differential Mode Output (Input
Referred), DC
66
dB
VCM to Commonl Mode Output (Output
Referred), DC
55
dB
PSRR
Power Supply Rejections for each
Port to Differential Output (Input
Referred)
+VS = +15V to +24V, GND = 0V, DC
66
dB
Power Supply Rejections for each
Port to Common Mode Output
(Output Referred)
+VS = +15V to +24V, GND = 0V, DC
58
dB
RIN
Input Resistance
Differential
6.0
k
Ω
NOTE:
6. Compliance to datasheet limits is assured by one or more methods: production test, characterization and/or design.
Electrical Specifications VS = +24V, RL= 82.6Ω differential, C0 = C1 = 0V, TA = +25°C. Amplifier pairs tested separately,
unless otherwise indicated. (Continued)
PARAMETER
DESCRIPTION
CONDITIONS
MIN
(Note 6)
TYP
MAX
(Note 6)
UNIT


Podobny numer części - ISL1591IRTZ-EVALZ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Intersil Corporation
ISL1591IRTZ-EVALZ INTERSIL-ISL1591IRTZ-EVALZ Datasheet
938Kb / 18P
   Fixed Gain, Dual Port, VDSL2 Line Driver
October 31, 2012
More results

Podobny opis - ISL1591IRTZ-EVALZ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Renesas Technology Corp
ISL1591 RENESAS-ISL1591 Datasheet
1Mb / 18P
   Fixed Gain, Dual Port, VDSL2 Line Driver
October 31, 2012
logo
Intersil Corporation
ISL1591IRTZ INTERSIL-ISL1591IRTZ Datasheet
938Kb / 18P
   Fixed Gain, Dual Port, VDSL2 Line Driver
October 31, 2012
ISL1539A INTERSIL-ISL1539A Datasheet
91Kb / 2P
   Dual Port VDSL2 Line Driver
logo
Renesas Technology Corp
ISL1539A RENESAS-ISL1539A Datasheet
2Mb / 23P
   Dual Port VDSL2 Line Driver
September 23, 2009
logo
Intersil Corporation
ISL1539AIRZ INTERSIL-ISL1539AIRZ Datasheet
1Mb / 23P
   Dual Port VDSL2 Line Driver
September 23, 2009
logo
Texas Instruments
THS6214 TI-THS6214 Datasheet
1Mb / 41P
[Old version datasheet]   Dual-Port, Differential, VDSL2 Line Driver Amplifiers
THS6204 TI-THS6204 Datasheet
1Mb / 43P
[Old version datasheet]   Dual-Port, Differential VDSL2 Line Driver Amplifiers
THS6204 TI1-THS6204 Datasheet
1Mb / 43P
[Old version datasheet]   Dual-Port, Differential VDSL2 Line Driver Amplifiers
THS6226 TI-THS6226_15 Datasheet
966Kb / 21P
[Old version datasheet]   Gated-Class H, Dual-Port VDSL2 Line Driver
THS6226 TI1-THS6226 Datasheet
693Kb / 20P
[Old version datasheet]   Gated-Class H, Dual-Port VDSL2 Line Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com