Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ISL58781 Arkusz danych(PDF) 4 Page - Intersil Corporation

Numer części ISL58781
Szczegółowy opis  Laser Diode Driver with Serial Control and Write Current DAC
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  INTERSIL [Intersil Corporation]
Strona internetowa  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL58781 Arkusz danych(HTML) 4 Page - Intersil Corporation

  ISL58781 Datasheet HTML 1Page - Intersil Corporation ISL58781 Datasheet HTML 2Page - Intersil Corporation ISL58781 Datasheet HTML 3Page - Intersil Corporation ISL58781 Datasheet HTML 4Page - Intersil Corporation ISL58781 Datasheet HTML 5Page - Intersil Corporation ISL58781 Datasheet HTML 6Page - Intersil Corporation ISL58781 Datasheet HTML 7Page - Intersil Corporation ISL58781 Datasheet HTML 8Page - Intersil Corporation ISL58781 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
4
FN6909.3
December 3, 2015
Submit Document Feedback
IMPORTANT NOTE: All parameters having Min/Max specifications are guaranteed. Typical values are for information purposes only. Unless
otherwise noted, all tests are at the specified temperature and are pulsed tests, therefore: TJ = TC = TA
Absolute Maximum Ratings (TA = +25°C)
Thermal Information
VSO, Supply Voltages . . . . . . . . . . . . . . . . . . . . . . . . . . 6V
IBLUE, Voltage at IBLUE . . . . . . . . . . . . . . . . . . . . . . . . 7V
IOUT1,2, Output Current . . . . . . . . . . . . . . . . . . 1000mApk
IBLUE, Output Current. . . . . . . . . . . . . . . . . . . . . 600mApk
VIN, Logic Input Voltages . . . . . . . . . . . -0.5V to VSO +0.5V
IIN, Current into RSET, RFREQ, IAPC. . . . . . . . . . . . . . . .5mA
ESD Rating
Human Body Model . . . . . . . . . . . . . . . . . . . . . . . 2500V
Thermal Resistance (Typical)
JA (°C/W) JC (°C/W)
28 Lead QFN (Notes 4, 5) . . . . . . .
37
2.9
PD, Maximum Power Dissipation . . . . .see curves on page 12
TS, Storage Temperature Range . . . . . . . . -60°C to +150°C
Pb-Free Reflow Profile . . . . . . . . . . . . . . . . . .see link below
http://www.intersil.com/pbfree/Pb-FreeReflow.asp
Operating Conditions
TA, Ambient Temperature Range . . . . . . . . . -10°C to +85°C
TJ, Junction Temperature Range . . . . . . . . -10°C to +150°C
CAUTION: Do not operate at or near the maximum ratings listed for extended periods of time. Exposure to such conditions may adversely impact
product reliability and result in failures not covered by warranty.
NOTES:
4. JA is measured with the component mounted on a high effective thermal conductivity test board in free air. See Tech Brief
TB379 for details.
5. For JC, the “case temp” location is the center of the exposed metal pad on the package underside.
Electrical Specifications Unless otherwise indicated, all of the following tables are: VSO = VHI = 5V, RSET = 620,
RFREQ = 4.7k, RLOAD-IOUT1/2 = 8 to GND, RLOAD-BLUE = 10 to VHI, PMAX = 0x3FF,
Reg 1 21 = 88h, Reg x-00 bit6 = 0b, TA =+25°C.
PARAMETER
DESCRIPTION
MIN TYP MAX UNIT
DC ELECTRICAL SPECIFICATIONS
VSO
(Notes 6, 7)
4.5
5.7
V
VIBLUE
IBLUE pin; RLOAD = 10
7.0
V
IVSO
Supply Current (No Current Output)
25
35
mA
IS, dis(nom)
Supply Current, Disable Mode
3.5
6
mA
IS, dis(high)
Supply Current; VSO = 5.5V, Disable Mode
3.9
7
mA
VSO, good
VSO Voltage above which STATUS: VDDOK = 1
2.9
3.5
V
IBLUE-LEAK(SEL)
VIBLUE = 7.0V; IBLUE is selected
150
400
µA
IBLUE-LEAK(DE-SEL)
VIBLUE = 7.0V; IBLUE is not selected
1.1
1.6
mA
VIH
Input Logic High Level
2.0
V
VIL
Input Logic Low Level
0.8
V
VOH
SDIO High Level, IL = -5mA
2.4
V
VOL
SDIO Low Level, IL = 5mA
0.4
V
IINH
Logic Input Current High Level
-15
+10
µA
IINL
Logic Input Current Low Level
-15
+10
µA
NOTES:
6. Required voltage at the device pins. Allowance must be made for any voltage drop between the power supply and the device.
7. Required voltage also depends on laser diode manufacturer and pickup optical efficiency. Also, see ROUT spec of WDAC.
ISL58781


Podobny numer części - ISL58781

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Renesas Technology Corp
ISL58781 RENESAS-ISL58781 Datasheet
822Kb / 15P
   Laser Diode Driver with Serial Control and Write Current DAC
December 3, 2015
ISL58781CRZ-T13 RENESAS-ISL58781CRZ-T13 Datasheet
822Kb / 15P
   Laser Diode Driver with Serial Control and Write Current DAC
December 3, 2015
More results

Podobny opis - ISL58781

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Intersil Corporation
ISL58792 INTERSIL-ISL58792 Datasheet
458Kb / 16P
   Laser Diode Driver with Serial Control and Write Current DAC
logo
Renesas Technology Corp
ISL58792 RENESAS-ISL58792 Datasheet
788Kb / 16P
   Laser Diode Driver with Serial Control and Write Current DAC
ISL58781 RENESAS-ISL58781 Datasheet
822Kb / 15P
   Laser Diode Driver with Serial Control and Write Current DAC
December 3, 2015
ISL58797 RENESAS-ISL58797 Datasheet
195Kb / 2P
   Laser Diode Driver with Write Current DAC and PDIC Control Outputs
logo
Intersil Corporation
ISL58797 INTERSIL-ISL58797 Datasheet
116Kb / 2P
   Laser Diode Driver with Write Current DAC and PDIC Control Outputs
logo
Renesas Technology Corp
ISL58797 RENESAS-ISL58797_V01 Datasheet
207Kb / 2P
   Laser Diode Driver with Write Current DAC and PDIC Control Outputs
April 26, 2012
logo
Analog Devices
AD9661A AD-AD9661A Datasheet
174Kb / 12P
   Laser Diode Driver with Light Power Control
REV. 0
logo
Vitesse Semiconductor C...
VSC7938 VITESSE-VSC7938 Datasheet
213Kb / 16P
   Laser Diode Driver with Automatic Power Control
logo
Analog Devices
AD9661A AD-AD9661A_15 Datasheet
626Kb / 12P
   Laser Diode Driver with Light Power Control
REV. 0
logo
Vitesse Semiconductor C...
VSC7939 VITESSE-VSC7939 Datasheet
226Kb / 18P
   Laser Diode Driver with Automatic Power Control
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com