Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ISL58831CRZ-T13 Arkusz danych(PDF) 1 Page - Intersil Corporation

Numer części ISL58831CRZ-T13
Szczegółowy opis  Dual Laser Driver with APC Amplifier and Spread Spectrum Oscillator
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  INTERSIL [Intersil Corporation]
Strona internetowa  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL58831CRZ-T13 Arkusz danych(HTML) 1 Page - Intersil Corporation

  ISL58831CRZ-T13 Datasheet HTML 1Page - Intersil Corporation ISL58831CRZ-T13 Datasheet HTML 2Page - Intersil Corporation ISL58831CRZ-T13 Datasheet HTML 3Page - Intersil Corporation ISL58831CRZ-T13 Datasheet HTML 4Page - Intersil Corporation ISL58831CRZ-T13 Datasheet HTML 5Page - Intersil Corporation ISL58831CRZ-T13 Datasheet HTML 6Page - Intersil Corporation ISL58831CRZ-T13 Datasheet HTML 7Page - Intersil Corporation ISL58831CRZ-T13 Datasheet HTML 8Page - Intersil Corporation ISL58831CRZ-T13 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
1
DATASHEET
Dual Laser Driver with APC Amplifier and Spread
Spectrum Oscillator
ISL58831
The ISL58831 is a combination read + 3 write level laser driver
and IV amplifier, with an extra read + oscillator ROM channel
for use in dual-laser ‘Combo’ drivers. A separate (amplitude
and frequency) oscillator modulates the selected output for
laser noise reduction during read or write. All these functions
are provided in a 24 Ld QFN package.
The SEL1 pin, when high, selects the DVD (write) laser. Positive
current supplied to the IIN lines, through a user-selected
resistor, allow the full-scale range of each amplifier to be
matched to the full-scale range of the users control DACs.
When the write laser is selected, and the WEN pins are
switched low, the respective current is summed to the output
with 1ns rise and fall times. Write channel 2 has 240mA
output capability with an 250X gain amplifier.
The 100mAP-P (maximum) oscillator is switched on and off by
the OSCEN line. The SEL1 line allows the oscillator to operate
at different amplitudes and frequencies for each laser.
The entire chip is powered down when ENABLE is low. The user
can define the gain of the I/V amplifier. With a slew rate of
200V/µs, the I/V amplifier can normally settle to 1% within
30ns.
An internal spread spectrum circuit modulates the oscillator
frequency to help reduce peak EMI.
Features
• “Shrink-small” outline package
• Voltage-controlled output current source requiring one
external set resistor per channel
• Current-controlled output current source
• CH2 to 235mA maximum
• CH3 to 170mA maximum
• CH4 to 100mA maximum
• Rise time = 0.8ns
• Fall time = 0.8ns
• On-chip oscillator with frequency and amplitude control by
use of external resistors to ground
• Oscillator to 600MHz
• Oscillator to 100mAP-P
• Single +5V supply (±10%)
• Disable feature for power-up protection and power savings
• 200V/µs I/V amplifier
• Internal spread spectrum modulation to reduce peak EMI
• Pb-free (RoHS compliant)
Applications
•Combo CD-R + DVD-R
•DVD±RW to 8X
• Writable optical disk drives
Data Sheet
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 1-888-468-3774
| Copyright Intersil Americas LLC 2006, 2016. All Rights Reserved
Intersil (and design) is a trademark owned by Intersil Corporation or one of its subsidiaries.
All other trademarks mentioned are the property of their respective owners.
January 28, 2016
FN7440.1


Podobny numer części - ISL58831CRZ-T13

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Renesas Technology Corp
ISL58831CRZ-T13 RENESAS-ISL58831CRZ-T13 Datasheet
687Kb / 12P
   Dual Laser Driver with APC Amplifier and Spread Spectrum Oscillator
Jan 28, 2016
More results

Podobny opis - ISL58831CRZ-T13

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Renesas Technology Corp
ISL58831 RENESAS-ISL58831 Datasheet
687Kb / 12P
   Dual Laser Driver with APC Amplifier and Spread Spectrum Oscillator
Jan 28, 2016
logo
Elantec Semiconductor
EL6258C ELANTEC-EL6258C Datasheet
135Kb / 2P
   3-Channel Laser Driver Oscillator APC Amplifier
logo
ECS, Inc.
ECS-3250SS ECS-ECS-3250SS Datasheet
203Kb / 2P
   SPREAD SPECTRUM OSCILLATOR
logo
Elantec Semiconductor
EL6241C ELANTEC-EL6241C Datasheet
138Kb / 2P
   Dual Laser Driver with APC Amp
EL6240C ELANTEC-EL6240C Datasheet
138Kb / 2P
   Dual Laser Driver with APC Amp
EL6280C ELANTEC-EL6280C Datasheet
136Kb / 2P
   Dual Laser Driver with APC Amp
EL6270C ELANTEC-EL6270C Datasheet
37Kb / 2P
   Laser Driver with Ocillator and APC
EL6273C ELANTEC-EL6273C Datasheet
135Kb / 2P
   3-Channel Laser Diode Driver w/Oscillator & APC Amplifier
EL6242C ELANTEC-EL6242C Datasheet
140Kb / 2P
   3-Channel Laser Diode Driver w/Oscillator & APC Amplifier
EL6245C ELANTEC-EL6245C Datasheet
135Kb / 2P
   3-Channel Laser Diode Driver w/Oscillator & APC Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com