Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

HCPL-270L060 Arkusz danych(PDF) 9 Page - Agilent(Hewlett-Packard)

Numer części HCPL-270L060
Szczegółowy opis  Low Input Current High Gain LVTTL/LVCMOS Compatible 3.3 V Optocouplers
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  HP [Agilent(Hewlett-Packard)]
Strona internetowa  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HCPL-270L060 Arkusz danych(HTML) 9 Page - Agilent(Hewlett-Packard)

Back Button HCPL-270L060 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HCPL-270L060 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HCPL-270L060 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HCPL-270L060 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HCPL-270L060 Datasheet HTML 8Page - Agilent(Hewlett-Packard) HCPL-270L060 Datasheet HTML 9Page - Agilent(Hewlett-Packard) HCPL-270L060 Datasheet HTML 10Page - Agilent(Hewlett-Packard) HCPL-270L060 Datasheet HTML 11Page - Agilent(Hewlett-Packard) HCPL-270L060 Datasheet HTML 12Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
9
Package Characteristics
Parameter
Sym.
Device HCPL- Min.
Typ.* Max.
Units
Test Conditions
Fig.
Note
Input-Output
VISO
2500
V rms
RH
≤ 50%,
4, 9
Momentary
t = 1 min.,
Withstand
TA = 25˚C
Voltage**
Resistance
RI-O
1012
VI-O = 500 Vdc
4
(Input-Output)
RH
≤ 45%
Capacitance
CI-O
0.6
pF
f = 1 MHz
11
(Input-Output)
Input-Input
II-I
0.005
µA
RH
≤ 45%
5
Insulation
VI-I = 500 Vdc
Leakage Current
Input-Input
RI-I
1011
5
Insulation
Leakage Current
Capacitance
CI-I
2730
0.03
pF
5
(Input-Input)
2731
0730
0.25
0731
*All typical values at TA = 25˚C, unless otherwise noted.
**The Input-Output Momentary Withstand Voltage is a dielectric voltage rating that should not be interpreted as an input-output continuous
voltage rating. For the continuous voltage rating refer to the VDE 0884 Insulation Characteristics Table (if applicable), your equipment level
safety specification or Agilent Application Note 1074 entitled "Optocoupler Input-Output Endurance Voltage."
Notes:
1. Pin 5 should be the most negative voltage at the detector side.
2. Each channel.
3. DC CURRENT TRANSFER RATIO (CTR) is defined as the ratio of output collector current, IO, to the forward LED input current, IF, times 100%.
4. Device considered a two-terminal device: pins 1, 2, 3, and 4 shorted together, and pins 5, 6, 7, and 8 shorted together.
5. Measured between pins 1 and 2 shorted together, and pins 3 and 4 shorted together.
6. Common mode transient immunity in a Logic High level is the maximum tolerable (positive) dVCM/dt of the common mode pulse, VCM, to
assure that the output will remain in a Logic High state (i.e., VO > 2.0 V). Common mode transient immunity in a Logic Low level is the
maximum tolerable (negative) dVCM/dt of the common mode pulse, VCM, to assure that the output will remain in a Logic Low state
(i.e., VO < 0.8 V).
7. In applications where dV/dt may exceed 50,000 V/
µs (such as static discharge) a series resistor, RCC, should be included to protect the
detector IC from destructively high surge currents. The recommended value is RCC = 110 Ω.
8. Use of a 0.1
µF bypass capacitor connected between pins 5 and 8 adjacent to the device is recommended.
9. In accordance with UL 1577, each optocoupler is proof tested by applying an insulation test voltage > 3000 V rms for 1 second (leakage
detection current limit, II-O < 5 µA).
10. In accordance with UL 1577, each optocoupler is proof tested by applying an insulation test voltage > 6000 V rms for 1 second (leakage
detection current limit, II-O < 5 µA).
11. Measured between the LED anode and cathode shorted together and pins 5 through 8 shorted together.
12. Derate linearly above 65˚C free-air temperature at a rate of 2.3 mW/˚C for the SO-8 package.


Podobny numer części - HCPL-270L060

ProducentNumer częściArkusz danychSzczegółowy opis
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-270L AVAGO-HCPL-270L Datasheet
250Kb / 12P
   Low Input Current, High Gain, LVTTL/LVCMOS Compatbie Optocouplers
HCPL-270L AVAGO-HCPL-270L Datasheet
250Kb / 12P
   Low Input Current, High Gain, LVTTL/LVCMOS Compatible Optocouplers
logo
Broadcom Corporation.
HCPL-270L BOARDCOM-HCPL-270L Datasheet
101Kb / 2P
   Optocoupler Option 020 for 5000 V rms/1 Minute Requirement
More results

Podobny opis - HCPL-270L060

ProducentNumer częściArkusz danychSzczegółowy opis
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-070L-500E AVAGO-HCPL-070L-500E Datasheet
250Kb / 12P
   Low Input Current, High Gain, LVTTL/LVCMOS Compatible Optocouplers
logo
Fairchild Semiconductor
FOD070L FAIRCHILD-FOD070L Datasheet
352Kb / 17P
   LVTTL/LVCMOS COMPATIBLE LOW INPUT CURRENT HIGH GAIN SPLIT DARLINGTON OPTOCOUPLERS
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-270L AVAGO-HCPL-270L Datasheet
250Kb / 12P
   Low Input Current, High Gain, LVTTL/LVCMOS Compatbie Optocouplers
HCPL-050L AVAGO-HCPL-050L Datasheet
281Kb / 12P
   LVTTL/LVCMOS Compatible 3.3 V Optocouplers (1 Mb/s)
logo
Agilent(Hewlett-Packard...
HCPL-050L HP-HCPL-050L Datasheet
87Kb / 11P
   LVTTL/LVCMOS Compatible 3.3 V Optocouplers (1 Mb/s)
logo
Fairchild Semiconductor
FOD073L FAIRCHILD-FOD073L_09 Datasheet
291Kb / 12P
   LVTTL/LVCMOS Compatible Low Input Current High Gain Split Darlington Optocoupler
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-060L-000E AVAGO-HCPL-060L-000E Datasheet
333Kb / 19P
   High Speed LVTTL Compatible 3.3 Volt Optocouplers
HCPL-060L-500E AVAGO-HCPL-060L-500E Datasheet
333Kb / 19P
   High Speed LVTTL Compatible 3.3 Volt Optocouplers
HCPL-260L-000E AVAGO-HCPL-260L-000E Datasheet
216Kb / 20P
   High Speed LVTTL Compatible 3.3 Volt Optocouplers
logo
Agilent(Hewlett-Packard...
HCPL260L HP-HCPL260L Datasheet
187Kb / 14P
   High Speed LVTTL Compatible 3.3 Volt Optocouplers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com