Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LC87F1A32AUWA-2H Arkusz danych(PDF) 3 Page - ON Semiconductor

Numer części LC87F1A32AUWA-2H
Szczegółowy opis  8-bit Microcontroller
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ONSEMI [ON Semiconductor]
Strona internetowa  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LC87F1A32AUWA-2H Arkusz danych(HTML) 3 Page - ON Semiconductor

  LC87F1A32AUWA-2H Datasheet HTML 1Page - ON Semiconductor LC87F1A32AUWA-2H Datasheet HTML 2Page - ON Semiconductor LC87F1A32AUWA-2H Datasheet HTML 3Page - ON Semiconductor LC87F1A32AUWA-2H Datasheet HTML 4Page - ON Semiconductor LC87F1A32AUWA-2H Datasheet HTML 5Page - ON Semiconductor LC87F1A32AUWA-2H Datasheet HTML 6Page - ON Semiconductor LC87F1A32AUWA-2H Datasheet HTML 7Page - ON Semiconductor LC87F1A32AUWA-2H Datasheet HTML 8Page - ON Semiconductor LC87F1A32AUWA-2H Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 26 page
background image
LC87F1A32A
No.A0704-3/26
SIO
 SIO0: Synchronous serial interface
1) LSB first/MSB first mode selectable
2) Transfer clock cycle: 4/3 to 512/3 tCYC
3) Automatic continuous data transmission (1 to 256 bits, specifiable in 1 bit units, suspension and resumption of
data transmission possible in 1 byte units)
 SIO1: 8-bit asynchronous/synchronous serial interface
Mode 0: Synchronous 8-bit serial I/O (2- or 3-wire configuration, 2 to 512 tCYC transfer clocks)
Mode 1: Asynchronous serial I/O (half-duplex, 8 data bits, 1 stop bit, 8 to 2048 tCYC baudrates)
Mode 2: Bus mode 1 (start bit, 8 data bits, 2 to 512 tCYC transfer clocks)
Mode 3: Bus mode 2 (start detect, 8 data bits, stop detect)
 SIO4: Synchronous serial interface
1) LSB first/MSB first mode selectable
2) Transfer clock cycle: 4/3 to 1020/3 tCYC
3) Automatic continuous data transmission (1 to 2048 bytes, specifiable in 1 byte units, suspension and resumption
of data transmission possible in 1 byte or 2 bytes units)
4) Auto-start-on-falling-edge function
5) Clock polarity selectable
6) CRC16 calculator circuit built in
Full Duplex UART
1) Data length: 7/8/9 bits selectable
2) Stop bits: 1 bit (2 bits in continuous transmission mode)
3) Baud rate: 16/3 to 8192/3 tCYC
AD Converter: 12 bits
 12 channels
 12-/8-bit resolution selectable AD converter
 Reference-voltage automatic generation control
PWM: Multifrequency 12-bit PWM
 2 channels
Infrared Remote Controller Receiver Circuit
1) Noise rejection function (noise filter time constant: Approx. 120
s when the 32.768kHz crystal oscillator is
selected as the reference voltage source)
2) Supports data encoding systems such as PPM (Pulse Position Modulation) and Manchester encoding
3) X'tal HOLD mode release function
USB Interface (function controller)
Compliant with USB 2.0 Full-Speed
Supports a maximum of 4 user-defined endpoints.
Endpoint
EP0
EP1
EP2
EP3
EP4
Transfer
Type
Control
-
-
-
-
Bulk
-
Interrupt
-
Isochronous
-
Max. payload
64
64
64
64
64
Watchdog Timer
 External RC watchdog timer
 Interrupt and reset signals selectable
Clock Output Function
1) Able to output selected oscillation clock 1/1, 1/2, 1/4, 1/8, 1/16, 1/32, 1/64 as system clock.
2) Able to output oscillation clock of sub clock.


Podobny numer części - LC87F1A32AUWA-2H

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sanyo Semicon Device
LC87F1A32A SANYO-LC87F1A32A Datasheet
175Kb / 26P
   CMOS IC FROM 32K byte, RAM 2048K byte on-chip 8-bit 1-chip Microcontroller with Full-Speed USB
LC87F1A32A SANYO-LC87F1A32A Datasheet
181Kb / 26P
   8-bit 1-chip Microcontroller with Full-Speed USB
LC87F1A32A SANYO-LC87F1A32A_09 Datasheet
181Kb / 26P
   8-bit 1-chip Microcontroller with Full-Speed USB
More results

Podobny opis - LC87F1A32AUWA-2H

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Winbond
W78E54B WINBOND-W78E54B Datasheet
168Kb / 21P
   8-BIT MICROCONTROLLER
logo
ELAN Microelectronics C...
EM78P870 EMC-EM78P870 Datasheet
313Kb / 48P
   8 BIT MICROCONTROLLER
logo
Texas Instruments
TMS370CXCX TI-TMS370CXCX Datasheet
860Kb / 63P
[Old version datasheet]   8-BIT MICROCONTROLLER
logo
Winbond
W78C52D WINBOND-W78C52D Datasheet
255Kb / 18P
   8-BIT MICROCONTROLLER
W78L54 WINBOND-W78L54 Datasheet
20Kb / 2P
   8-BIT MICROCONTROLLER
logo
AMIC Technology
A8032 AMICC-A8032 Datasheet
267Kb / 12P
   8 Bit Microcontroller
logo
NXP Semiconductors
PCF84C12A PHILIPS-PCF84C12A Datasheet
89Kb / 16P
   8-bit microcontroller
1998 May 11
logo
Holtek Semiconductor In...
HT48C50- HOLTEK-HT48C50- Datasheet
295Kb / 45P
   8-Bit Microcontroller
HT48CA0 HOLTEK-HT48CA0 Datasheet
699Kb / 36P
   8-bit Microcontroller
logo
List of Unclassifed Man...
W78ERD2 ETC2-W78ERD2 Datasheet
1Mb / 76P
   8-BIT MICROCONTROLLER
W77E516A ETC2-W77E516A Datasheet
1Mb / 92P
   8-BIT MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com