Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MC14017B Arkusz danych(PDF) 1 Page - ON Semiconductor

Numer części MC14017B
Szczegółowy opis  Decade Counter
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ONSEMI [ON Semiconductor]
Strona internetowa  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC14017B Arkusz danych(HTML) 1 Page - ON Semiconductor

  MC14017B_14 Datasheet HTML 1Page - ON Semiconductor MC14017B_14 Datasheet HTML 2Page - ON Semiconductor MC14017B_14 Datasheet HTML 3Page - ON Semiconductor MC14017B_14 Datasheet HTML 4Page - ON Semiconductor MC14017B_14 Datasheet HTML 5Page - ON Semiconductor MC14017B_14 Datasheet HTML 6Page - ON Semiconductor MC14017B_14 Datasheet HTML 7Page - ON Semiconductor MC14017B_14 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
© Semiconductor Components Industries, LLC, 2014
August, 2014 − Rev. 9
1
Publication Order Number:
MC14017B/D
MC14017B
Decade Counter
The MC14017B is a five−stage Johnson decade counter with
built−in code converter. High speed operation and spike−free outputs
are obtained by use of a Johnson decade counter design. The ten
decoded outputs are normally low, and go high only at their
appropriate decimal time period. The output changes occur on the
positive−going edge of the clock pulse. This part can be used in
frequency division applications as well as decade counter or decimal
decode display applications.
Features
Fully Static Operation
DC Clock Input Circuit Allows Slow Rise Times
Carry Out Output for Cascading
Divide−by−N Counting
Supply Voltage Range = 3.0 Vdc to 18 Vdc
Capable of Driving Two Low−Power TTL Loads or One Low−Power
Schottky TTL Load Over the Rated Temperature Range
Pin−for−Pin Replacement for CD4017B
Triple Diode Protection on All Inputs
NLV Prefix for Automotive and Other Applications Requiring
Unique Site and Control Change Requirements; AEC−Q100
Qualified and PPAP Capable
This Device is Pb−Free and is RoHS Compliant
MAXIMUM RATINGS (Voltages Referenced to VSS)
Symbol
Parameter
Value
Unit
VDD
DC Supply Voltage Range
−0.5 to +18.0
V
Vin, Vout
Input or Output Voltage Range
(DC or Transient)
−0.5 to VDD + 0.5
V
Iin, Iout
Input or Output Current
(DC or Transient) per Pin
±10
mA
PD
Power Dissipation, per Package
(Note 1)
500
mW
TA
Ambient Temperature Range
−55 to +125
°C
Tstg
Storage Temperature Range
−65 to +150
°C
TL
Lead Temperature
(8−Second Soldering)
260
°C
Stresses exceeding those listed in the Maximum Ratings table may damage the
device. If any of these limits are exceeded, device functionality should not be
assumed, damage may occur and reliability may be affected.
1. Temperature Derating: “D/DW” Packages: –7.0 mW/
_C From 65_C To 125_C
This device contains protection circuitry to guard against damage due to high
static voltages or electric fields. However, precautions must be taken to avoid
applications of any voltage higher than maximum rated voltages to this
high−impedance circuit. For proper operation, Vin and Vout should be constrained
to the range VSS ≤ (Vin or Vout) ≤ VDD.
Unused inputs must always be tied to an appropriate logic voltage level
(e.g., either VSS or VDD). Unused outputs must be left open.
http://onsemi.com
MARKING DIAGRAM
SOIC−16
D SUFFIX
CASE 751B
14017BG
AWLYWW
A
= Assembly Location
WL, L
= Wafer Lot
YY, Y
= Year
WW, W
= Work Week
G
= Pb−Free Indicator
See detailed ordering and shipping information in the package
dimensions section on page 7 of this data sheet.
ORDERING INFORMATION
1
16
PIN ASSIGNMENT
13
14
15
16
9
10
11
12
5
4
3
2
1
8
7
6
Cout
CE
CLOCK
RESET
VDD
Q8
Q4
Q9
Q2
Q0
Q1
Q5
VSS
Q3
Q7
Q6


Podobny numer części - MC14017B_14

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
MC14017BCP ONSEMI-MC14017BCP Datasheet
117Kb / 8P
   Decade Counter
August, 2000 ??Rev. 4
MC14017BCPG ONSEMI-MC14017BCPG Datasheet
144Kb / 8P
   Decade Counter
April, 2013 ??Rev. 8
MC14017BD ONSEMI-MC14017BD Datasheet
117Kb / 8P
   Decade Counter
August, 2000 ??Rev. 4
MC14017BDG ONSEMI-MC14017BDG Datasheet
144Kb / 8P
   Decade Counter
April, 2013 ??Rev. 8
MC14017BDR2 ONSEMI-MC14017BDR2 Datasheet
117Kb / 8P
   Decade Counter
August, 2000 ??Rev. 4
More results

Podobny opis - MC14017B_14

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
MC14017BDG ONSEMI-MC14017BDG Datasheet
144Kb / 8P
   Decade Counter
April, 2013 ??Rev. 8
MC14017BDR2G ONSEMI-MC14017BDR2G Datasheet
144Kb / 8P
   Decade Counter
April, 2013 ??Rev. 8
MC14017B ONSEMI-MC14017B_05 Datasheet
123Kb / 8P
   Decade Counter
August, 2005 ??Rev. 6
logo
Motorola, Inc
MC14017B MOTOROLA-MC14017B Datasheet
258Kb / 7P
   Decade Counter
logo
ON Semiconductor
MC14017B ONSEMI-MC14017B Datasheet
117Kb / 8P
   Decade Counter
August, 2000 ??Rev. 4
logo
STMicroelectronics
M74HC4017 STMICROELECTRONICS-M74HC4017 Datasheet
375Kb / 12P
   DECADE COUNTER/DIVIDER
logo
Raytheon Company
CK6476 RAYTHEON-CK6476 Datasheet
353Kb / 3P
   DECADE COUNTER TUBE
logo
Toshiba Semiconductor
TC4017BP TOSHIBA-TC4017BP_07 Datasheet
387Kb / 9P
   Decade Counter/Divider
logo
Hitachi Semiconductor
HD74HC4017 HITACHI-HD74HC4017 Datasheet
50Kb / 8P
   Decade Counter/Divider
HD14017B HITACHI-HD14017B Datasheet
102Kb / 8P
   Decade Counter/Divider
More results


Html Pages

1 2 3 4 5 6 7 8


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com