Zakładka z wyszukiwarką danych komponentów |
|
MC14018B Arkusz danych(PDF) 2 Page - ON Semiconductor |
|
MC14018B Arkusz danych(HTML) 2 Page - ON Semiconductor |
2 / 5 page MC14018B http://onsemi.com 2 ELECTRICAL CHARACTERISTICS (Voltages Referenced to VSS) Characteristic Symbol VDD Vdc −55 _C 25 _C 125 _C Unit Min Max Min Typ (Note 2) Max Min Max Output Voltage “0” Level Vin = VDD or 0 Vin = 0 or VDD “1” Level VOL 5.0 10 15 − − − 0.05 0.05 0.05 − − − 0 0 0 0.05 0.05 0.05 − − − 0.05 0.05 0.05 Vdc VOH 5.0 10 15 4.95 9.95 14.95 − − − 4.95 9.95 14.95 5.0 10 15 − − − 4.95 9.95 14.95 − − − Vdc Input Voltage “0” Level (VO = 4.5 or 0.5 Vdc) (VO = 9.0 or 1.0 Vdc) (VO = 13.5 or 1.5 Vdc) (VO = 0.5 or 4.5 Vdc) “1” Level (VO = 1.0 or 9.0 Vdc) (VO = 1.5 or 13.5 Vdc) VIL 5.0 10 15 − − − 1.5 3.0 4.0 − − − 2.25 4.50 6.75 1.5 3.0 4.0 − − − 1.5 3.0 4.0 Vdc VIH 5.0 10 15 3.5 7.0 11 − − − 3.5 7.0 11 2.75 5.50 8.25 − − − 3.5 7.0 11 − − − Vdc Output Drive Current (VOH = 2.5 Vdc) Source (VOH = 4.6 Vdc) (VOH = 9.5 Vdc) (VOH = 13.5 Vdc) (VOL = 0.4 Vdc) Sink (VOL = 0.5 Vdc) (VOL = 1.5 Vdc) IOH 5.0 5.0 10 15 –3.0 –0.64 –1.6 –4.2 − − − − –2.4 –0.51 −1.3 −3.4 –4.2 –0.88 –2.25 −8.8 − − − − –1.7 −0.36 –0.9 −2.4 − − − − mAdc IOL 5.0 10 15 0.64 1.6 4.2 − − − 0.51 1.3 3.4 0.88 2.25 8.8 − − − 0.36 0.9 2.4 − − − mAdc Input Current Iin 15 − ±0.1 − ±0.00001 ±0.1 − ±1.0 mAdc Input Capacitance (Vin = 0) Cin − − − − 5.0 7.5 − − pF Quiescent Current (Per Package) IDD 5.0 10 15 − − − 5.0 10 20 − − − 0.005 0.010 0.015 5.0 10 20 − − − 150 300 600 mAdc Total Supply Current (Notes 3 & 4) (Dynamic plus Quiescent, Per Package) (CL = 50 pF on all outputs, all buffers switching) IT 5.0 10 15 IT = (0.3 mA/kHz) f + IDD IT = (0.7 mA/kHz) f + IDD IT = (1.0 mA/kHz) f + IDD mAdc Product parametric performance is indicated in the Electrical Characteristics for the listed test conditions, unless otherwise noted. Product performance may not be indicated by the Electrical Characteristics if operated under different conditions. 2. Data labelled “Typ” is not to be used for design purposes but is intended as an indication of the IC’s potential performance. 3. The formulas given are for the typical characteristics only at 25 _C. 4. To calculate total supply current at loads other than 50 pF: IT(CL) = IT(50 pF) + (CL − 50) Vfk where: IT is in mA (per package), CL in pF, V = (VDD − VSS) in volts, f in kHz is input frequency, and k = 0.001. ORDERING INFORMATION Device Package Shipping† MC14018BDG SOIC−16 (Pb−Free) 48 Units / Rail NLV14018BDG* SOIC−16 (Pb−Free) 48 Units / Rail MC14018BDR2G SOIC−16 (Pb−Free) 2500 Units / Tape & Reel †For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging Specifications Brochure, BRD8011/D. *NLV Prefix for Automotive and Other Applications Requiring Unique Site and Control Change Requirements; AEC−Q100 Qualified and PPAP Capable. |
Podobny numer części - MC14018B |
|
Podobny opis - MC14018B |