Zakładka z wyszukiwarką danych komponentów |
|
MC14024B Arkusz danych(PDF) 2 Page - ON Semiconductor |
|
MC14024B Arkusz danych(HTML) 2 Page - ON Semiconductor |
2 / 7 page MC14024B http://onsemi.com 2 TRUTH TABLE Clock Reset State 0 0 No Change 0 1 All Outputs Low 1 0 No Change 1 1 All Outputs Low 0 No Change 1 All Outputs Low 0 Advance One Count 1 All Outputs Low LOGIC DIAGRAM CLOCK RESET 2 1 12 Q1 11 Q2 4 Q6 3 Q7 Q3 = PIN 9 Q4 = PIN 6 Q5 = PIN 5 CQ RQ CQ RQ CQ RQ CQ RQ ORDERING INFORMATION Device Package Shipping† MC14024BDG SOIC−14 (Pb−Free) 55 Units / Rail NLV14024BDG* SOIC−14 (Pb−Free) 55 Units / Rail MC14024BDR2G SOIC−14 (Pb−Free) 2500 / Tape & Reel NLV14024BDR2G* SOIC−14 (Pb−Free) 2500 / Tape & Reel †For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging Specifications Brochure, BRD8011/D. *NLV Prefix for Automotive and Other Applications Requiring Unique Site and Control Change Requirements; AEC−Q100 Qualified and PPAP Capable. |
Podobny numer części - MC14024B |
|
Podobny opis - MC14024B |