Zakładka z wyszukiwarką danych komponentów |
|
MC14049UBDG Arkusz danych(PDF) 3 Page - ON Semiconductor |
|
MC14049UBDG Arkusz danych(HTML) 3 Page - ON Semiconductor |
3 / 7 page MC14049UB http://onsemi.com 3 SWITCHING CHARACTERISTICS (Note 5) (CL = 50 pF, TA = 25_C) Characteristic Symbol VDD Vdc Min Typ (Note 6) Max Unit Output Rise Time tTLH = (0.8 ns/pF) CL + 60 ns tTLH = (0.3 ns/pF) CL + 35 ns tTLH = (0.27 ns/pF) CL + 26.5 ns tTLH 5.0 10 15 − − − 100 50 40 160 100 60 ns Output Fall Time tTHL = (0.3 ns/pF) CL + 25 ns tTHL = (0.12 ns/pF) CL + 14 ns tTHL = (0.1 ns/pF) CL + 10 ns tTHL 5.0 10 15 − − − 40 20 15 60 40 30 ns Propagation Delay Time tPLH = (0.38 ns/pF) CL + 61 ns tPLH = (0.20 ns/pF) CL + 30 ns tPLH = (0.11 ns/pF) CL + 24.5 ns tPLH 5.0 10 15 − − − 80 40 30 120 65 50 ns Propagation Delay Time tPHL = (0.38 ns/pF) CL + 11 ns tPHL = (0.12 ns/PF) CL + 9 ns tPHL = (0.11 ns/pF) CL + 4.5 ns tPHL 5.0 10 15 − − − 30 15 10 60 30 20 ns 5. The formulas given are for the typical characteristics only at 25 _C. 6. Data labelled “Typ” is not to be used for design purposes but is intended as an indication of the IC’s potential performance. ORDERING INFORMATION Device Package Shipping† MC14049UBDG SOIC−16 (Pb−Free) 48 Units / Rail NLV14049UBDG* MC14049UBDR2G SOIC−16 (Pb−Free) 2500 / Tape & Reel NLV14049UBDR2G* MC14049UBDTR2G TSSOP−16 (Pb−Free) 2500 / Tape & Reel MC14049UBFELG SOEIAJ−16 (Pb−Free) 2000 / Tape & Reel †For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging Specifications Brochure, BRD8011/D. *NLV Prefix for Automotive and Other Applications Requiring Unique Site and Control Change Requirements; AEC−Q100 Qualified and PPAP Capable. Figure 4. Typical Voltage Transfer Characteristics versus Temperature 18 15 10 5 18 15 10 5 Vin, INPUT VOLTAGE (Vdc) VDD = 5 Vdc VDD = 15 Vdc −55 °C +125 °C VDD = 10 Vdc |
Podobny numer części - MC14049UBDG |
|
Podobny opis - MC14049UBDG |