Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MC14050BDR2G Arkusz danych(PDF) 3 Page - ON Semiconductor

Numer części MC14050BDR2G
Szczegółowy opis  Hex Buffer
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ONSEMI [ON Semiconductor]
Strona internetowa  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC14050BDR2G Arkusz danych(HTML) 3 Page - ON Semiconductor

  MC14050BDR2G Datasheet HTML 1Page - ON Semiconductor MC14050BDR2G Datasheet HTML 2Page - ON Semiconductor MC14050BDR2G Datasheet HTML 3Page - ON Semiconductor MC14050BDR2G Datasheet HTML 4Page - ON Semiconductor MC14050BDR2G Datasheet HTML 5Page - ON Semiconductor MC14050BDR2G Datasheet HTML 6Page - ON Semiconductor MC14050BDR2G Datasheet HTML 7Page - ON Semiconductor MC14050BDR2G Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
MC14049B, MC14050B
http://onsemi.com
3
ELECTRICAL CHARACTERISTICS (Voltages Referenced to VSS)
Characteristic
Symbol
VDD
Vdc
–55
_C
+25
_C
+125
_C
Unit
Min
Max
Min
Typ
(Note 2)
Max
Min
Max
Output Voltage
“0” Level
Vin = VDD
“1” Level
Vin = 0
VOL
5.0
10
15
0.05
0.05
0.05
0
0
0
0.05
0.05
0.05
0.05
0.05
0.05
Vdc
VOH
5.0
10
15
4.95
9.95
14.95
4.95
9.95
14.95
5.0
10
15
4.95
9.95
14.95
Vdc
Input Voltage
“0” Level
(VO = 4.5 Vdc)
(VO = 9.0 Vdc)
(VO = 13.5 Vdc)
“1” Level
(VO = 0.5 Vdc)
(VO = 1.0 Vdc)
(VO = 1.5 Vdc)
VIL
5.0
10
15
1.5
3.0
4.0
2.25
4.50
6.75
1.5
3.0
4.0
1.5
3.0
4.0
Vdc
VIH
5.0
10
15
3.5
7.0
11
3.5
7.0
11
2.75
5.50
8.25
3.5
7.0
11
Vdc
Output Drive Current
(VOH = 2.5 Vdc)
Source
(VOH = 9.5 Vdc)
(VOH = 13.5 Vdc)
(VOL = 0.4 Vdc)
Sink
(VOL = 0.5 Vdc)
(VOL = 1.5 Vdc)
IOH
5.0
10
15
–1.6
–1.6
–4.7
–1.25
–1.30
–3.75
–2.5
–2.6
–10
–1.0
–1.0
–3.0
mAdc
IOL
5.0
10
15
3.75
10
30
3.2
8.0
24
6.0
16
40
2.6
6.6
19
mAdc
Input Current
Iin
15
±0.1
±0.00001
±0.1
±1.0
mAdc
Input Capacitance (Vin = 0)
Cin
10
20
pF
Quiescent Current (Per Package)
IDD
5.0
10
15
1.0
2.0
4.0
0.002
0.004
0.006
1.0
2.0
4.0
30
60
120
mAdc
Total Supply Current (Notes 3 & 4)
(Dynamic plus Quiescent,
per package)
(CL = 50 pF on all outputs, all
buffers switching
IT
5.0
10
15
IT = (1.8 mA/kHz) f + IDD
IT = (3.5 mA/kHz) f + IDD
IT = (5.3 mA/kHz) f + IDD
mAdc
Product parametric performance is indicated in the Electrical Characteristics for the listed test conditions, unless otherwise noted. Product
performance may not be indicated by the Electrical Characteristics if operated under different conditions.
2. Data labelled “Typ” is not to be used for design purposes but is intended as an indication of the IC’s potential performance.
3. The formulas given are for the typical characteristics only at +25
_C
4. To calculate total supply current at loads other than 50 pF:
IT(CL) = IT(50 pF) + (CL − 50) Vfk
Where:
IT is in mA (per Package), CL in pF, V = (VDD − VSS) in volts, f in kHz is input frequency and k = 0.002.


Podobny numer części - MC14050BDR2G

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
MC14050BDR2G ONSEMI-MC14050BDR2G Datasheet
106Kb / 8P
   Hex Buffer
February, 2005 ??Rev. 5
MC14050BDR2G ONSEMI-MC14050BDR2G Datasheet
148Kb / 9P
   Hex Buffer
June, 2011 ??Rev. 7
MC14050BDR2G ONSEMI-MC14050BDR2G Datasheet
241Kb / 8P
   Hex Buffer
March, 2022 ??Rev. 10
More results

Podobny opis - MC14050BDR2G

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
MC74VHC50 ONSEMI-MC74VHC50 Datasheet
197Kb / 7P
   Hex Buffer
March, 2006 -- Rev. 4
logo
Unisonic Technologies
U74LVC34A UTC-U74LVC34A Datasheet
193Kb / 5P
   HEX BUFFER
logo
ON Semiconductor
MC14049B ONSEMI-MC14049B Datasheet
106Kb / 8P
   Hex Buffer
February, 2005 ??Rev. 5
logo
Unisonic Technologies
U74HC07 UTC-U74HC07_15 Datasheet
199Kb / 5P
   HEX BUFFER
U74AHCT34 UTC-U74AHCT34_15 Datasheet
136Kb / 4P
   HEX BUFFER
logo
Toshiba Semiconductor
TC74HCT7007AP TOSHIBA-TC74HCT7007AP_07 Datasheet
215Kb / 6P
   Hex Buffer
logo
ON Semiconductor
MC74VHC50 ONSEMI-MC74VHC50_11 Datasheet
131Kb / 7P
   Hex Buffer
May, 2011 ??Rev. 5
logo
STMicroelectronics
M74HCT7007RM13TR STMICROELECTRONICS-M74HCT7007RM13TR Datasheet
498Kb / 8P
   HEX BUFFER
logo
ON Semiconductor
MC14049B ONSEMI-MC14049B_V01 Datasheet
241Kb / 8P
   Hex Buffer
March, 2022 ??Rev. 10
logo
Fairchild Semiconductor
CD4049UBC FAIRCHILD-CD4049UBC Datasheet
63Kb / 7P
   Hex Inverting Buffer . Hex Non-Inverting Buffer
logo
ON Semiconductor
MC74LVX50 ONSEMI-MC74LVX50_14 Datasheet
160Kb / 9P
   Hex Buffer
August, 2014 ??Rev. 5
More results


Html Pages

1 2 3 4 5 6 7 8


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com