Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MC14050BDTG Arkusz danych(PDF) 4 Page - ON Semiconductor

Numer części MC14050BDTG
Szczegółowy opis  Hex Buffer
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ONSEMI [ON Semiconductor]
Strona internetowa  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC14050BDTG Arkusz danych(HTML) 4 Page - ON Semiconductor

  MC14050BDTG Datasheet HTML 1Page - ON Semiconductor MC14050BDTG Datasheet HTML 2Page - ON Semiconductor MC14050BDTG Datasheet HTML 3Page - ON Semiconductor MC14050BDTG Datasheet HTML 4Page - ON Semiconductor MC14050BDTG Datasheet HTML 5Page - ON Semiconductor MC14050BDTG Datasheet HTML 6Page - ON Semiconductor MC14050BDTG Datasheet HTML 7Page - ON Semiconductor MC14050BDTG Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
MC14049B, MC14050B
http://onsemi.com
4
AC SWITCHING CHARACTERISTICS (Note 5) (CL = 50 pF, TA = + 25_C)
Characteristic
Symbol
VDD
Vdc
Min
Typ
(Note 6)
Max
Unit
Output Rise Time
tTLH = (0.7 ns/pF) CL + 65 ns
tTLH = (0.25 ns/pF) CL + 37.5 ns
tTLH = (0.2 ns/pF) CL + 30 ns
tTLH
5.0
10
15
100
50
40
160
80
60
ns
Output Fall Time
tTHL = (0.2 ns/pF) CL + 30 ns
tTHL = (0.06 ns/pF) CL + 17 ns
tTHL = (0.04 ns/pF) CL + 13 ns
tTHL
5.0
10
15
40
20
15
60
40
30
ns
Propagation Delay Time
tPLH = (0.33 ns/pF) CL + 63.5 ns
tPLH = (0.19 ns/pF) CL + 30.5 ns
tPLH = (0.06 ns/pF) CL + 27 ns
tPLH
5.0
10
15
80
40
30
140
80
60
ns
Propagation Delay Time
tPHL = (0.2 ns/pF) CL + 30 ns
tPHL = (0.1 ns/pF) CL + 15 ns
tPHL = (0.05 ns/pF) CL + 12.5 ns
tPHL
5.0
10
15
40
20
15
80
40
30
ns
5. The formulas given are for the typical characteristics only at 25
_C.
6. Data labeled “Typ” is not to be used for design purposes but is intended as an indication of the IC’s potential performance.
Figure 1. Typical Output Source Characteristics
Figure 2. Typical Output Sink Characteristics
MC14049B
MC14050B
MC14049B
MC14050B
VDD
VSS
VDD
VSS
1
8
1
8
IOL
IOH
VOH
VOL
VDS = VOH - VDD
VDD
VSS
1
8
IOL
VOL
VDD
VSS
1
8
IOH
VOH
VDD = VOL
-50
-40
-30
-20
-10
0
-10
-8.0
-6.0
-4.0
-2.0
0
VDS, DRAIN-TO-SOURCE VOLTAGE (Vdc)
VGS = 5.0 Vdc
VGS = 10 Vdc
MAXIMUM CURRENT LEVEL
VGS = 15 Vdc
160
120
80
40
0
0
2.0
4.0
6.0
8.0
10
VDS, DRAIN-TO-SOURCE VOLTAGE (Vdc)
VGS = 15 Vdc
VGS = 10 Vdc
MAXIMUM CURRENT LEVEL
VGS = 5.0 Vdc


Podobny numer części - MC14050BDTG

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
MC14050BDTG ONSEMI-MC14050BDTG Datasheet
148Kb / 9P
   Hex Buffer
June, 2011 ??Rev. 7
More results

Podobny opis - MC14050BDTG

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
MC74VHC50 ONSEMI-MC74VHC50 Datasheet
197Kb / 7P
   Hex Buffer
March, 2006 -- Rev. 4
logo
Unisonic Technologies
U74LVC34A UTC-U74LVC34A Datasheet
193Kb / 5P
   HEX BUFFER
logo
ON Semiconductor
MC14049B ONSEMI-MC14049B Datasheet
106Kb / 8P
   Hex Buffer
February, 2005 ??Rev. 5
logo
Unisonic Technologies
U74HC07 UTC-U74HC07_15 Datasheet
199Kb / 5P
   HEX BUFFER
U74AHCT34 UTC-U74AHCT34_15 Datasheet
136Kb / 4P
   HEX BUFFER
logo
Toshiba Semiconductor
TC74HCT7007AP TOSHIBA-TC74HCT7007AP_07 Datasheet
215Kb / 6P
   Hex Buffer
logo
ON Semiconductor
MC74VHC50 ONSEMI-MC74VHC50_11 Datasheet
131Kb / 7P
   Hex Buffer
May, 2011 ??Rev. 5
logo
STMicroelectronics
M74HCT7007RM13TR STMICROELECTRONICS-M74HCT7007RM13TR Datasheet
498Kb / 8P
   HEX BUFFER
logo
ON Semiconductor
MC14049B ONSEMI-MC14049B_V01 Datasheet
241Kb / 8P
   Hex Buffer
March, 2022 ??Rev. 10
logo
Fairchild Semiconductor
CD4049UBC FAIRCHILD-CD4049UBC Datasheet
63Kb / 7P
   Hex Inverting Buffer . Hex Non-Inverting Buffer
logo
ON Semiconductor
MC74LVX50 ONSEMI-MC74LVX50_14 Datasheet
160Kb / 9P
   Hex Buffer
August, 2014 ??Rev. 5
More results


Html Pages

1 2 3 4 5 6 7 8


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com