Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MC14569BDWG Arkusz danych(PDF) 11 Page - ON Semiconductor

Numer części MC14569BDWG
Szczegółowy opis  Programmable Divide-By-N Dual 4-Bit Binary/BCD Down Counter
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ONSEMI [ON Semiconductor]
Strona internetowa  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC14569BDWG Arkusz danych(HTML) 11 Page - ON Semiconductor

Back Button MC14569BDWG Datasheet HTML 4Page - ON Semiconductor MC14569BDWG Datasheet HTML 5Page - ON Semiconductor MC14569BDWG Datasheet HTML 6Page - ON Semiconductor MC14569BDWG Datasheet HTML 7Page - ON Semiconductor MC14569BDWG Datasheet HTML 8Page - ON Semiconductor MC14569BDWG Datasheet HTML 9Page - ON Semiconductor MC14569BDWG Datasheet HTML 10Page - ON Semiconductor MC14569BDWG Datasheet HTML 11Page - ON Semiconductor MC14569BDWG Datasheet HTML 12Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
MC14569B
http://onsemi.com
11
TYPICAL APPLICATIONS
Figure 3. Cascading MC14568B and MC14522B or MC14526B with MC14569B
fin
CF
C
MC14569B
ZERO DETECT
CF
C
MC14522B
OR
MC14526B
Q4
PE
“0”
CF
C
MC14522B
OR
MC14526B
Q4
PE
“0”
Q1/C2
PE
“0”
MC14568B
LSD
MSD
fout
DP0 - - - - - - DP3
DP0 - - - - - - DP3
DP0 - - - - - - DP3
Q
Figure 4. Frequency Synthesizer with MC14568B and MC14569B Using a Mixer
(Channel Spacing 10 kHz)
Frequencies shown in parenthesis are given as an example
(40 kHz)
VSS
PE
DP0 - - - - DP3
PCin
C1
CT1
“0”
PCout
G
F
Q1/C2
VSS
VSS
VCO
fout
(144 - 146 MHz)
VDD
MC14011
CF
Q
ZERO DETECT
C
CRYSTAL
OSCILLATOR
2 k
2 M
MIXER
MC14569B
(143.5 MHz)


Podobny numer części - MC14569BDWG

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
MC14569BDWG ONSEMI-MC14569BDWG Datasheet
145Kb / 14P
   Programmable Divide-By-N Dual 4-Bit Binary/BCD Down Counter
February, 2005 ??Rev. 5
More results

Podobny opis - MC14569BDWG

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
MC14569B ONSEMI-MC14569B Datasheet
286Kb / 16P
   Programmable Divide-By-N Dual 4-Bit Binary/BCD Down Counter
March, 2000 ??Rev. 3
MC14569B ONSEMI-MC14569B_05 Datasheet
145Kb / 14P
   Programmable Divide-By-N Dual 4-Bit Binary/BCD Down Counter
February, 2005 ??Rev. 5
logo
Toshiba Semiconductor
TC74HC40102AP TOSHIBA-TC74HC40102AP Datasheet
430Kb / 11P
   DUAL BCD/8-BIT BINARY PROGRAMMABLE DOWN COUNTER
logo
Texas Instruments
CD4522BE TI1-CD4522BE Datasheet
527Kb / 15P
[Old version datasheet]   CMOS Programmable BCD Divide-by-N Counter
logo
Hitachi Semiconductor
HD14522B HITACHI-HD14522B Datasheet
104Kb / 7P
   Programmable Divide-by-N 4-bit Counter
logo
ON Semiconductor
SN54-74LS90 ONSEMI-SN54-74LS90 Datasheet
80Kb / 6P
   DECADE COUNTER; DIVIDE-BY-TWELVE COUNTER; 4-BIT BINARY COUNTER
logo
Motorola, Inc
SN54LS90 MOTOROLA-SN54LS90 Datasheet
109Kb / 6P
   DECADE COUNTER; DIVIDE-BY-TWELVE COUNTER; 4-BIT BINARY COUNTER
logo
NXP Semiconductors
HEF4522B PHILIPS-HEF4522B Datasheet
107Kb / 10P
   Programmable 4-bit BCD down counter
January 1995
HEF4526B PHILIPS-HEF4526B Datasheet
109Kb / 10P
   Programmable 4-bit binary down counter
January 1995
74HC4059 PHILIPS-74HC4059 Datasheet
147Kb / 20P
   Programmable divide-by-n counter
1998 Jul 08
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com