Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MC141555 Arkusz danych(PDF) 11 Page - Motorola, Inc

Numer części MC141555
Szczegółowy opis  USB Hub Controller CMOS
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MOTOROLA [Motorola, Inc]
Strona internetowa  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC141555 Arkusz danych(HTML) 11 Page - Motorola, Inc

Back Button MC141555 Datasheet HTML 7Page - Motorola, Inc MC141555 Datasheet HTML 8Page - Motorola, Inc MC141555 Datasheet HTML 9Page - Motorola, Inc MC141555 Datasheet HTML 10Page - Motorola, Inc MC141555 Datasheet HTML 11Page - Motorola, Inc MC141555 Datasheet HTML 12Page - Motorola, Inc MC141555 Datasheet HTML 13Page - Motorola, Inc MC141555 Datasheet HTML 14Page - Motorola, Inc MC141555 Datasheet HTML 15Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
MC141555
11
MOTOROLA
Table 8. Standard Requests
bmRequestType
bRequest
wValue
wIndex
wLength
Data/Handshake
00000000b
(device)
00000001b
(interface)
00000010b
(endpoint)
01h
Clear_Feature
0001h
xxxxh
0000h
0000h
xxxxh
0000h (e.p. 0)
0081h (e.p. 1)
0000h
xxxxh
0000h
None/Ack
Disable remote wakeup feature
STALL
None/Ack
Clear Endpoint Stall condition
10000000b
08h
Get_Configuration
0000h
0000h
0001h
ConfigurationValue
10000000b
06h
Get_Descriptor
0100h
0200h
0400h
0500h
0000h
0012h
0019h
xxxx
xxxx
Device Descriptor
Configuration Descriptor
STALL
STALL
10000001b
0Ah
Get_Interface
0000h
0001h
0001h
00h
10000000b
(device)
10000001b
(interface)
10000010b
(endpoint)
00h
Get_Status
0000h
0000h
xxxxh
0000h
0081h
0002h
current Remote Wakeup/ Pow-
ered status
0000h
0001h = STALLed
0000h = not STALLed
00000000b
05h
Set_Address
Device
address
0000h
0000h
None/Ack
00000000b
09h
Set_Configuration
0000h/
0001h
0000h
0000h
None/Ack
00000000b
07h
Set_Descriptior
xxxxh
xxxxh
xxxxh
xxxx/STALL
00000000b
(device)
00000001b
(interface)
00000010b
(endpoint)
03h
Set_Feature
0001h
xxxxh
0000h
0000h
xxxxh
0000h (e.p. 0)
0081h (e.p. 1)
0000h
xxxxh
0000h
None/Ack
Enable remote wakeup feature
None/STALL
None/ACK
Set Endpoint STALL condition
00000001b
0Bh
Set_Interface
0000h
0000h
0000h
None/Ack
10000010b
0Ch
Synch_Frame
xxxxh
xxxxh
xxxxh
STALL
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com


Podobny numer części - MC141555

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Freescale Semiconductor...
MC141556 FREESCALE-MC141556 Datasheet
323Kb / 18P
   USB Hub Controller CMOS
MC141556P FREESCALE-MC141556P Datasheet
323Kb / 18P
   USB Hub Controller CMOS
More results

Podobny opis - MC141555

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Freescale Semiconductor...
MC141556 FREESCALE-MC141556 Datasheet
323Kb / 18P
   USB Hub Controller CMOS
logo
Winbond
W81181D WINBOND-W81181D Datasheet
211Kb / 18P
   USB HUB CONTROLLER
logo
ATMEL Corporation
AT43301 ATMEL-AT43301 Datasheet
16Kb / 2P
   USB HUB CONTROLLER
logo
List of Unclassifed Man...
AU9254A21 ETC-AU9254A21 Datasheet
202Kb / 32P
   USB Hub Controller
AU9254 ETC2-AU9254_05 Datasheet
481Kb / 23P
   USB Hub Controller
logo
ELAN Microelectronics C...
EM77F900 EMC-EM77F900 Datasheet
1Mb / 136P
   USB HUBBB Controller
logo
VIA Labs, Inc
VL812 VIALABS-VL812 Datasheet
1Mb / 18P
   USB 3.0 Hub Controller
logo
NEC
UPD720113 NEC-UPD720113 Datasheet
362Kb / 32P
   USB 2.0 HUB CONTROLLER
logo
List of Unclassifed Man...
AU9462 ETC-AU9462 Datasheet
150Kb / 31P
   USB Keyboard Hub Controller
AU9462 ETC1-AU9462_06 Datasheet
607Kb / 23P
   USB Keyboard Hub Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com