Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SMAFP4SMAFJ5.0 Arkusz danych(PDF) 1 Page - DIYI Electronic Technology Co., Ltd.

Numer części SMAFP4SMAFJ5.0
Szczegółowy opis  For surface mounted applications in order to optimize board space
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  DYELEC [DIYI Electronic Technology Co., Ltd.]
Strona internetowa  http://www.dyelec.com/
Logo DYELEC - DIYI Electronic Technology Co., Ltd.

SMAFP4SMAFJ5.0 Arkusz danych(HTML) 1 Page - DIYI Electronic Technology Co., Ltd.

  SMAFP4SMAFJ5.0 Datasheet HTML 1Page - DIYI Electronic Technology Co., Ltd. SMAFP4SMAFJ5.0 Datasheet HTML 2Page - DIYI Electronic Technology Co., Ltd. SMAFP4SMAFJ5.0 Datasheet HTML 3Page - DIYI Electronic Technology Co., Ltd. SMAFP4SMAFJ5.0 Datasheet HTML 4Page - DIYI Electronic Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
P4SMFJ Series
•Case: SMAF low profile molded plastic
•Terminals: Solder leads, solderable per MIL-STD-750, Method 2026
•Polarity: Indicated by cathode band except Bi-directional types.
Rating at 25°Cambient temperature unless otherwise specified. Resistive or inductive load, 60Hz.
For Capacitive load derate current by 20%.
RATING
SYMBOL
VALUE
UNITS
Peak Power Dissipation on 10/1000us waveform (Note1.2 , Fig.1)
Ppp
400
Watts
I
40
Amps
Peak Pulse Current on 10/1000s waveform(Note 1 , Fig.3)
See Table 1
Amps
Operating and Storage Temperature Range
TJ, TSTG
-55 ~ +150
°C
NOTES:
1. Non-repetitive current pulse, per Fig.3 and derated above TA = 25°C per Fig.2.
2. Mounted on 5.0 mm (0.13mm thick) land areas.
3. Measured on 8.3ms, single half sine-wave or equivalent square wave, duty cycle = 4 pulses per minute maximum.
Peak Forward Surge Current, 8.3ms single half sine - wave
uni- directional only (JEDEC method) (Notes 2,3)
2
FSM
IPP
Features
SMAF
Dimiensions in inches and (milimeters)
Mechanical Data
Maximum Ratings and Electrical Characteristics
version:01
1of4
www.dyelec.com
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
VOLTAGE 5.0 to 180 Volts 400 Watt Peak Power Pulse
•For surface mounted applications in order to optimize board space.
•Glass passivated junction
•Excellent clamping capability
•Low inductance
Flammability Classification 94V-0
High temperature soldering : 260
OC / 10 seconds at terminals
• Green molding compound as per IEC61249 Std. . (Halogen Free)


Podobny numer części - SMAFP4SMAFJ5.0

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Shanghai Yint Electroni...
SMAF YINT-SMAF Datasheet
758Kb / 4P
   SMAF Transient Voltage Suppressor Diode Series
logo
Guangdong Juxing Electr...
SMAF10 JUXING-SMAF10 Datasheet
1Mb / 5P
   Surface mount transient voltage suppressor power 200 watts
SMAF10 JUXING-SMAF10 Datasheet
1Mb / 5P
   Surface mount transient voltage suppressor power 200 watts
SMAF100 JUXING-SMAF100 Datasheet
1Mb / 5P
   Surface mount transient voltage suppressor power 200 watts
SMAF100 JUXING-SMAF100 Datasheet
1Mb / 5P
   Surface mount transient voltage suppressor power 200 watts
More results

Podobny opis - SMAFP4SMAFJ5.0

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Shanghai Leiditech Elec...
P4SMFJ3.3A LEIDITECH-P4SMFJ3.3A Datasheet
804Kb / 3P
   For surface mounted applications in order to optimize board space.
logo
Pan Jit International I...
SDM1645CS PANJIT-SDM1645CS Datasheet
135Kb / 5P
   For surface mounted applications in order to optimize board space
logo
DIYI Electronic Technol...
P2SMASJ5.0A DYELEC-P2SMASJ5.0A Datasheet
1Mb / 3P
   For surface mounted applications in order to optimize board space
logo
Pan Jit International I...
ES2A PANJIT-ES2A Datasheet
147Kb / 6P
   For surface mounted applications in order to optimize board space
ERT2AF PANJIT-ERT2AF Datasheet
146Kb / 5P
   For surface mounted applications in order to optimize board space
logo
MERITEK ELECTRONICS COR...
1-5SMC MERITEK-1-5SMC Datasheet
516Kb / 4P
   For surface mounted applications in order to optimize board space
logo
Shanghai Leiditech Elec...
P4SMAFJ5.0A LEIDITECH-P4SMAFJ5.0A Datasheet
463Kb / 4P
   surface mounted applications in order to optimize board space
01.06.2018
logo
DIYI Electronic Technol...
P2SMSJ5A.0A DYELEC-P2SMSJ5A.0A Datasheet
1Mb / 4P
   For surface mounted applications in order to optimize board space.
logo
Shenzhen Luguang Electr...
5.0SMDJ11A LUGUANG-5.0SMDJ11A Datasheet
221Kb / 3P
   For surface mounted applications in order to optimize board space
logo
Pan Jit International I...
SX52AF PANJIT-SX52AF Datasheet
134Kb / 5P
   For surface mounted applications in order to optimize board space
logo
MERITEK ELECTRONICS COR...
5-0SMDJ MERITEK-5-0SMDJ Datasheet
322Kb / 4P
   For surface mounted applications in order to optimize board space
More results


Html Pages

1 2 3 4


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com