Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

BD41030HFN-G Arkusz danych(PDF) 7 Page - Rohm

Numer części BD41030HFN-G
Szczegółowy opis  LIN Transceiver for Automotive
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ROHM [Rohm]
Strona internetowa  http://www.rohm.com
Logo ROHM - Rohm

BD41030HFN-G Arkusz danych(HTML) 7 Page - Rohm

Back Button BD41030HFN-G Datasheet HTML 3Page - Rohm BD41030HFN-G Datasheet HTML 4Page - Rohm BD41030HFN-G Datasheet HTML 5Page - Rohm BD41030HFN-G Datasheet HTML 6Page - Rohm BD41030HFN-G Datasheet HTML 7Page - Rohm BD41030HFN-G Datasheet HTML 8Page - Rohm BD41030HFN-G Datasheet HTML 9Page - Rohm BD41030HFN-G Datasheet HTML 10Page - Rohm BD41030HFN-G Datasheet HTML 11Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 25 page
background image
BD41030FJ-C
BD41030HFN-C
Electrical Characteristics (Ta= -40 to +125°C; VBAT =5 to 27V; RL(LIN-BAT)
=500Ω; typical values are given at
Ta=25°C; VBAT =12V; unless otherwise specified)
Table 5. Electrical Characteristics
Parameter
Symbol
Min
Typ
Max
Unit
Conditions
BAT
Supply current 1 on pin BAT
(Sleep mode)
IBAT1
1
3
8
μA
Sleep mode.
VLIN = VBAT
VNWAKE = VBAT
VTXD = 0V
VNSLP = 0V
Supply current 2 on pin BAT
(Standby mode, Recessive)
IBAT2
100
400
1000
μA
Standby mode.
VLIN = VBAT (bus: Recessive)
VINH = VBAT
VNWAKE = VBAT
VTXD = 0V
VNSLP = 0V
Supply current 3 on pin BAT
(Note 1)
(Standby mode, Dominant)
IBAT3
300
900
2000
μA
Standby mode.
VBAT = 12V
VLIN = 0V (bus: Dominant)
VINH = VBAT
VNWAKE = VBAT
VTXD = 0V
VNSLP = 0V
Supply current 4 on pin BAT
(Normal mode, Recessive)
IBAT4
100
400
1000
μA
Normal mode.
VLIN = VBAT (bus: Recessive)
VINH = VBAT
VNWAKE = VBAT
VTXD = 5V
VNSLP = 5V
Supply current 5 on pin BAT
(Note 1)
(Normal mode, Dominant)
IBAT5
200
1000
2000
μA
Normal mode.
VBAT = 12V (bus: Dominant)
VINH = VBAT
VNWAKE = VBAT
VTXD = 0V
VNSLP = 5V
UVLO threshold voltage
VUVLO
-
-
4.9
V
POR threshold voltage
VPOR
-
-
4.3
V
TXD
High level input voltage
VIH
2.0
-
7.0
V
Low level input voltage
VIL
-0.3
-
+0.8
V
Hysteresis voltage
Vhys
0.03
-
0.50
V
Pull-down resistor
RTXD
125
350
800
VTXD = 5V
Low level input current
IIL
-5.0
0.0
+5.0
μA
VTXD = 0V
NSLP
High level input voltage
VIH
2.0
-
7.0
V
Low level input voltage
VIL
-0.3
-
+0.8
V
Hysteresis voltage
Vhys
0.03
-
0.50
V
Pull-down resistor
RNSLP
125
350
800
VNSLP = 5V
Low level input current
IIL
-5.0
0.0
+5.0
μA
VNSLP = 0V
(Note 1) When VBAT is 12V or more, add to the circuit current the value calculated by the following expression because IBAT depends on pull-up resistor inside
LIN terminal.
(20k
Ω is the minimum value of pull-up resistor inside LIN terminal)
=
k
V
20
12
BAT
se)
BAT(increa
V
I
〇Product structure : Silicon monolithic integrated circuit 〇This product has no designed protection against radioactive rays
.
7/21
TSZ02201-0E2E0H500640-1-2
© 2015 ROHM Co., Ltd. All rights reserved.
2016.08.18 Rev.002
TSZ22111 • 14 • 001
www.rohm.com


Podobny numer części - BD41030HFN-G

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Rohm
BD41033FJ-C ROHM-BD41033FJ-C Datasheet
940Kb / 19P
   LIN Transceiver for Automotive
24.Aug.2022 Rev.001
BD41033FJ-CE2 ROHM-BD41033FJ-CE2 Datasheet
940Kb / 19P
   LIN Transceiver for Automotive
24.Aug.2022 Rev.001
More results

Podobny opis - BD41030HFN-G

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Rohm
BD41033FJ-C ROHM-BD41033FJ-C Datasheet
940Kb / 19P
   LIN Transceiver for Automotive
24.Aug.2022 Rev.001
logo
NXP Semiconductors
TJA1020 PHILIPS-TJA1020 Datasheet
105Kb / 24P
   LIN transceiver
2002 Jul 17
logo
ATMEL Corporation
ATA6661 ATMEL-ATA6661 Datasheet
209Kb / 15P
   LIN TRANSCEIVER
ATA6663 ATMEL-ATA6663_14 Datasheet
747Kb / 19P
   LIN Transceiver
logo
AMI SEMICONDUCTOR
AMIS-30600 AMI-AMIS-30600 Datasheet
501Kb / 11P
   LIN Transceiver
logo
ON Semiconductor
NCV7380 ONSEMI-NCV7380 Datasheet
92Kb / 14P
   LIN Transceiver
May, 2004 ??Rev. P3
logo
Infineon Technologies A...
TLE7259-2GU INFINEON-TLE7259-2GU Datasheet
514Kb / 31P
   LIN Transceiver
Rev. 1.1, July 2008
logo
ATMEL Corporation
ATA6661 ATMEL-ATA6661_08 Datasheet
260Kb / 9P
   LIN Transceiver
logo
ON Semiconductor
AMIS-30600 ONSEMI-AMIS-30600 Datasheet
207Kb / 11P
   LIN Transceiver
February, 2010 ??Rev. 7
logo
ATMEL Corporation
ATA6663 ATMEL-ATA6663 Datasheet
723Kb / 20P
   LIN Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com