Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

U15A Arkusz danych(PDF) 1 Page - DIYI Electronic Technology Co., Ltd.

Numer części U15A
Szczegółowy opis  SINGLE PHASE 1.5AMP SURFACE MOUNT ULTRA FAST RECOVERY RECTIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  DYELEC [DIYI Electronic Technology Co., Ltd.]
Strona internetowa  http://www.dyelec.com/
Logo DYELEC - DIYI Electronic Technology Co., Ltd.

U15A Arkusz danych(HTML) 1 Page - DIYI Electronic Technology Co., Ltd.

  U15A Datasheet HTML 1Page - DIYI Electronic Technology Co., Ltd. U15A Datasheet HTML 2Page - DIYI Electronic Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
/W
RRM
50
Features
· Glass passivated device
· Ideal for surface mouted applications
· Low reverse leakage
·
Metallurgically bonded construction
· High temperature soldering guaranteed:
seconds,0.375"(9.5mm) lead length,
5 lbs. (2.3kg) tension
Mechanical Data
· Case: SOD-123FL, molded plastic
· Terminals: plated leads solderable per
MIL-STD-750, Method 2026
· Polarity: Color band denotes cathode end
· Mounting position: Any
Maximum Ratings and Electrical Characteristics
Rating at 25℃ ambient temperature unless otherwise specified.
Single Phase, half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
TYPE NUMBER
U15A U15B
U15D U15G U15J U15K U15M UNITS
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
V
50
100
200
400
600
800
1000
V
VRWM
VDC
RMS Reverse Voltage
VRMS
35
70
140
280
420
560
700
V
Average Rectified Output Current
IO
1.5
A
Non-Repetitive Peak Forward Surge Current 8.3ms
Single half sine-wave superimposed on rated load
(JEDEC Method)
IFSM
A
Forward Voltage per element
@IF=1.5A
VFM
1.0
1.4
1.7
V
Peak Reverse Current
At Rated DC Blocking Voltage
IR
5.0
100
uA
Maximum reverse recovery time (NOTE 1)
trr
50
75
ns
Typical thermal resistance
RθJA
180
Operating and Storage Temperature Range
TJ,TSTG
-55to+150
Note:1.Measured with IF=0.5A, IR=1A, Irr=0.25A.
version:01
1 of 2
SINGLE PHASE 1.5AMP SURFACE MOUNT ULTRA FAST RECOVERY RECTIFIER
260 /10
SYMBOL
0
· Plastic material-UL flammability 94V-
=30
A
@T
=100
=25
A
@T
A
@T
2°(2°)
0.063(1.6)
0.079(2.0)
0.047(1.2)
0.032(0.8)
Dimensions in inches and (millimeters)
0.022(0.55)
0.037(0.95)
SOD-123FL
8°(8°)
0.150(3.8)
0.134(3.4)
U15A THRU U15M
www.dyelec.com


Podobny numer części - U15A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Mospec Semiconductor
U15A05 MOSPEC-U15A05 Datasheet
132Kb / 2P
   FAST RECTIFIERS(15A,50-200V)
logo
Chenmko Enterprise Co. ...
U15A05PT CHENMKO-U15A05PT Datasheet
111Kb / 2P
   ULTRA FAST RECTIFIER
logo
Mospec Semiconductor
U15A10 MOSPEC-U15A10 Datasheet
132Kb / 2P
   FAST RECTIFIERS(15A,50-200V)
logo
Chenmko Enterprise Co. ...
U15A10PT CHENMKO-U15A10PT Datasheet
111Kb / 2P
   ULTRA FAST RECTIFIER
logo
Mospec Semiconductor
U15A15 MOSPEC-U15A15 Datasheet
132Kb / 2P
   FAST RECTIFIERS(15A,50-200V)
More results

Podobny opis - U15A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
DIYI Electronic Technol...
F151 DYELEC-F151 Datasheet
1Mb / 2P
   SINGLE PHASE 1.5AMP SURFACE MOUNT FAST RECOVERY RECTIFIER
E15A DYELEC-E15A Datasheet
1Mb / 2P
   SINGLE PHASE 1.5AMP SURFACE MOUNT SUPER FAST RECOVERY RECTIFIER
logo
Fuji Electric
RS2A FUJI-RS2A Datasheet
759Kb / 1P
   1.5AMP SURFACE MOUNT GLASS FAST RECOVERY RECTIFIER
logo
DIYI Electronic Technol...
US1ANL DYELEC-US1ANL Datasheet
1Mb / 2P
   SINGLE PHASE 1.0AMP SURFACE MOUNT ULTRA FAST RECOVERY RECTIFIER
US1AL DYELEC-US1AL Datasheet
1Mb / 2P
   SINGLE PHASE 1.0AMP SURFACE MOUNT ULTRA FAST RECOVERY RECTIFIER
US1AUL DYELEC-US1AUL Datasheet
1Mb / 2P
   SINGLE PHASE 1.0AMP SURFACE MOUNT ULTRA FAST RECOVERY RECTIFIER
UABS152 DYELEC-UABS152_17 Datasheet
3Mb / 3P
   SINGLE PHASE 1.5AMP ULTRA FAST GLASS PASSIVATED BRIDGE RECTIFIER
A151 DYELEC-A151 Datasheet
2Mb / 2P
   SINGLE PHASE 1.5AMP SURFACE MOUNT GLASS PASSIVATED RECTIFIER
DB151 DYELEC-DB151_16 Datasheet
2Mb / 3P
   SINGLE PHASE 1.5AMP SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
EDB151S DYELEC-EDB151S Datasheet
1Mb / 2P
   SINGLE PHASE 1.5AMP SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
More results


Html Pages

1 2


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com