Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

UF4001G Arkusz danych(PDF) 2 Page - DIYI Electronic Technology Co., Ltd.

Numer części UF4001G
Szczegółowy opis  High current capability
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  DYELEC [DIYI Electronic Technology Co., Ltd.]
Strona internetowa  http://www.dyelec.com/
Logo DYELEC - DIYI Electronic Technology Co., Ltd.

UF4001G Arkusz danych(HTML) 2 Page - DIYI Electronic Technology Co., Ltd.

  UF4001G Datasheet HTML 1Page - DIYI Electronic Technology Co., Ltd. UF4001G Datasheet HTML 2Page - DIYI Electronic Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
J
2of2
0.1
0.001
1
10
0.01
1.8
0.6
0.8
1.0
1.2
1.4
1.6
0.4
T =25 C
PULSE WIDTH-300 S
1% DUTY CYCLE
0
UF4005G - UF4007G
UF4001G - UF4004G
FIG.4- TYPICAL JUNCTION CAPACITANCE
0.1
1
10
100
1
10
100
REVERSE VOLTAGE. (V)
T =25 C
f=1.0MHz
Vsig=50mVp-p
0
FIG.3- MAXIMUM NON-REPETITIVE PEAK FORWARD
SURGE CURRENT
1
10
100
0
NUMBER OF CYCLES AT 60Hz
5
10
15
20
25
30
8.3ms Single Half Sine Wave
JEDEC Method
FIG.2- TYPICAL FORWARD CHARACTERISTICS
FORWARD VOLTAGE. (V)
FIG.1- MAXIMUM FORWARD CURRENT DERATING
CURVE
40
60
80
100
120
160
140
0
0.5
1.0
RESISTIVE OR
INDUCTIVE LOAD
0.375"(9.5mm)
LEAD LENGTH
20
J
A
UF4001
THRU UF4007
G
G
version:01
www.dyelec.com
A M B IE N T T E M PE R A T UR E ( ℃ )


Podobny numer części - UF4001G

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Jinan Gude Electronic D...
UF4001G JGD-UF4001G Datasheet
164Kb / 2P
   1.0 AMP. GLASS PASSIVATED ULTRA FAST RECTIFIERS
logo
Chongqing Pingwei Enter...
UF4001G CHONGQING-UF4001G Datasheet
193Kb / 1P
   1.0AMP. GLASS PASSIVATED ULTRA FAST RECTIFIER
logo
Won-Top Electronics
UF4001G WTE-UF4001G Datasheet
56Kb / 4P
   1.0A GLASS PASSIVATED ULTRAFAST DIODE
logo
Sangdest Microelectroni...
UF4001G SMC-UF4001G Datasheet
149Kb / 5P
   Super fast switching for high efficiency
logo
Pan Jit International I...
UF4001G PANJIT-UF4001G Datasheet
43Kb / 2P
   GLASS PASSIVATED JUNCTION ULTRAFAST SWITCHING RECTIFIERS
More results

Podobny opis - UF4001G

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Vishay Siliconix
VS-SD203N VISHAY-VS-SD203N Datasheet
288Kb / 10P
   High current capability
Revision: 21-Nov-13
logo
Micro Commercial Compon...
SL24PL MCC-SL24PL Datasheet
356Kb / 3P
   High Current Capability
logo
Nanjing International G...
SM260.2A-DO-213AB DGNJDZ-SM260.2A-DO-213AB Datasheet
492Kb / 2P
   High current capability
SM260-2A-DO-213AB DGNJDZ-SM260-2A-DO-213AB Datasheet
492Kb / 2P
   High current capability
logo
Chongqing Pingwei Enter...
MBR1060CT CHONGQING-MBR1060CT Datasheet
213Kb / 1P
   High current capability
logo
Inchange Semiconductor ...
BUZ30A ISC-BUZ30A Datasheet
66Kb / 2P
   High current capability
2SA2121 ISC-2SA2121 Datasheet
114Kb / 2P
   High Current Capability
2SA1028 ISC-2SA1028 Datasheet
69Kb / 2P
   High Current Capability
logo
DIYI Electronic Technol...
RDB151 DYELEC-RDB151 Datasheet
1Mb / 2P
   High current capability
KBP4005 DYELEC-KBP4005 Datasheet
234Kb / 2P
   High current capability
logo
Vishay Siliconix
VS-VSKT570-16PBF VISHAY-VS-VSKT570-16PBF Datasheet
235Kb / 8P
   High current capability
Revision: 05-Dec-16
More results


Html Pages

1 2


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com