Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LM2675LDX-ADJ Arkusz danych(PDF) 11 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Numer części LM2675LDX-ADJ
Szczegółowy opis  SIMPLE SWITCHER Power Converter High Efficiency 1A Step-Down Voltage Regulator
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  NSC [National Semiconductor (TI)]
Strona internetowa  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2675LDX-ADJ Arkusz danych(HTML) 11 Page - National Semiconductor (TI)

Back Button LM2675LDX-ADJ Datasheet HTML 7Page - National Semiconductor (TI) LM2675LDX-ADJ Datasheet HTML 8Page - National Semiconductor (TI) LM2675LDX-ADJ Datasheet HTML 9Page - National Semiconductor (TI) LM2675LDX-ADJ Datasheet HTML 10Page - National Semiconductor (TI) LM2675LDX-ADJ Datasheet HTML 11Page - National Semiconductor (TI) LM2675LDX-ADJ Datasheet HTML 12Page - National Semiconductor (TI) LM2675LDX-ADJ Datasheet HTML 13Page - National Semiconductor (TI) LM2675LDX-ADJ Datasheet HTML 14Page - National Semiconductor (TI) LM2675LDX-ADJ Datasheet HTML 15Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 26 page
background image
LM2675 Series Buck Regulator Design Procedure (Fixed Output) (Continued)
PROCEDURE (Fixed Output Voltage Version)
EXAMPLE (Fixed Output Voltage Version)
The capacitor list contains through-hole electrolytic capacitors
from four different capacitor manufacturers and surface mount
tantalum capacitors from two different capacitor manufacturers.
It is recommended that both the manufacturers and the
manufacturer’s series that are listed in the table be used. A
table listing the manufacturers’ phone numbers is located in
Figure 11.
Surface Mount:
68 µF/10V
Sprague 594D Series.
100 µF/10V
AVX TPS Series.
Through Hole:
68 µF/10V
Sanyo OS-CON SA Series.
220 µF/35V
Sanyo MV-GX Series.
220 µF/35V
Nichicon PL Series.
220 µF/35V
Panasonic HFQ Series.
3. Catch Diode Selection (D1)
A. In normal operation, the average current of the catch diode is
the load current times the catch diode duty cycle, 1-D (D is the
switch duty cycle, which is approximately the output voltage
divided by the input voltage). The largest value of the catch
diode average current occurs at the maximum load current and
maximum input voltage (minimum D). For normal operation, the
catch diode current rating must be at least 1.3 times greater
than its maximum average current. However, if the power supply
design must withstand a continuous output short, the diode
should have a current rating equal to the maximum current limit
of the LM2675. The most stressful condition for this diode is a
shorted output condition.
3. Catch Diode Selection (D1)
A. Refer to the table shown in Figure 12. In this example, a 1A,
20V Schottky diode will provide the best performance. If the
circuit must withstand a continuous shorted output, a higher
current Schottky diode is recommended.
B. The reverse voltage rating of the diode should be at least
1.25 times the maximum input voltage.
C. Because of their fast switching speed and low forward
voltage drop, Schottky diodes provide the best performance and
efficiency. This Schottky diode must be located close to the
LM2675 using short leads and short printed circuit traces.
4. Input Capacitor (C
IN)
4. Input Capacitor (C
IN)
www.national.com
11


Podobny numer części - LM2675LDX-ADJ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
National Semiconductor ...
LM2675LDX-ADJ NSC-LM2675LDX-ADJ Datasheet
913Kb / 26P
   SIMPLE SWITCHER짰 Power Converter High Efficiency 1A Step-Down Voltage Regulator
logo
Texas Instruments
LM2675LDX-ADJ TI-LM2675LDX-ADJ Datasheet
1Mb / 30P
[Old version datasheet]   LM2675 SIMPLE SWITCHER Power Converter High Efficiency 1A Step-Down Voltage
LM2675LDX-ADJ TI1-LM2675LDX-ADJ Datasheet
1Mb / 30P
[Old version datasheet]   LM2675 SIMPLE SWITCHER짰 Power Converter High Efficiency 1A Step-Down Voltage Regulator
LM2675LDX-ADJ TI-LM2675LDX-ADJ Datasheet
1Mb / 30P
[Old version datasheet]   LM2675 SIMPLE SWITCHER Power Converter High Efficiency 1A Step-Down Voltage
LM2675LDX-ADJ TI-LM2675LDX-ADJ Datasheet
1Mb / 30P
[Old version datasheet]   LM2675 SIMPLE SWITCHER Power Converter High Efficiency 1A Step-Down Voltage
More results

Podobny opis - LM2675LDX-ADJ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
LM2675M-5 TI1-LM2675M-5 Datasheet
1Mb / 30P
[Old version datasheet]   LM2675 SIMPLE SWITCHER Power Converter High Efficiency 1A Step-Down Voltage Regulator
LM2675MX-5 TI1-LM2675MX-5 Datasheet
1Mb / 30P
[Old version datasheet]   LM2675 SIMPLE SWITCHER Power Converter High Efficiency 1A Step-Down Voltage Regulator
logo
National Semiconductor ...
LM2675EP NSC-LM2675EP Datasheet
511Kb / 25P
   Enhanced Plastic SIMPLE SWITCHER Power Converter High Efficiency 1A Step-Down Voltage Regulator
LM2672 NSC-LM2672 Datasheet
415Kb / 25P
   SIMPLE SWITCHER Power Converter High Efficiency 1A Step-Down Voltage Regulator with Features
logo
Texas Instruments
LM2675M-5 TI-LM2675M-5 Datasheet
1Mb / 30P
[Old version datasheet]   LM2675 SIMPLE SWITCHER Power Converter High Efficiency 1A Step-Down Voltage
LM2675MX-ADJ TI-LM2675MX-ADJ Datasheet
1Mb / 30P
[Old version datasheet]   LM2675 SIMPLE SWITCHER Power Converter High Efficiency 1A Step-Down Voltage
LM2675M-33 TI-LM2675M-33 Datasheet
1Mb / 30P
[Old version datasheet]   LM2675 SIMPLE SWITCHER Power Converter High Efficiency 1A Step-Down Voltage
LM2675MX-5.0 TI-LM2675MX-5.0 Datasheet
1Mb / 30P
[Old version datasheet]   LM2675 SIMPLE SWITCHER Power Converter High Efficiency 1A Step-Down Voltage
LM2672M-ADJ TI-LM2672M-ADJ Datasheet
1Mb / 33P
[Old version datasheet]   LM2672 SIMPLE SWITCHER Power Converter High Efficiency 1A Step-Down Voltage
logo
National Semiconductor ...
LM1575 NSC-LM1575 Datasheet
725Kb / 27P
   SIMPLE SWITCHER 1A Step-Down Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com