Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

6N65 Arkusz danych(PDF) 4 Page - DIYI Electronic Technology Co., Ltd.

Numer części 6N65
Szczegółowy opis  650V N-Channel Power MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  DYELEC [DIYI Electronic Technology Co., Ltd.]
Strona internetowa  http://www.dyelec.com/
Logo DYELEC - DIYI Electronic Technology Co., Ltd.

6N65 Arkusz danych(HTML) 4 Page - DIYI Electronic Technology Co., Ltd.

  6N65 Datasheet HTML 1Page - DIYI Electronic Technology Co., Ltd. 6N65 Datasheet HTML 2Page - DIYI Electronic Technology Co., Ltd. 6N65 Datasheet HTML 3Page - DIYI Electronic Technology Co., Ltd. 6N65 Datasheet HTML 4Page - DIYI Electronic Technology Co., Ltd. 6N65 Datasheet HTML 5Page - DIYI Electronic Technology Co., Ltd. 6N65 Datasheet HTML 6Page - DIYI Electronic Technology Co., Ltd. 6N65 Datasheet HTML 7Page - DIYI Electronic Technology Co., Ltd. 6N65 Datasheet HTML 8Page - DIYI Electronic Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
4 / 8
TEST CIRCUITS AND WAVEFORMS(Cont.)
6N65
650V N-Channel Power MOSFET
Switching Test Circuit
Switching Waveforms
Gate Charge Test Circuit
Gate Charge Waveform
VDD
BVDSS
IAS
ID(t)
VDS(t)
Unclamped Inductive Switching Test Circuit
tp
Time
Unclamped Inductive Switching Waveforms
May,2015-REV.00
www.dyelec.com


Podobny numer części - 6N65

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Unisonic Technologies
6N65 UTC-6N65 Datasheet
252Kb / 6P
   6.2A, 650V N-CHANNEL POWER MOSFET
logo
Inchange Semiconductor ...
6N65 ISC-6N65 Datasheet
136Kb / 2P
   Drain Current ID= 6.2A@ TC=25C
logo
Zibo Seno Electronic En...
6N65 ZSELEC-6N65 Datasheet
460Kb / 6P
   N-CHANNEL POWER MOSFET
logo
SUNMATE electronic Co.,...
6N65 SUNMATE-6N65 Datasheet
2Mb / 7P
   N-CHANNEL POWER MOSFET
logo
Unisonic Technologies
6N65-C UTC-6N65-C Datasheet
200Kb / 6P
   N-CHANNEL POWER MOSFET
More results

Podobny opis - 6N65

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Taiwan Semiconductor Co...
TSM7N65A TSC-TSM7N65A Datasheet
514Kb / 6P
   650V N-Channel Power MOSFET
logo
Microdiode Electronics ...
10N65F CHENDA-10N65F Datasheet
527Kb / 4P
   650V N-Channel Power MOSFET
logo
DIYI Electronic Technol...
7N65 DYELEC-7N65 Datasheet
2Mb / 9P
   650V N-Channel Power MOSFET
8N65 DYELEC-8N65 Datasheet
1Mb / 9P
   650V N-Channel Power MOSFET
logo
Taiwan Semiconductor Co...
TSM12N65 TSC-TSM12N65 Datasheet
474Kb / 8P
   650V N-Channel Power MOSFET
logo
DIYI Electronic Technol...
4N65 DYELEC-4N65 Datasheet
2Mb / 10P
   650V N-Channel Power MOSFET
logo
Taiwan Semiconductor Co...
TSM7N65 TSC-TSM7N65_12 Datasheet
408Kb / 9P
   650V N-Channel Power MOSFET
TSM12N65 TSC-TSM12N65_15 Datasheet
844Kb / 8P
   650V N-Channel Power MOSFET
TSM7N65 TSC-TSM7N65 Datasheet
404Kb / 9P
   650V N-Channel Power MOSFET
logo
DIYI Electronic Technol...
12N65 DYELEC-12N65 Datasheet
2Mb / 9P
   650V N-Channel Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com