Zakładka z wyszukiwarką danych komponentów |
|
TP21J81APE22 Arkusz danych(PDF) 5 Page - C&K Components |
|
TP21J81APE22 Arkusz danych(HTML) 5 Page - C&K Components |
5 / 6 page A-19 Dimensions are shown: Inches (mm) Specifications and dimensions subject to change www.ck-components.com A Third Angle Projection TP Series Tiny Pushbutton Switches TERMINATIONS CONTACT MATERIAL SEAL PC MOUNTING TP11 Models: omit terminal 2. PC MOUNTING TP11 Models: omit hole 2. E EPOXY SEAL V3 VERTICAL MOUNT, V-BRACKET V3 VERTICAL MOUNT, V-BRACKET TP12SH9V3BE SPDT TP21SH9V3BE DPST * Note: See Technical Data section of this catalog for RoHS compliant and compatible definitions and specifications. 1 CONTACTS & TERMINALS: Copper alloy, with gold plate over nickel plate. 2 END CONTACTS: Coin silver, with gold plate over nickel plate. 3 CENTER CONTACTS & ALL TERMINALS: Copper alloy, with gold plate over nickel plate. 4 END CONTACTS: Coin silver, silver plated. 5 CENTER CONTACT & ALL TERMINALS: Copper alloy, silver plated. 6 TERMINALS: Copper alloy, with matte-tin over nickel plate. NOTE: Any models supplied with P, R, Q, B or G contact material are RoHS compliant. All models with all options when ordered with R, G, or Q contact material. B contact material standard with A, AV, V3 & W terminations. Q contact material standard with C & Z terminations P, R contact materials not available with Z terminations. OPTION CODE CONTACT MATERIAL TERMINAL PLATING RATINGS SILVER 5 GOLD 1 SILVER 4,5 GOLD OVER SILVER 2,3 GOLD 3 MATTE-TIN 6 GOLD 1 MATTE-TIN 6 LOW LEVEL/DRY CIRCUIT POWER LOW LEVEL/DRY CIRCUIT OR POWER 0.4 VA MAX. @ 20 V AC OR DC MAX. 1 AMP @ 120 V AC OR 28 V DC. 0.4 VA MAX @ 20 V AC OR DC MAX. OR 1 AMP @ 120 V AC OR 28 V DC. B P Q G R |
Podobny numer części - TP21J81APE22 |
|
Podobny opis - TP21J81APE22 |
|
|
Link URL |
Polityka prywatności |
ALLDATASHEET.PL |
Czy Alldatasheet okazała się pomocna? [ DONATE ] |
O Alldatasheet | Reklama | Kontakt | Polityka prywatności | Linki | Lista producentów All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |