Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SI5935DC Arkusz danych(PDF) 1 Page - Vishay Siliconix

Numer części SI5935DC
Szczegółowy opis  Dual P-Channel 1.8-V (G-S) MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  VISHAY [Vishay Siliconix]
Strona internetowa  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI5935DC Arkusz danych(HTML) 1 Page - Vishay Siliconix

  SI5935DC Datasheet HTML 1Page - Vishay Siliconix SI5935DC Datasheet HTML 2Page - Vishay Siliconix SI5935DC Datasheet HTML 3Page - Vishay Siliconix SI5935DC Datasheet HTML 4Page - Vishay Siliconix SI5935DC Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
FEATURES
D TrenchFETr Power MOSFETS
D Low rDS(on) Dual and Excellent Power
Handling In A Compact Footprint
APPLICATIONS
D Load Switch
D PA Switch
D Battery Switch
Si5935DC
Vishay Siliconix
New Product
Document Number: 72220
S-31260—Rev. A, 16-Jun-03
www.vishay.com
1
Dual P-Channel 1.8-V (G-S) MOSFET
PRODUCT SUMMARY
VDS (V)
rDS(on) (W)
ID (A)
0.086 @ VGS = -4.5 V
-4.1
-20
0.121 @ VGS = -2.5 V
-3.4
0.171 @ VGS = -1.8 V
-2.9
Bottom View
1206-8 ChipFETr
S1
G1
S2
G2
D1
D1
D2
D2
1
S1
G1
D1
P-Channel MOSFET
S2
G2
D2
P-Channel MOSFET
Marking Code
DF XX
Lot Traceability
and Date Code
Part # Code
Ordering Information: Si5935DC-T1
ABSOLUTE MAXIMUM RATINGS (TA = 25_C UNLESS OTHERWISE NOTED)
Parameter
Symbol
5 secs
Steady State
Unit
Drain-Source Voltage
VDS
-20
V
Gate-Source Voltage
VGS
"8
V
Continuous Drain Current (TJ = 150_C)a
TA = 25_C
ID
-4.1
-3
Continuous Drain Current (TJ = 150_C)a
TA = 85_C
ID
-2.9
-2.2
A
Pulsed Drain Current
IDM
-15
A
Continuous Source Current (Diode Conduction)a
IS
-1.8
-0.9
Maximum Power Dissipationa
TA = 25_C
PD
2.1
1.1
W
Maximum Power Dissipationa
TA = 85_C
PD
1.1
0.6
W
Operating Junction and Storage Temperature Range
TJ, Tstg
-55 to 150
_C
Soldering Recommendations (Peak Temperature)b, c
260
_C
THERMAL RESISTANCE RATINGS
Parameter
Symbol
Typical
Maximum
Unit
Mi
J
ti
t A bi ta
t v 5 sec
R
50
60
Maximum Junction-to-Ambienta
Steady State
RthJA
90
110
_C/W
Maximum Junction-to-Foot (Drain)
Steady State
RthJF
30
40
C/W
Notes
a.
Surface Mounted on 1” x 1” FR4 Board.
b.
See Reliability Manual for profile. The ChipFET is a leadless package. The end of the lead terminal is exposed copper (not plated) as a result of the singulation
process in manufacturing. A solder fillet at the exposed copper tip cannot be guaranteed and is not required to ensure adequate bottom side solder intercon-
nection.
c.
Rework Conditions: manual soldering with a soldering iron is not recommended for leadless components.


Podobny numer części - SI5935DC

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Vishay Siliconix
SI5935DC VISHAY-SI5935DC Datasheet
233Kb / 10P
   Dual P-Channel 1.8 V (G-S) MOSFET
Rev. C, 19-Apr-10
SI5935DC VISHAY-SI5935DC Datasheet
116Kb / 6P
   Dual P-Channel 1.8 V (G-S) MOSFET
01-Jan-2022
SI5935DC-T1-E3 VISHAY-SI5935DC-T1-E3 Datasheet
233Kb / 10P
   Dual P-Channel 1.8 V (G-S) MOSFET
Rev. C, 19-Apr-10
SI5935DC VISHAY-SI5935DC_V01 Datasheet
116Kb / 6P
   Dual P-Channel 1.8 V (G-S) MOSFET
01-Jan-2022
More results

Podobny opis - SI5935DC

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Vishay Siliconix
SI6973DQ VISHAY-SI6973DQ Datasheet
66Kb / 4P
   Dual P-Channel 1.8-V (G-S) MOSFET
Rev. A, 22-May-00
SI4965DY VISHAY-SI4965DY Datasheet
62Kb / 4P
   Dual P-Channel 1.8-V (G-S) MOSFET
Rev. B, 13-Oct-03
SI4967DY VISHAY-SI4967DY Datasheet
62Kb / 4P
   Dual P-Channel 1.8-V (G-S) MOSFET
Rev. C, 13-Oct-03
SI5935DC-T1-E3 VISHAY-SI5935DC-T1-E3 Datasheet
233Kb / 10P
   Dual P-Channel 1.8 V (G-S) MOSFET
Rev. C, 19-Apr-10
logo
Guangdong Kexin Industr...
KI5935DC KEXIN-KI5935DC Datasheet
66Kb / 2P
   Dual P-Channel 1.8-V (G-S) MOSFET
logo
Vishay Siliconix
SI6967DQ-T1-E3 VISHAY-SI6967DQ-T1-E3 Datasheet
216Kb / 10P
   Dual P-Channel 1.8-V (G-S) MOSFET
Rev. D, 02-Jun-08
SI4967DY VISHAY-SI4967DY_V01 Datasheet
103Kb / 5P
   Dual P-Channel 1.8-V (G-S) MOSFET
01-Jan-2022
SI5905DC VISHAY-SI5905DC_V01 Datasheet
112Kb / 5P
   Dual P-Channel 1.8 V (G-S) MOSFET
SI1905DL VISHAY-SI1905DL Datasheet
57Kb / 4P
   Dual P-Channel 1.8-V (G-S) MOSFET
Rev. A, 01-Nov-99
SI1907DL VISHAY-SI1907DL Datasheet
202Kb / 3P
   Dual P-Channel 1.8-V (G-S) MOSFET
Rev. B, 28-Feb-05
More results


Html Pages

1 2 3 4 5


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com