Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LD39100PU12R Arkusz danych(PDF) 3 Page - STMicroelectronics

Numer części LD39100PU12R
Szczegółowy opis  1 A, low quiescent current, low-noise voltage regulator
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LD39100PU12R Arkusz danych(HTML) 3 Page - STMicroelectronics

  LD39100PU12R Datasheet HTML 1Page - STMicroelectronics LD39100PU12R Datasheet HTML 2Page - STMicroelectronics LD39100PU12R Datasheet HTML 3Page - STMicroelectronics LD39100PU12R Datasheet HTML 4Page - STMicroelectronics LD39100PU12R Datasheet HTML 5Page - STMicroelectronics LD39100PU12R Datasheet HTML 6Page - STMicroelectronics LD39100PU12R Datasheet HTML 7Page - STMicroelectronics LD39100PU12R Datasheet HTML 8Page - STMicroelectronics LD39100PU12R Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 27 page
background image
LD39100
Circuit schematics
DocID15676 Rev 6
3/27
1
Circuit schematics
Figure 1: LD39100 schematic diagram (adjustable version)
Figure 2: LD39100 schematic diagram (fixed version)
Current
limit
Thermal
protection
OUT
GND
OpAmp
IN
Power-good
signal
PG
Internal
enable
IN
ADJ
EN
BandGap
reference
Current
limit
Thermal
protection
OUT
GND
OpAmp
IN
Power-good
signal
PG
Internal
enable
IN
IN
ADJ
EN
BandGap
reference
GIPD010920151332MT
Current
limit
Thermal
protection
OUT
GND
OpAmp
IN
Power-good
signal
PG
Internal
enable
IN
NC
EN
BandGap
reference
R
1
R
2
Current
limit
Thermal
protection
OUT
GND
OpAmp
IN
Power-good
signal
PG
Internal
enable
IN
IN
NC
EN
BandGap
reference
R
1
R
2
GIPD010920151333MT


Podobny numer części - LD39100PU12R

ProducentNumer częściArkusz danychSzczegółowy opis
logo
STMicroelectronics
LD39100PU12R STMICROELECTRONICS-LD39100PU12R Datasheet
863Kb / 23P
   1 A, low quiescent current, low noise voltage regulator
More results

Podobny opis - LD39100PU12R

ProducentNumer częściArkusz danychSzczegółowy opis
logo
STMicroelectronics
LD39100XX STMICROELECTRONICS-LD39100XX Datasheet
850Kb / 24P
   1 A, low quiescent current, low noise voltage regulator
LD39100PUR STMICROELECTRONICS-LD39100PUR Datasheet
863Kb / 23P
   1 A, low quiescent current, low noise voltage regulator
LD39115JXX STMICROELECTRONICS-LD39115JXX Datasheet
1Mb / 23P
   150 mA low quiescent current low noise voltage regulator
LD39015XX STMICROELECTRONICS-LD39015XX Datasheet
302Kb / 16P
   150 mA low quiescent current low noise voltage regulator
LD39050XX STMICROELECTRONICS-LD39050XX Datasheet
831Kb / 24P
   500 mA low quiescent current low noise voltage regulator
LD39015XX08 STMICROELECTRONICS-LD39015XX08 Datasheet
302Kb / 16P
   150 mA low quiescent current low noise voltage regulator
LD39015JXX STMICROELECTRONICS-LD39015JXX Datasheet
505Kb / 17P
   150 mA low quiescent current low noise voltage regulator
LD39015J STMICROELECTRONICS-LD39015J Datasheet
367Kb / 16P
   150 mA low quiescent current low noise voltage regulator
January 2014 Rev 4
LD39050 STMICROELECTRONICS-LD39050 Datasheet
723Kb / 28P
   500 mA low quiescent current and low noise voltage regulator
ST1L04 STMICROELECTRONICS-ST1L04 Datasheet
558Kb / 11P
   LOW QUIESCENT CURRENT VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com