Zakładka z wyszukiwarką danych komponentów |
|
G-NSDOG2-003 Arkusz danych(PDF) 3 Page - TE Connectivity Ltd |
|
G-NSDOG2-003 Arkusz danych(HTML) 3 Page - TE Connectivity Ltd |
3 / 4 page DOG2-SERIES INCLINOMETER SENSOR SOLUTIONS /// DOG2-SERIES INCLINOMETER 01/2016 Page 3 PARAMETERS Parameter Value Comment Range ±25°, ±45° or ±90° Dual axis sensor Accuracy, typ. 0.5° T= -40 °C to 85 °C Accuracy, typ. 0.15° T= 25 °C Resolution 12 bit Refresh rate 100 Hz Internal processing Startup time <1 s Valid output signal Supply/excitation voltage 8 to 30 V Direct current (DC) stabilized Supply current, typ. 15 mA No load Output 0.5 to 4.5 V -25° to 25°, -45° to 45° or -90° to 90° Connector AMP Superseal 1.5-Series, 4-pos. cap housing, TE Connectivity part-no. 282106-1 Requires 4-pos. plug housing, AMP Superseal 1.5-Series at connecting harness, TE Connectivity part-no. 282088-1 Cable 4 wire 0.25 mm2, outer diameter Ø3.9 mm PUR, length incl. connector 400 mm, full temperature range, flexible Operation temperature range -40 °C to 85 °C Storage temperature range -40 °C to 85 °C Weight, typ. 60 g Dimensions 70.5 mm x 45 mm x 15 mm W x D x H CONNECTOR PINNING Pin Function Description 1 VCC 8 to 30 VDC supply input (+) 2 GND GND 3 Output X 0.5 to 4.5 V, X axis output 4 Output Y 0.5 to 4.5 V, Y axis output TRANSFER CHARACTERISTIC Part-No. Φ min Φ max G-NSDOG2-001 -25° 25° G-NSDOG2-002 -45° 45° G-NSDOG2-003 -90° 90° Linear transfer characteristic between Φmin and Φmax |
Podobny numer części - G-NSDOG2-003 |
|
Podobny opis - G-NSDOG2-003 |