Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

FC-325-SY9 Arkusz danych(PDF) 3 Page - TE Connectivity Ltd

Numer części FC-325-SY9
Szczegółowy opis  Compact, Hermetically Sealed, Non-Latching Relays
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TEC [TE Connectivity Ltd]
Strona internetowa  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

FC-325-SY9 Arkusz danych(HTML) 3 Page - TE Connectivity Ltd

  FC-325-SY9 Datasheet HTML 1Page - TE Connectivity Ltd FC-325-SY9 Datasheet HTML 2Page - TE Connectivity Ltd FC-325-SY9 Datasheet HTML 3Page - TE Connectivity Ltd FC-325-SY9 Datasheet HTML 4Page - TE Connectivity Ltd FC-325-SY9 Datasheet HTML 5Page - TE Connectivity Ltd FC-325-SY9 Datasheet HTML 6Page - TE Connectivity Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
PAGE 3
AEROSPACE, DEFENSE & MARINE /// FC-325 SERIES RELAYS
CII FC-325 Series Relays
MECHANICAL/ENVIRONMENTAL
Temperature Range: -70°C to +125°C
Altitude: 80,000 feet
Sinusoidal Vibration: 10 g/5 to 1000 Hz
Shock: 50 g/11 ms
ELECTRICAL
Dielectric Strength at Sea Level:
Coil to Case: 1250 Vrms
All Other Points: 1500 Vrms
Dielectric Strength at 80,000 ft (25,000 m): 500 Vrms (all points)
Insulation Resistance at 500 Vdc:
Initial: 100 MΩ min.
After Life or Environmental Test: 50 MΩ min.
Contact Voltage Drop at Nominal Current:
Initial Value: 150 mV max.
After Life: 175 mV max.
OPERATIONAL
Operate Time at Nominal Voltage:
AC: 25 ms max.
DC: 20 ms max.
Release Time at Nominal Voltage:
AC: 50 ms max.
DC: 10 ms max.
Bounce Time at Nominal Voltage: 2 ms max.
RUGGED
• Hermetically sealed
• Corrosion protected metal can
• All welded construction.
No solder sealing
SPACE AND WEIGHT SAVING
• 1.5 inch cube enclosure
• 0.452 lbs
CAPABLE
• Excellent for switching harsh
inductive, motor, and lamp loads
• -70°C to +125°C temperature range
• 80,000 feet altitude rating
VERSATILE
• 28 Vdc or 115 Vac coils
• Solder hook or terminal block
configurations
QUALIFIED
• Qualified to MS27418 specifications
• Higher current ratings than standard
M83536 mid-range relays
APPLICATIONS
• Launch Systems
• Power Distribution
• Fuel Pumps
• Guidance and Navigation Systems
• Aircraft Galley/Cabin Equipment
• Weapons Systems
• Ground Support Equipment


Podobny numer części - FC-325-SY9

ProducentNumer częściArkusz danychSzczegółowy opis
logo
PREMO CORPORATION S.L
FC-325 PREMO-FC-325 Datasheet
137Kb / 1P
   Screened Room Filters
logo
3M Electronics
FC-3255 3M-FC-3255 Datasheet
58Kb / 4P
   Fluorinert™ Liquids For Electronics Manufacturing
12/03
More results

Podobny opis - FC-325-SY9

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Schneider Electric
782XDXH10-24D SCHNEIDER-782XDXH10-24D Datasheet
102Kb / 4P
   Hermetically sealed plug-in relays, SE Relays, 3A, 4 CO, 24VDC
782XDXH21-12D SCHNEIDER-782XDXH21-12D Datasheet
99Kb / 4P
   Hermetically sealed plug-in relays, SE Relays, 5A, 4 CO, 12VDC
782XDXH21-120A SCHNEIDER-782XDXH21-120A Datasheet
99Kb / 4P
   Hermetically sealed plug-in relays, SE Relays, 5A, 4 CO, 120VAC
782XDXH21-24D SCHNEIDER-782XDXH21-24D Datasheet
99Kb / 4P
   Hermetically sealed plug-in relays, SE Relays, 5A, 4 CO, 24VDC
782XDXH10-240A SCHNEIDER-782XDXH10-240A Datasheet
102Kb / 4P
   Hermetically sealed plug-in relays, SE Relays, 3A, 4 CO, 240VAC
782XDXH10-24A SCHNEIDER-782XDXH10-24A Datasheet
102Kb / 4P
   Hermetically sealed plug-in relays, SE Relays, 3A, 4 CO, 24VAC
782XDXH10-110D SCHNEIDER-782XDXH10-110D Datasheet
102Kb / 4P
   Hermetically sealed plug-in relays, SE Relays, 3A, 4 CO, 110VDC
782XBXH21-24D SCHNEIDER-782XBXH21-24D Datasheet
105Kb / 4P
   Hermetically sealed plug-in relays, SE Relays, 5A, 2 CO, 24VDC
More results


Html Pages

1 2 3 4 5 6


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com