Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

FMET-24010 Arkusz danych(PDF) 2 Page - Sanken electric

Numer części FMET-24010
Szczegółowy opis  Trench Schottky Diode
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SANKEN [Sanken electric]
Strona internetowa  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

FMET-24010 Arkusz danych(HTML) 2 Page - Sanken electric

  FMET-24010 Datasheet HTML 1Page - Sanken electric FMET-24010 Datasheet HTML 2Page - Sanken electric FMET-24010 Datasheet HTML 3Page - Sanken electric FMET-24010 Datasheet HTML 4Page - Sanken electric FMET-24010 Datasheet HTML 5Page - Sanken electric FMET-24010 Datasheet HTML 6Page - Sanken electric  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
FMET-24010
FMET-24010-DSE Rev.1.0
SANKEN ELECTRIC CO., LTD.
2
Oct. 28, 2016
http://www.sanken-ele.co.jp/en/
© SANKEN ELECTRIC CO., LTD. 2016
Absolute Maximum Ratings
Unless otherwise specified, TA = 25 °C
Parameter
Symbol
Rating
Unit
Remarks
Peak Repetitive Reverse Voltage
(1)
VRSM
100
V
Repetitive Reverse Voltage
(1)
VRM
100
V
Average Forward Current
(2)
IF(AV)
40
A
Surge Forward Current
(1)
IFSM
150
A
Half cycle sine wave,
positive side,
10 ms, one shot
Junction Temperature
TJ
−40 to 150
°C
Storage Temperature
TSTG
−40 to 150
°C
Electrical Characteristics
Unless otherwise specified, TA = 25 °C
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Unit
Remarks
Forward Voltage Drop
(1)
VF
IF = 10 A
0.67
V
IF = 20 A
0.81
0.85
V
Forward
Voltage
Drop
Under High Temperature
(1)
H∙VF
TJ = 125 °C, IF = 10 A
0.57
V
TJ = 125 °C, IF = 20 A
0.67
V
Reverse Leakage Current
(1)
IR
VR = VRM
0.9
150
µA
Reverse
Leakage
Current
Under High Temperature
(1)
H∙IR
VR = VRM, TJ = 150 °C
9.0
75
mA
Thermal Resistance
(3)
Rth(J-C)
4.0
°C/W
(1) The rating of one chip.
(2) The rating of two chips. The rating of one chip is 20A.
(3) R
th(J-C) is thermal resistance between junction and case. Case temperature (TC) is measured at the under of the screw
hole of case.


Podobny numer części - FMET-24010

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sanken electric
FMET-21510 SANKEN-FMET-21510 Datasheet
350Kb / 6P
   Trench Schottky Diode
FMET-22010 SANKEN-FMET-22010 Datasheet
350Kb / 6P
   Trench Schottky Diode
FMET-23010 SANKEN-FMET-23010 Datasheet
299Kb / 6P
   Trench Schottky Diode
More results

Podobny opis - FMET-24010

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sanken electric
FMET-22010 SANKEN-FMET-22010 Datasheet
350Kb / 6P
   Trench Schottky Diode
FMET-21510 SANKEN-FMET-21510 Datasheet
350Kb / 6P
   Trench Schottky Diode
FMET-23010 SANKEN-FMET-23010 Datasheet
299Kb / 6P
   Trench Schottky Diode
logo
SYNC POWER Crop.
SPC6801 SYNC-POWER-SPC6801 Datasheet
229Kb / 9P
   P-Channel Trench MOSFET with Schottky Diode
SPC4703 SYNC-POWER-SPC4703 Datasheet
230Kb / 9P
   P-Channel Trench MOSFET with Schottky Diode
logo
ON Semiconductor
NSR05301MX4 ONSEMI-NSR05301MX4 Datasheet
169Kb / 5P
   Trench-based Schottky Diode, 500 mA, 30 V
October, 2020 ??Rev. 1
logo
IXYS Corporation
L608 IXYS-L608 Datasheet
45Kb / 2P
   Chopper with Trench Power MOSFET and Schottky Diode
logo
STMicroelectronics
STPST10H100 STMICROELECTRONICS-STPST10H100 Datasheet
344Kb / 8P
   100 V - 10 A power Schottky trench diode
Rev 1 - January 2021
logo
Taiwan Semiconductor Co...
TSD30H100CW TSC-TSD30H100CW Datasheet
259Kb / 5P
   Trench Schottky Rectifier
TSF10H100C TSC-TSF10H100C_14 Datasheet
247Kb / 5P
   Trench Schottky Rectifier
More results


Html Pages

1 2 3 4 5 6


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com