Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

STK14C88-L35M Arkusz danych(PDF) 9 Page - List of Unclassifed Manufacturers

Numer części STK14C88-L35M
Szczegółowy opis  32K x 8 AutoStore nvSRAM QuantumTrap CMOS Nonvolatile Static RAM
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ETC [List of Unclassifed Manufacturers]
Strona internetowa  
Logo ETC - List of Unclassifed Manufacturers

STK14C88-L35M Arkusz danych(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button STK14C88-L35M Datasheet HTML 5Page - List of Unclassifed Manufacturers STK14C88-L35M Datasheet HTML 6Page - List of Unclassifed Manufacturers STK14C88-L35M Datasheet HTML 7Page - List of Unclassifed Manufacturers STK14C88-L35M Datasheet HTML 8Page - List of Unclassifed Manufacturers STK14C88-L35M Datasheet HTML 9Page - List of Unclassifed Manufacturers STK14C88-L35M Datasheet HTML 10Page - List of Unclassifed Manufacturers STK14C88-L35M Datasheet HTML 11Page - List of Unclassifed Manufacturers STK14C88-L35M Datasheet HTML 12Page - List of Unclassifed Manufacturers STK14C88-L35M Datasheet HTML 13Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
STK14C88
December 2002
9
Document Control # ML0014 rev 0.0
SOFTWARE NONVOLATILE RECALL
A software RECALL cycle is initiated with a sequence
of READ operations in a manner similar to the soft-
ware STORE initiation. To initiate the RECALL cycle,
the following sequence of E controlled READ opera-
tions must be performed:
1. Read address
0E38 (hex)
Valid READ
2. Read address
31C7 (hex)
Valid READ
3. Read address
03E0 (hex)
Valid READ
4. Read address
3C1F (hex)
Valid READ
5. Read address
303F (hex)
Valid READ
6. Read address
0C63 (hex)
Initiate RECALL cycle
Internally, RECALL is a two-step procedure. First, the
SRAM
data is cleared, and second, the nonvolatile
information is transferred into the SRAM cells. After
the t
RECALL cycle time the SRAM will once again be
ready for READ and WRITE operations. The RECALL
operation in no way alters the data in the nonvolatile
elements. The nonvolatile data can be recalled an
unlimited number of times.
AutoStore™ OPERATION
The STK14C88 can be powered in one of three
modes.
During
normal
AutoStore™
operation,
the
STK14C88 will draw current from V
CCX to charge a
capacitor connected to the V
CAP pin. This stored
charge will be used by the chip to perform a single
STORE
operation. After power up, when the voltage
on the V
CAP pin drops below VSWITCH, the part will
automatically disconnect the V
CAP pin from VCCX and
initiate a STORE operation.
Figure 2 shows the proper connection of capacitors
for automatic store operation. A charge storage
capacitor having a capacity of between 68
µF and
220
µF (± 20%) rated at 6V should be provided.
In system power mode (Figure 3), both V
CCX and
V
CAP are connected to the + 5V power supply without
the 68
µF capacitor. In this mode the AutoStore™
function of the STK14C88 will operate on the stored
system charge as power goes down. The user must,
however, guarantee that V
CCX does not drop below
3.6V during the 10ms STORE cycle.
If an automatic STORE on power loss is not required,
then V
CCX can be tied to ground and + 5V applied to
V
CAP
(Figure 4). This is the AutoStore™ Inhibit
mode, in which the AutoStore™ function is disabled.
If the STK14C88 is operated in this configuration,
references to V
CCX
should be changed to V
CAP
throughout this data sheet. In this mode, STORE
operations may be triggered through software con-
trol or the HSB pin. It is not permissable to change
between these three options “on the fly”.
In order to prevent unneeded STORE operations,
automatic STOREs as well as those initiated by
externally driving HSB low will be ignored unless at
least one WRITE operation has taken place since the
most recent STORE or RECALL cycle. Software-
initiated STORE cycles are performed regardless of
whether a WRITE operation has taken place. An
optional pull-up resistor is shown connected to HSB.
This can be used to signal the system that the
AutoStore™ cycle is in progress.
Figure 2: AutoStore™ Mode
1
16
32
31
17
30
+
10k
Ω∗
Figure 3: System Power Mode
1
16
32
31
17
30
Figure 4: AutoStore™
Inhibit Mode
1
16
32
31
17
30
*If HSB is not used, it should be left unconnected.


Podobny numer części - STK14C88-L35M

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Simtek Corporation
STK14C88-L SIMTEK-STK14C88-L Datasheet
31Kb / 2P
   Statement of Material Content Ceramic LCC Packages
STK14C88-LF25 SIMTEK-STK14C88-LF25 Datasheet
397Kb / 19P
   32Kx8 AutoStore nvSRAM
STK14C88-LF25I SIMTEK-STK14C88-LF25I Datasheet
397Kb / 19P
   32Kx8 AutoStore nvSRAM
STK14C88-LF25ITR SIMTEK-STK14C88-LF25ITR Datasheet
397Kb / 19P
   32Kx8 AutoStore nvSRAM
STK14C88-LF25TR SIMTEK-STK14C88-LF25TR Datasheet
397Kb / 19P
   32Kx8 AutoStore nvSRAM
More results

Podobny opis - STK14C88-L35M

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Simtek Corporation
STK25C48 SIMTEK-STK25C48 Datasheet
310Kb / 10P
   2K x 8 AutoStore??nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM
logo
List of Unclassifed Man...
STK22C48 ETC1-STK22C48 Datasheet
297Kb / 11P
   2K x 8 AutoStore??nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM
logo
Simtek Corporation
STK15C68 SIMTEK-STK15C68 Datasheet
382Kb / 10P
   8K x 8 AutoStore??nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM
logo
List of Unclassifed Man...
STK12C68 ETC-STK12C68 Datasheet
388Kb / 13P
   8K x 8 AutoStore??nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM
STK14D88 ETC-STK14D88 Datasheet
216Kb / 15P
   32K x 8 AutoStore nvSRAM CMOS Nonvolatile Static RAM
STK14C88-3 ETC-STK14C88-3 Datasheet
371Kb / 13P
   32K x 8 AutoStore??nvSRAM QuantumTrap CMOS Nonvolatile StaticRAM
STK16C88 ETC1-STK16C88 Datasheet
197Kb / 10P
   32K x 8 AutoStorePlus nvSRAM QuantumTrap CMOS Nonvolatile Static RAM
logo
Simtek Corporation
STK11C88-3 SIMTEK-STK11C88-3 Datasheet
366Kb / 10P
   32K x 8 nvSRAM 3.3V QuantumTrap??CMOS Nonvolatile Static RAM
logo
List of Unclassifed Man...
STK16C88-3 ETC1-STK16C88-3 Datasheet
319Kb / 11P
   32K x 8 AutoStorePlus nvSRAM 3.3V QuantumTrap CMOS Nonvolatile Static RAM
STK14C88-M ETC1-STK14C88-M Datasheet
85Kb / 12P
   32K x 8 AUTOSTORE nvSRAM QUANTUM TRAP CMOS NONVOLATILE STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com