Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

CXTA42NPN Arkusz danych(PDF) 1 Page - Central Semiconductor Corp

Numer części CXTA42NPN
Szczegółowy opis  SURFACE MOUNT SILICON HIGH VOLTAGE TRANSISTOR
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  CENTRAL [Central Semiconductor Corp]
Strona internetowa  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

CXTA42NPN Arkusz danych(HTML) 1 Page - Central Semiconductor Corp

  CXTA42NPN Datasheet HTML 1Page - Central Semiconductor Corp CXTA42NPN Datasheet HTML 2Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MAXIMUM RATINGS (TA=25oC)
SYMBOL
CXTA42
CXTA92
UNITS
Collector-Base Voltage
VCBO
300
300
V
Collector-Emitter Voltage
VCEO
300
300
V
Emitter-Base Voltage
VEBO
6.0
5.0
V
Collector Current
IC
500
mA
Power Dissipation
PD
1.2
W
Operating and Storage
Junction Temperature
TJ,Tstg
-65 to +150
o
C
Thermal Resistance
ΘJA
104
o
C/W
ELECTRICAL CHARACTERISTICS (TA=25oC unless otherwise noted)
CXTA42
CXTA92
SYMBOL
TEST CONDITIONS
MIN
MAX
MIN
MAX
UNITS
ICBO
VCB=200V
100
250
nA
IEBOVBE=6.0V
100
-
nA
IEBO
VBE=3.0V
-
100
nA
BVCBO
IC=100mA
300
300
V
BVCEO
IC=1.0mA
300
300
V
BVEBO
IE=100µA
6.0
5.0
V
VCE(SAT)
IC=20mA, IB=2.0mA
0.5
0.5
V
VBE(SAT)
IC=20mA, IB=2.0mA
0.9
0.9
V
hFE
VCE=10V, IC=1.0mA
25
25
hFE
VCE=10V, IC=10mA
40
40
hFE
VCE=10V, IC=30mA
40
25
fT
VCE=20V, IC=10mA, f=100MHz
50
50
MHz
Cob
VCB=20V, IE=0, f=1.0MHz
3.0
6.0
pF
CXTA42 NPN
CXTA92 PNP
SURFACE MOUNT
SILICON HIGH VOLTAGE
TRANSISTOR
SOT-89 CASE
Central
Semiconductor Corp.
TM
R3( 19-December 2001)
DESCRIPTION:
The CENTRAL SEMICONDUCTOR CXTA42,
CXTA92
types are complementary surface
mount epoxy molded silicon planar epitaxial
transistors designed for high voltage applications.


Podobny numer części - CXTA42NPN

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Central Semiconductor C...
CXTA42 CENTRAL-CXTA42 Datasheet
289Kb / 2P
   SURFACE MOUNT COMPLEMENTARY HIGH VOLTAGE SILICON TRANSISTORS
CXTA42 CENTRAL-CXTA42 Datasheet
289Kb / 2P
   SURFACE MOUNT COMPLEMENTARY HIGH VOLTAGE SILICON TRANSISTORS
CXTA42 CENTRAL-CXTA42_15 Datasheet
289Kb / 2P
   SURFACE MOUNT COMPLEMENTARY HIGH VOLTAGE SILICON TRANSISTORS
More results

Podobny opis - CXTA42NPN

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
BSP19AT1 ONSEMI-BSP19AT1 Datasheet
83Kb / 6P
   NPN SILICON HIGH VOLTAGE TRANSISTOR SURFACE MOUNT
REV 2
logo
Motorola, Inc
PZTA92T1 MOTOROLA-PZTA92T1 Datasheet
60Kb / 4P
   PNP SILICON HIGH VOLTAGE TRANSISTOR SURFACE MOUNT
logo
Central Semiconductor C...
CXTA44 CENTRAL-CXTA44_15 Datasheet
289Kb / 2P
   SURFACE MOUNT HIGH VOLTAGE NPN SILICON TRANSISTOR
CZTA94 CENTRAL-CZTA94_10 Datasheet
533Kb / 2P
   SURFACE MOUNT HIGH VOLTAGE PNP SILICON TRANSISTOR
logo
ON Semiconductor
PZTA92T1 ONSEMI-PZTA92T1 Datasheet
107Kb / 6P
   PNP SILICON HIGH VOLTAGE TRANSISTOR SURFACE MOUNT
1998 REV 3
logo
Central Semiconductor C...
CZTA94 CENTRAL-CZTA94_15 Datasheet
533Kb / 2P
   SURFACE MOUNT HIGH VOLTAGE PNP SILICON TRANSISTOR
CMPTA94 CENTRAL-CMPTA94_10 Datasheet
327Kb / 2P
   SURFACE MOUNT HIGH VOLTAGE PNP SILICON TRANSISTOR
CZTA42 CENTRAL-CZTA42 Datasheet
72Kb / 2P
   SURFACE MOUNT COMPLEMENTARY HIGH VOLTAGE SILICON TRANSISTOR
CXTA44 CENTRAL-CXTA44 Datasheet
70Kb / 2P
   SURFACE MOUNT NPN SILICON HIGH VOLTAGE TRANSISTOR
CMPTA94 CENTRAL-CMPTA94 Datasheet
120Kb / 2P
   SURFACE MOUNT PNP HIGH VOLTAGE SILICON TRANSISTOR
More results


Html Pages

1 2


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com