Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SMA6852MZ Arkusz danych(PDF) 7 Page - Sanken electric

Numer części SMA6852MZ
Szczegółowy opis  High Voltage 3-Phase Motor Driver ICs
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SANKEN [Sanken electric]
Strona internetowa  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

SMA6852MZ Arkusz danych(HTML) 7 Page - Sanken electric

Back Button SMA6852MZ Datasheet HTML 3Page - Sanken electric SMA6852MZ Datasheet HTML 4Page - Sanken electric SMA6852MZ Datasheet HTML 5Page - Sanken electric SMA6852MZ Datasheet HTML 6Page - Sanken electric SMA6852MZ Datasheet HTML 7Page - Sanken electric SMA6852MZ Datasheet HTML 8Page - Sanken electric SMA6852MZ Datasheet HTML 9Page - Sanken electric SMA6852MZ Datasheet HTML 10Page - Sanken electric SMA6852MZ Datasheet HTML 11Page - Sanken electric Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
High Voltage 3-Phase Motor Driver ICs
SMA685xM Series
Sanken Electric Co., Ltd.
I02-005JB-070823
March, 2015
5. Application Example
VCC2
LIN1
VCC1
HIN1
COM1
VB1
HO3
HS3
LIN2
LIN3
FO
COM2
LO1
LO2
LO3
M
15 V
HVIC
LVIC
HIN2
HIN3
VB2 VB3
HO2
HO1
HS1
HS2
10
1
3
4
8
5
6
7
24
12
11
14
9
13
16
15
23
22
19
18
20
21
VREG
2
17
BootDi
RB
NOTES:
● All of the input pins are connected to GND with internal pull-down resistors rated at 100 kΩ. However, an
external pull-down resistor may be required to secure stable condition of the inputs if high impedance
conditions are applied to them.
● The external electrolytic capacitors should be placed as close to the IC as possible, in order to avoid
malfunctions from external noise interference. Put a ceramic capacitor in parallel with the electrolytic
capacitor if further reduction of noise susceptibility is necessary.


Podobny numer części - SMA6852MZ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sanken electric
SMA6852MZ SANKEN-SMA6852MZ Datasheet
615Kb / 13P
   High Voltage 3-Phase Motor Driver ICs
More results

Podobny opis - SMA6852MZ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sanken electric
SIM6812M SANKEN-SIM6812M Datasheet
553Kb / 16P
   High Voltage 3-Phase Motor Driver ICs
logo
Allegro MicroSystems
SIM6800M ALLEGRO-SIM6800M Datasheet
317Kb / 16P
   High Voltage 3-Phase Motor Driver ICs
logo
Sanken electric
SMA685XM SANKEN-SMA685XM Datasheet
615Kb / 13P
   High Voltage 3-Phase Motor Driver ICs
SCM1270MF SANKEN-SCM1270MF Datasheet
1Mb / 53P
   600V High Voltage 3-phase Motor Driver ICs
SIM6880M SANKEN-SIM6880M Datasheet
2Mb / 52P
   500V / 600V High Voltage 3-phase Motor Driver ICs
SIM6800M SANKEN-SIM6800M Datasheet
2Mb / 52P
   500V / 600V High Voltage 3-phase Motor Driver ICs
SPI-6631M SANKEN-SPI-6631M Datasheet
82Kb / 2P
   Low Voltage 3-Phase Brushless Motor Driver ICs
SI-7600 SANKEN-SI-7600 Datasheet
41Kb / 5P
   3-Phase Stepper Motor Driver ICs
logo
Allegro MicroSystems
SCM1106M ALLEGRO-SCM1106M Datasheet
376Kb / 10P
   High Voltage 3 Phase Motor Driver
logo
Sanken electric
SMA6821MP SANKEN-SMA6821MP Datasheet
251Kb / 13P
   High Voltage 3-Phase Motor Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com