Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SM5S20CA Arkusz danych(PDF) 2 Page - SUNMATE electronic Co., LTD

Numer części SM5S20CA
Szczegółowy opis  SURFACE MOUNT AUTOMOTIVE TRANSIENT VOLAGE SUPPRESSOR
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SUNMATE [SUNMATE electronic Co., LTD]
Strona internetowa  http://www.sunmate.tw/
Logo SUNMATE - SUNMATE electronic Co., LTD

SM5S20CA Arkusz danych(HTML) 2 Page - SUNMATE electronic Co., LTD

  SM5S20CA Datasheet HTML 1Page - SUNMATE electronic Co., LTD SM5S20CA Datasheet HTML 2Page - SUNMATE electronic Co., LTD SM5S20CA Datasheet HTML 3Page - SUNMATE electronic Co., LTD  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
SM5S36CA
SM5S33CA
SM5S30CA
SM5S28CA
SM5S24CA
SM5S26CA
SM5S22CA
SM5S20CA
SM5S18CA
SM5S17CA
SM5S16CA
SM5S15CA
SM5S14CA
SM5S13CA
SM5S12CA
SM5S11CA
SM5S10CA
2 of 3
Electrical Characteristics (TC= 25 °C unless otherwise noted)
Maximum
Maximum
Max. Peak
Maximum
Reverse
Reverse
Pulse
Clamping
est Current
Stand-off
Leakage
Leakage
Current
Voltage at
V(BR)
IT
Voltage
at VWM
at VWM
at 10/1000
µµsIPPM
(V)
VWM
ID
Tc = 175oC
Waveform
VC
Min.
Max.
(mA)
(V)
(
µµA)
ID(
µµA)
(A)
(V)
Note: For all types maximum VF = 2.0V at IF = 100A measured on 8.3ms single half sine-wave or equivalent square wave, duty cycle = 4 pulses per minute maximum
12.2
14.9
5.0
11.0
10
150
179
20.1
SM5S10A
11.1
12.3
5.0
10.0
15
250
212
17.0
13.3
16.3
5.0
12.0
10
150
164
22.0
SM5S12A
13.3
14.7
5.0
12.0
10
150
181
19.9
14.4
17.6
5.0
13.0
10
150
151
23.8
SM5S13A
14.4
15.9
5.0
13.0
10
150
167
21.5
15.6
19.1
5.0
14.0
10
150
140
25.8
SM5S14A
15.6
17.2
5.0
14.0
10
150
155
23.2
16.7
20.4
5.0
15.0
10
150
134
26.9
SM5S15A
16.7
18.5
5.0
15.0
10
150
148
24.4
17.8
21.8
5.0
16.0
10
150
125
28.8
SM5S16A
17.8
19.7
5.0
16.0
10
150
138
26.0
18.9
23.1
5.0
17.0
10
150
118
30.5
SM5S17A
18.9
20.9
5.0
17.0
10
150
130
27.6
20.0
24.4
5.0
18.0
10
150
112
32.2
SM5S18A
20.0
22.1
5.0
18.0
10
150
123
29.2
22.2
27.1
5.0
20.0
10
150
101
35.8
SM5S20A
22.2
24.5
5.0
20.0
10
150
111
32.4
SM5S36A
40.0
44.2
5.0
36.0
10
150
62
58.1
SM5S33A
36.7
40.6
5.0
33.0
10
150
68
53.3
36.7
44.9
5.0
33.0
10
150
61
59.0
SM5S30A
33.3
36.8
5.0
30.0
10
150
74
48.4
33.3
40.7
5.0
30.0
10
150
67
53.5
SM5S28A
31.1
34.4
5.0
28.0
10
150
79
45.4
31.1
38.0
5.0
28.0
10
150
72
50.1
SM5S26A
28.9
31.9
5.0
26.0
10
150
86
42.1
28.9
35.3
5.0
26.0
10
150
77
46.6
SM5S24A
26.7
29.5
5.0
24.0
10
150
93
38.9
26.7
32.6
5.0
24.0
10
150
84
43.0
SM5S22A
24.4
26.9
5.0
22.0
10
150
101
35.5
24.4
29.8
5.0
22.0
10
150
91
39.4
40.0
48.9
5.0
36.0
10
150
56
64.3
11.1
13.6
5.0
10.0
15
250
191
18.8
Breakdown Voltage
T
12.2
13.5
5.0
11.0
10
150
198
18.2
www.sunmate.tw
SM5S11A
Type


Podobny numer części - SM5S20CA

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Shanghai Leiditech Elec...
SM5S20CA LEIDITECH-SM5S20CA Datasheet
1Mb / 6P
   3600W Transient Voltage Suppressor
logo
Socay Electornics Co., ...
SM5S20CAD SOCAY-SM5S20CAD Datasheet
1Mb / 5P
   Surface Mount Transient Voltage Suppressors (TVS)
More results

Podobny opis - SM5S20CA

ProducentNumer częściArkusz danychSzczegółowy opis
logo
SUNMATE electronic Co.,...
SM6S10CA SUNMATE-SM6S10CA Datasheet
629Kb / 3P
   SURFACE MOUNT AUTOMOTIVE TRANSIENT VOLAGE SUPPRESSOR
SM5S10A SUNMATE-SM5S10A Datasheet
542Kb / 3P
   SURFACE MOUNT AUTOMOTIVE TRANSIENT VOLAGE SUPPRESSOR
SLCB6.5A SUNMATE-SLCB6.5A Datasheet
548Kb / 4P
   SURFACE MOUNT LOW CAPACITANCE TRANSIENT VOLAGE SUPPRESSOR
SM6S10A SUNMATE-SM6S10A Datasheet
629Kb / 3P
   SURFACE MOUNT AUTOMOTIVE TRANSIENT VOLAGE SUPPRESSOR3
logo
General Semiconductor
TPSMB6.8 GE-TPSMB6.8 Datasheet
65Kb / 4P
   SURFACE MOUNT AUTOMOTIVE TRANSIENT VOLTAGE SUPPRESSOR
TPSMC6.8 GE-TPSMC6.8 Datasheet
64Kb / 4P
   AUTOMOTIVE SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Vishay Siliconix
SM8A27 VISHAY-SM8A27 Datasheet
33Kb / 3P
   Surface Mount Automotive Transient Voltage Suppressor
01-Aug-02
logo
General Semiconductor
SM5A27 GE-SM5A27 Datasheet
107Kb / 2P
   SURFACE MOUNT AUTOMOTIVE TRANSIENT VOLTAGE SUPPRESSOR
SM6A27 GE-SM6A27 Datasheet
107Kb / 2P
   SURFACE MOUNT AUTOMOTIVE TRANSIENT VOLTAGE SUPPRESSOR
logo
EIC discrete Semiconduc...
TPSMC43A EIC-TPSMC43A_12 Datasheet
165Kb / 3P
   AUTOMOTIVE SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
More results


Html Pages

1 2 3


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com