Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

M27C64A-25F1X Arkusz danych(PDF) 6 Page - STMicroelectronics

Numer części M27C64A-25F1X
Szczegółowy opis  64K (8K x 8) UV EPROM and OTP ROM
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M27C64A-25F1X Arkusz danych(HTML) 6 Page - STMicroelectronics

Back Button M27C64A-25F1X Datasheet HTML 2Page - STMicroelectronics M27C64A-25F1X Datasheet HTML 3Page - STMicroelectronics M27C64A-25F1X Datasheet HTML 4Page - STMicroelectronics M27C64A-25F1X Datasheet HTML 5Page - STMicroelectronics M27C64A-25F1X Datasheet HTML 6Page - STMicroelectronics M27C64A-25F1X Datasheet HTML 7Page - STMicroelectronics M27C64A-25F1X Datasheet HTML 8Page - STMicroelectronics M27C64A-25F1X Datasheet HTML 9Page - STMicroelectronics M27C64A-25F1X Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
Symbol
Parameter
Test Condition
Min
Max
Unit
ILI
Input Leakage Current
VIL
≤ VIN ≤ VIH
±10
µA
ICC
Supply Current
30
mA
IPP
Program Current
E = VIL
30
mA
VIL
Input Low Voltage
–0.3
0.8
V
VIH
Input High Voltage
2
VCC + 0.5
V
VOL
Output Low Voltage
IOL = 2.1mA
0.4
V
VOH
Output High Voltage TTL
IOH = –400
µA
2.4
V
VID
A9 Voltage
11.5
12.5
V
Note: 1. VCC must be applied simultaneously with or before VPP and removed simultaneously or after VPP.
Table 8. Programming Mode DC Characteristics (1)
(TA =25
°C; VCC =6V ± 0.25V; VPP = 12.5V ± 0.3V)
Symbol
Alt
Parameter
Test Condition
Min
Max
Unit
tAVPL
tAS
Address Valid to Program Low
2
µs
tQVPL
tDS
Input Valid to Program Low
2
µs
tVPHPL
tVPS
VPP High to Program Low
2
µs
tVCHPL
tVCS
VCC High to Program Low
2
µs
tELPL
tCES
Chip Enable Low to
Program Low
2
µs
tPLPH
tPW
Program Pulse Width (Initial)
0.95
1.05
ms
Program Pulse Width (Over
Program)
2.85
78.75
ms
tPHQX
tDH
Program High to Input
Transition
2
µs
tQXGL
tOES
Input Transition to Output
Enable Low
2
µs
tGLQV
tOE
Output Enable Low to
Output Valid
100
ns
tGHQZ
(2)
tDFP
Output Enable High to
Output Hi-Z
0
130
ns
tGHAX
tAH
Output Enable High to
Address Transition
0ns
Notes: 1. VCC must be applied simultaneously with or before VPP and removed simultaneously or after VPP.
2. Sampled only, not 100% tested.
Table 9. Programming Mode AC Characteristics (1)
(TA =25
°C; VCC =6V ± 0.25V; VPP = 12.5V ± 0.3V)
6/11
M27C64A


Podobny numer części - M27C64A-25F1X

ProducentNumer częściArkusz danychSzczegółowy opis
logo
STMicroelectronics
M27C64A-25F1X STMICROELECTRONICS-M27C64A-25F1X Datasheet
105Kb / 12P
   64 Kbit (8Kb x 8) UV EPROM and OTP EPROM
March 1998
More results

Podobny opis - M27C64A-25F1X

ProducentNumer częściArkusz danychSzczegółowy opis
logo
STMicroelectronics
M2764A STMICROELECTRONICS-M2764A Datasheet
109Kb / 10P
   NMOS 64K (8K x 8) UV EPROM
March 1995
logo
Hitachi Semiconductor
HN27512 HITACHI-HN27512 Datasheet
302Kb / 7P
   512K (64K X 8 BIT ) UV AND OTP EPROM
logo
STMicroelectronics
M27C801 STMICROELECTRONICS-M27C801 Datasheet
153Kb / 16P
   8 Mbit 1Mb x 8 UV EPROM and OTP EPROM
M27C801 STMICROELECTRONICS-M27C801_07 Datasheet
207Kb / 24P
   8 Mbit (1Mb x 8) UV EPROM and OTP EPROM
M27C801-100N1 STMICROELECTRONICS-M27C801-100N1 Datasheet
212Kb / 24P
   8 Mbit (1Mb x 8) UV EPROM and OTP EPROM
September 2007 Rev 6
M27C512 STMICROELECTRONICS-M27C512_07 Datasheet
278Kb / 22P
   512 Kbit (64K x8) UV EPROM and OTP EPROM
M27C512-12C1 STMICROELECTRONICS-M27C512-12C1 Datasheet
403Kb / 22P
   512 Kbit (64K x8) UV EPROM and OTP EPROM
logo
Microchip Technology
27C64 MICROCHIP-27C64 Datasheet
126Kb / 10P
   64K (8K x 8) CMOS EPROM
2004
logo
ATMEL Corporation
AT27C512R ATMEL-AT27C512R_07 Datasheet
406Kb / 15P
   512K (64K x 8) OTP EPROM
logo
AMIC Technology
A276308 AMICC-A276308 Datasheet
127Kb / 15P
   64K X 8 OTP CMOS EPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com