Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TPL0401x-10-Q1 Arkusz danych(PDF) 1 Page - Texas Instruments

Numer części TPL0401x-10-Q1
Szczegółowy opis  128-TAPS Single-Channel Digital Potentiometer with I2C Interface
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

TPL0401x-10-Q1 Arkusz danych(HTML) 1 Page - Texas Instruments

  TPL0401x-10-Q1 Datasheet HTML 1Page - Texas Instruments TPL0401x-10-Q1 Datasheet HTML 2Page - Texas Instruments TPL0401x-10-Q1 Datasheet HTML 3Page - Texas Instruments TPL0401x-10-Q1 Datasheet HTML 4Page - Texas Instruments TPL0401x-10-Q1 Datasheet HTML 5Page - Texas Instruments TPL0401x-10-Q1 Datasheet HTML 6Page - Texas Instruments TPL0401x-10-Q1 Datasheet HTML 7Page - Texas Instruments TPL0401x-10-Q1 Datasheet HTML 8Page - Texas Instruments TPL0401x-10-Q1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 31 page
background image
TPL0401A/B-10-Q1
I
2C INTERFACE
WIPER
REGISTER
SCL
SDA
GND
VDD
W
H
Copyright © 2016, Texas Instruments Incorporated
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.
TPL0401A-10-Q1
TPL0401B-10-Q1
SLIS182 – NOVEMBER 2016
TPL0401x-10-Q1 128-TAPS Single-Channel Digital Potentiometer with I2C Interface
1
1 Features
1
Single-Channel, 128-Position Resolution
10-kΩ End-to-End Resistance Options
Low Temperature Coefficient: 22 ppm/°C
I2C Serial Interface
2.7-V to 5.5-V Single-Supply Operation
±20% Resistance Tolerance
A and B Versions Have Different I2C Addresses
L Terminal is Internal and Connected to GND
Operating Temperature: –40°C to +125°C
Available in Industry Standard SC70 Packages
ESD Performance Tested per JESD 22
2000-V Human-Body Model (A114-B, Class II)
2 Applications
Mechanical Potentiometer Replacement
Adjustable Power Supplies
Adjustable Gain Amplifiers and Offset Trimming
Precision Calibration of Setpoint Thresholds
Sensor Trimming and Calibration
3 Description
The TPL0401x-10-Q1 device is a single-channel,
linear-taper digital potentiometer with 128 wiper
positions. The TPL0401x-10-Q1 has the low terminal
internal and connected to GND. The position of the
wiper can be adjusted using an I2C interface. The
TPL0401x-10-Q1
is
available
in
a
6-pin
SC70
package with a specified temperature range of –40°C
to +125°C. The part has a 10-kΩ end-to-end
resistance and can operate with a supply voltage
range of 2.7 V to 5.5 V. This kind of product is widely
used in setting the voltage reference for low power
DDR3 memory.
The TPL0401x-10-Q1 has the low terminal internal
and connected to GND.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
TPL0401A-10-Q1
TPL0401B-10-Q1
SC70 (6)
2.00 mm × 1.25 mm
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
Simplified Schematic


Podobny numer części - TPL0401x-10-Q1

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
TPL0401X-10 TI1-TPL0401X-10 Datasheet
1Mb / 33P
[Old version datasheet]   128-TAPS Single-Channel Digital Potentiometer With I2C Interface
More results

Podobny opis - TPL0401x-10-Q1

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
TPL0401A TI1-TPL0401A Datasheet
328Kb / 18P
[Old version datasheet]   128 TAPS Single Channel Digital Potentiometer with I2C Interface
TPL0401A TI1-TPL0401A_12 Datasheet
671Kb / 21P
[Old version datasheet]   128 TAPS Single Channel Digital Potentiometer with I2C Interface
TPL0401A TI1-TPL0401A_17 Datasheet
1Mb / 33P
[Old version datasheet]   128-TAPS Single-Channel Digital Potentiometer With I2C Interface
TPL0401A-10 TI-TPL0401A-10_15 Datasheet
839Kb / 22P
[Old version datasheet]   128 TAPS Single Channel Digital Potentiometer with I2C Interface
TPL0401A TI1-TPL0401A_16 Datasheet
882Kb / 22P
[Old version datasheet]   128 TAPS Single Channel Digital Potentiometer with I2C Interface
logo
ON Semiconductor
CAT5132ZI-10 ONSEMI-CAT5132ZI-10 Datasheet
165Kb / 12P
   16 Volt Digital Potentiometer (POT) with 128 Taps and I2C Interface
July, 2013 ??Rev. 7
CAT5136 ONSEMI-CAT5136 Datasheet
173Kb / 11P
   Digital Potentiometers (POTs) with 128 Taps and I2C Interface
July, 2013 ??Rev. 1
logo
Texas Instruments
TPL0501 TI1-TPL0501 Datasheet
516Kb / 19P
[Old version datasheet]   256 Taps Single Channel Digital Potentiometer With SPI Interface
TPL0501-100 TI-TPL0501-100_15 Datasheet
947Kb / 22P
[Old version datasheet]   256 Taps Single Channel Digital Potentiometer With SPI Interface
TPL0501-100 TI1-TPL0501-100 Datasheet
775Kb / 21P
[Old version datasheet]   256 Taps Single Channel Digital Potentiometer With SPI Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com