Zakładka z wyszukiwarką danych komponentów |
|
TPL0401B-10QDCKRQ1 Arkusz danych(PDF) 9 Page - Texas Instruments |
|
|
TPL0401B-10QDCKRQ1 Arkusz danych(HTML) 9 Page - Texas Instruments |
9 / 31 page SDA LOAD CONFIGURATION VDD R = 1 k L Ώ C = 50 pF (see Note A) L DUT SDA Two Bytes for READ Wiper Position Register VOLTAGE WAVEFORMS 1 2 BYTE DESCRIPTION I C address 2 Wiper Position Data SCL SDA Stop Condition (P) Start Condition (S) Address Bit 7 (MSB) Address Bit 1 R/ Bit 0 (LSB) W ACK (A) Data Bit 7 (MSB) Data Bit 0 (LSB) Stop Condition (P) 0.7 x VCCI 0.3 x VCCI Repeat Start Condition Stop Condition 0.7 x VCCI 0.3 x VCCI tscl tsch tsp ticf ticf ticr tsth ticr tsds tsdh tocf tvd(ack) tvd tvd tsts tsps tbuf 9 TPL0401A-10-Q1 TPL0401B-10-Q1 www.ti.com SLIS182 – NOVEMBER 2016 Product Folder Links: TPL0401A-10-Q1 TPL0401B-10-Q1 Submit Documentation Feedback Copyright © 2016, Texas Instruments Incorporated 8 Parameter Measurement Information A. CL includes probe and jig capacitance. tocf is measured with CL of 10 pF or 400 pF. B. All inputs are supplied by generators having the following characteristics: PRR ≤ 10 MHz, ZO = 50 Ω, tr/tf ≤ 30 ns. C. All parameters and waveforms are not applicable to all devices. Figure 9. I2C Interface Load Circuit and Voltage Waveforms |
Podobny numer części - TPL0401B-10QDCKRQ1 |
|
Podobny opis - TPL0401B-10QDCKRQ1 |