Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

M27C64A-20C6X Arkusz danych(PDF) 7 Page - STMicroelectronics

Numer części M27C64A-20C6X
Szczegółowy opis  64K (8K x 8) UV EPROM and OTP ROM
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M27C64A-20C6X Arkusz danych(HTML) 7 Page - STMicroelectronics

Back Button M27C64A-20C6X Datasheet HTML 3Page - STMicroelectronics M27C64A-20C6X Datasheet HTML 4Page - STMicroelectronics M27C64A-20C6X Datasheet HTML 5Page - STMicroelectronics M27C64A-20C6X Datasheet HTML 6Page - STMicroelectronics M27C64A-20C6X Datasheet HTML 7Page - STMicroelectronics M27C64A-20C6X Datasheet HTML 8Page - STMicroelectronics M27C64A-20C6X Datasheet HTML 9Page - STMicroelectronics M27C64A-20C6X Datasheet HTML 10Page - STMicroelectronics M27C64A-20C6X Datasheet HTML 11Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
tAVPL
VALID
AI00779
A0-A12
Q0-Q7
VPP
VCC
P
G
DATA IN
DATA OUT
E
tQVPL
tVPHPL
tVCHPL
tPHQX
tPLPH
tGLQV
tQXGL
tELPL
tGHQZ
tGHAX
PROGRAM
VERIFY
Figure 6. Programming and Verify Modes AC Waveforms
AI01167
n= 1
Last
Addr
VERIFY
P = 1ms Pulse
++n
>25
++ Addr
VCC = 6V, VPP = 12.5V
FAIL
CHECK ALL BYTES
1st: VCC =6V
2nd: VCC = 4.2V
YES
NO
YES
NO
YES
NO
P = 3ms Pulse by n
Figure 7. Programming Flowchart
Programming
When delivered (and after each erasure for UV
EPROM), all bits of the M27C64A are in the “1”
state. Data is introduced by selectively program-
ming ”0s” into the desired bit locations. Although
only “0s” will be programmed, both “1s” and “0s”
can be present in the data word. The only way to
change a “0” to a ”1” is by die exposition to ultra-
violet light (UV EPROM). The M27C64A is in the
programming mode when Vpp input is at 12.5V, and
E and P are at TTL-low. The data to be programmed
is applied 8 bits in parallel to the data output pins.
The levels required for the address and data inputs
are TTL. VCC is specified to be 6V
± 0.25V.
High Speed Programming
The high speed programming algorithm, described
in the flowchart, rapidly programs the M27C64A
using an efficient and reliable method, particularly
suited to the production programming environ-
ment. An individual device will take around1 minute
to program.
Program Inhibit
Programming of multiple M27C64A in parallel with
different data is also easily accomplished. Except
for E, all like inputs including G of the parallel
M27C64A may be common. A TTL low level pulse
applied to a M27C64A E input, with P low and VPP
7/11
M27C64A


Podobny numer części - M27C64A-20C6X

ProducentNumer częściArkusz danychSzczegółowy opis
logo
STMicroelectronics
M27C64A-20C6X STMICROELECTRONICS-M27C64A-20C6X Datasheet
105Kb / 12P
   64 Kbit (8Kb x 8) UV EPROM and OTP EPROM
March 1998
More results

Podobny opis - M27C64A-20C6X

ProducentNumer częściArkusz danychSzczegółowy opis
logo
STMicroelectronics
M2764A STMICROELECTRONICS-M2764A Datasheet
109Kb / 10P
   NMOS 64K (8K x 8) UV EPROM
March 1995
logo
Hitachi Semiconductor
HN27512 HITACHI-HN27512 Datasheet
302Kb / 7P
   512K (64K X 8 BIT ) UV AND OTP EPROM
logo
STMicroelectronics
M27C801 STMICROELECTRONICS-M27C801 Datasheet
153Kb / 16P
   8 Mbit 1Mb x 8 UV EPROM and OTP EPROM
M27C801 STMICROELECTRONICS-M27C801_07 Datasheet
207Kb / 24P
   8 Mbit (1Mb x 8) UV EPROM and OTP EPROM
M27C801-100N1 STMICROELECTRONICS-M27C801-100N1 Datasheet
212Kb / 24P
   8 Mbit (1Mb x 8) UV EPROM and OTP EPROM
September 2007 Rev 6
M27C512 STMICROELECTRONICS-M27C512_07 Datasheet
278Kb / 22P
   512 Kbit (64K x8) UV EPROM and OTP EPROM
M27C512-12C1 STMICROELECTRONICS-M27C512-12C1 Datasheet
403Kb / 22P
   512 Kbit (64K x8) UV EPROM and OTP EPROM
logo
Microchip Technology
27C64 MICROCHIP-27C64 Datasheet
126Kb / 10P
   64K (8K x 8) CMOS EPROM
2004
logo
ATMEL Corporation
AT27C512R ATMEL-AT27C512R_07 Datasheet
406Kb / 15P
   512K (64K x 8) OTP EPROM
logo
AMIC Technology
A276308 AMICC-A276308 Datasheet
127Kb / 15P
   64K X 8 OTP CMOS EPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com