Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

FM25160-S Arkusz danych(PDF) 1 Page - List of Unclassifed Manufacturers

Numer części FM25160-S
Szczegółowy opis  16Kb FRAM Serial Memory
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ETC [List of Unclassifed Manufacturers]
Strona internetowa  
Logo ETC - List of Unclassifed Manufacturers

FM25160-S Arkusz danych(HTML) 1 Page - List of Unclassifed Manufacturers

  FM25160-S Datasheet HTML 1Page - List of Unclassifed Manufacturers FM25160-S Datasheet HTML 2Page - List of Unclassifed Manufacturers FM25160-S Datasheet HTML 3Page - List of Unclassifed Manufacturers FM25160-S Datasheet HTML 4Page - List of Unclassifed Manufacturers FM25160-S Datasheet HTML 5Page - List of Unclassifed Manufacturers FM25160-S Datasheet HTML 6Page - List of Unclassifed Manufacturers FM25160-S Datasheet HTML 7Page - List of Unclassifed Manufacturers FM25160-S Datasheet HTML 8Page - List of Unclassifed Manufacturers FM25160-S Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
This data sheet contains design specifications for product development.
Ramtron International Corporation
These specifications may change in any manner without notice
1850 Ramtron Drive, Colorado Springs, CO 80921
(800) 545-FRAM, (719) 481-7000, Fax (719) 481-7058
www.ramtron.com
12 May 2000
1/14
FM25160
16Kb FRAM Serial Memory
Features
16K bit Ferroelectric Nonvolatile RAM
Organized as 2,048 x 8 bits
High endurance 10 Billion (10
10) read/writes
10 year data retention at 85
° C
NoDelay™ write
Advanced high-reliability ferroelectric process
Fast Serial Peripheral Interface - SPI
Up to 2.1 MHz maximum bus frequency
Direct hardware replacement for EEPROM
Supports SPI Mode 0 (CPOL=0, CPHA=0)
Sophisticated Write Protection Scheme
Hardware protection
Software protection
Low Power Consumption
10
µA standby current
Industry Standard Configuration
Industrial temperature -40
° C to +85° C
8-pin SOP or DIP
Description
The FM25160 is a 16-kilobit nonvolatile memory
employing an advanced ferroelectric process. A
ferroelectric random access memory or FRAM is
nonvolatile but operates in other respects as a RAM.
It provides reliable data retention for 10 years while
eliminating the complexities, overhead, and system
level reliability problems caused by EEPROM and
other nonvolatile memories.
Unlike serial EEPROMs, the FM25160 performs
write operations at bus speed. No write delays are
incurred. Data is written to the memory array mere
hundreds
of
nanoseconds
after
it
has
been
successfully transferred to the device. The next bus
cycle may c7ommence immediately. In addition, the
product offers substantial write endurance compared
with other nonvolatile memories. The FM25160 is
capable of supporting up to 1E10 read/write cycles --
far more than most systems will require from a serial
memory.
These capabilities make the FM25160 ideal for
nonvolatile memory applications requiring frequent
or rapid writes. Examples range from data collection,
where the number of write cycles may be critical, to
demanding industrial controls where the long write
time of EEPROM can cause data loss.
The FM25160 provides substantial benefits to users
of
serial
EEPROM,
in
a
hardware
drop-in
replacement. The FM25160 uses the high-speed SPI
bus, which enhances the high-speed write capability
of FRAM technology. It is guaranteed over an
industrial temperature range of -40°C to +85°C.
Pin Configuration
CS
SO
WP
VSS
VCC
HOLD
SCK
SI
Pin Names
Function
/CS
Chip Select
SO
Serial Data Output
/WP
Write Protect
VSS
Ground
SI
Serial Data Input
SCK
Serial Clock
/HOLD
Hold
VCC
Supply Voltage 5V
Ordering Information
FM25160-P
8-pin plastic DIP
FM25160-S
8-pin SOP


Podobny numer części - FM25160-S

ProducentNumer częściArkusz danychSzczegółowy opis
logo
SHENZHEN FUMAN ELECTRON...
FM2514 FUMAN-FM2514 Datasheet
132Kb / 4P
   USB charge controller
More results

Podobny opis - FM25160-S

ProducentNumer częściArkusz danychSzczegółowy opis
logo
List of Unclassifed Man...
FM24C16A ETC1-FM24C16A Datasheet
93Kb / 13P
   16Kb FRAM Serial Memory
FM25C160 ETC1-FM25C160 Datasheet
154Kb / 14P
   16Kb FRAM Serial Memory
logo
Ramtron International C...
FM24C16A RAMTRON-FM24C16A_05 Datasheet
93Kb / 12P
   16Kb FRAM Serial Memory
FM25C160 RAMTRON-FM25C160 Datasheet
149Kb / 13P
   16Kb FRAM Serial Memory
logo
List of Unclassifed Man...
FM24CL16 ETC-FM24CL16 Datasheet
90Kb / 13P
   16Kb FRAM Serial 3V Memory
FM25L16 ETC-FM25L16 Datasheet
149Kb / 14P
   16Kb FRAM Serial 3V Memory
logo
Ramtron International C...
FM25L16 RAMTRON-FM25L16_06 Datasheet
146Kb / 14P
   16Kb FRAM Serial 3V Memory
FM24CL16 RAMTRON-FM24CL16_05 Datasheet
107Kb / 13P
   16Kb FRAM Se rial 3V Memory
FM24CL04 RAMTRON-FM24CL04_05 Datasheet
116Kb / 11P
   4Kb FRAM Serial Memory
FM25640 RAMTRON-FM25640 Datasheet
131Kb / 14P
   64Kb FRAM Serial Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com