Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADS1013-Q1 Arkusz danych(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Numer części ADS1013-Q1
Szczegółowy opis  Automotive, Low-Power, I2C-Compatible, 3.3-kSPS, 12-Bit ADCs With Internal Reference, Oscillator, and Programmable Comparator
Download  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

ADS1013-Q1 Arkusz danych(HTML) 5 Page - Texas Instruments

  ADS1013-Q1 Datasheet HTML 1Page - Texas Instruments ADS1013-Q1 Datasheet HTML 2Page - Texas Instruments ADS1013-Q1 Datasheet HTML 3Page - Texas Instruments ADS1013-Q1 Datasheet HTML 4Page - Texas Instruments ADS1013-Q1 Datasheet HTML 5Page - Texas Instruments ADS1013-Q1 Datasheet HTML 6Page - Texas Instruments ADS1013-Q1 Datasheet HTML 7Page - Texas Instruments ADS1013-Q1 Datasheet HTML 8Page - Texas Instruments ADS1013-Q1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 45 page
background image
5
ADS1013-Q1, ADS1014-Q1, ADS1015-Q1
www.ti.com
SBAS511B – JULY 2010 – REVISED DECEMBER 2016
Product Folder Links: ADS1013-Q1 ADS1014-Q1 ADS1015-Q1
Submit Documentation Feedback
Copyright © 2010–2016, Texas Instruments Incorporated
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, which do not imply functional operation of the device at these or any other conditions beyond those indicated under Recommended
Operating Conditions. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
7 Specifications
7.1 Absolute Maximum Ratings
(1)
MIN
MAX
UNIT
Power-supply voltage
VDD to GND
–0.3
7
V
Analog input voltage
AIN0, AIN1, AIN2, AIN3
GND – 0.3
VDD + 0.3
V
Digital input voltage
SDA, SCL, ADDR, ALERT/RDY
GND – 0.3
VDD + 0.3
V
Input current, continuous
Any pin except power supply pins
–10
10
mA
Temperature
Operating ambient, TA
–40
125
°C
Junction, TJ
–40
150
Storage, Tstg
–60
150
(1)
AEC Q100-002 indicates that HBM stressing shall be in accordance with the ANSI/ESDA/JEDEC JS-001 specification.
7.2 ESD Ratings
VALUE
UNIT
V(ESD)
Electrostatic
discharge
Human-body mode.45l (HBM), per AEC Q100-002(1)
±2000
V
Charged-device model (CDM), per AEC Q100-01
Corner pins (1, 5, 6, and 10)
±750
All other pins
±500
(1)
AINP and AINN denote the selected positive and negative inputs. AINx denotes one of the four available analog inputs.
(2)
This parameter expresses the full-scale range of the ADC scaling. No more than VDD + 0.3 V or 5.5 V (whichever is smaller) must be
applied to this device. See Table 1 more information.
7.3 Recommended Operating Conditions
MIN
NOM
MAX
UNIT
POWER SUPPLY
Power supply (VDD to GND)
2
5.5
V
ANALOG INPUTS(1)
FSR
Full-scale input voltage range(2) (VIN = V(AINP) – V(AINN))
±0.256
±6.144
V
V(AINx)
Absolute input voltage
GND
VDD
V
DIGITAL INPUTS
VDIG
Digital input voltage
GND
VDD
V
TEMPERATURE
TA
Operating ambient temperature
–40
125
°C
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report.
7.4 Thermal Information
THERMAL METRIC(1)
ADS101xB-Q1 ADS1015A-Q1
ADS1015-Q1
UNIT
DGS (VSSOP) DGS (VSSOP) DGS (VSSOP)
10 PINS
10 PINS
10 PINS
RθJA
Junction-to-ambient thermal resistance
170.9
175.2
182.7
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
61.0
64.0
67.2
°C/W
RθJB
Junction-to-board thermal resistance
91.2
96.4
103.8
°C/W
ψJT
Junction-to-top characterization parameter
8.5
8.8
10.2
°C/W
ψJB
Junction-to-board characterization parameter
89.8
94.8
102.1
°C/W
RθJC(bot)
Junction-to-case (bottom) thermal resistance
N/A
N/A
N/A
°C/W


Podobny numer części - ADS1013-Q1

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
ADS1013-Q1 TI-ADS1013-Q1 Datasheet
1Mb / 50P
[Old version datasheet]   ADS111x-Q1 Automotive, Low-Power, I2C-Compatible, 860-SPS, 16-Bit ADCs With Internal Reference, Oscillator, and Programmable Comparator
REVISED DECEMBER 2022
ADS1013-Q1 TI1-ADS1013-Q1 Datasheet
1Mb / 47P
[Old version datasheet]   ADS101x-Q1 Automotive, Low-Power, I2C-Compatible, 3.3-kSPS, 12-Bit ADCs With Internal Reference, Oscillator, and Programmable Comparator
REVISED JULY 2023
ADS1013-Q1 TI1-ADS1013-Q1_V01 Datasheet
1Mb / 47P
[Old version datasheet]   ADS101x-Q1 Automotive, Low-Power, I2C-Compatible, 3.3-kSPS, 12-Bit ADCs With Internal Reference, Oscillator, and Programmable Comparator
REVISED JULY 2023
More results

Podobny opis - ADS1013-Q1

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
ADS1113-Q1 TI1-ADS1113-Q1 Datasheet
1Mb / 50P
[Old version datasheet]   Automotive, Low-Power, I2C-Compatible, 860-SPS, 16-Bit ADCs With Internal Reference, Oscillator, and Programmable Comparator
ADS1113-Q1 TI-ADS1113-Q1_V01 Datasheet
1Mb / 50P
[Old version datasheet]   ADS111x-Q1 Automotive, Low-Power, I2C-Compatible, 860-SPS, 16-Bit ADCs With Internal Reference, Oscillator, and Programmable Comparator
REVISED DECEMBER 2022
logo
Maxim Integrated Produc...
MAX190 MAXIM-MAX190 Datasheet
1,010Kb / 28P
   Low-Power, 12-Bit Sampling ADCs with Internal Reference and Power-Down
Rev 2; 4/93
MAX11626_1110 MAXIM-MAX11626_1110 Datasheet
1Mb / 22P
   12-Bit, 300ksps ADCs with FIFO and Internal Reference
Rev 3; 10/11
MAX11626 MAXIM-MAX11626 Datasheet
1Mb / 22P
   12-Bit, 300ksps ADCs with FIFO and Internal Reference
Rev 2; 3/11
logo
Texas Instruments
TLV2556 TI-TLV2556 Datasheet
585Kb / 35P
[Old version datasheet]   12-BIT, 200-KSPS, 11 CHANNEL, LOW POWER, SERIAL ADC WITH INTERNAL REFERENCE
TLV2556IPWR TI-TLV2556IPWR Datasheet
1Mb / 37P
[Old version datasheet]   12-BIT, 200-KSPS, 11 CHANNEL, LOW POWER, SERIAL ADC WITH INTERNAL REFERENCE
TLV2556 TI1-TLV2556_14 Datasheet
1Mb / 38P
[Old version datasheet]   12-BIT, 200-KSPS, 11 CHANNEL, LOW POWER, SERIAL ADC WITH INTERNAL REFERENCE
logo
Maxim Integrated Produc...
MAX1277 MAXIM-MAX1277_09 Datasheet
355Kb / 18P
   1.5Msps, Single-Supply, Low-Power, True-Differential, 12-Bit ADCs with Internal Reference
Rev 1; 4/09
MAX1277 MAXIM-MAX1277 Datasheet
835Kb / 10P
   1.5Msps, Single-Supply, Low-Power, True-Differential, 12-Bit ADCs with Internal Reference
Rev 0; 8/04
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com