Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADS1013-Q1 Arkusz danych(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Numer części ADS1013-Q1
Szczegółowy opis  Automotive, Low-Power, I2C-Compatible, 3.3-kSPS, 12-Bit ADCs With Internal Reference, Oscillator, and Programmable Comparator
Download  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

ADS1013-Q1 Arkusz danych(HTML) 10 Page - Texas Instruments

Back Button ADS1013-Q1 Datasheet HTML 6Page - Texas Instruments ADS1013-Q1 Datasheet HTML 7Page - Texas Instruments ADS1013-Q1 Datasheet HTML 8Page - Texas Instruments ADS1013-Q1 Datasheet HTML 9Page - Texas Instruments ADS1013-Q1 Datasheet HTML 10Page - Texas Instruments ADS1013-Q1 Datasheet HTML 11Page - Texas Instruments ADS1013-Q1 Datasheet HTML 12Page - Texas Instruments ADS1013-Q1 Datasheet HTML 13Page - Texas Instruments ADS1013-Q1 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 45 page
background image
VDD
GND
AIN0
VDD
GND
AIN1
VDD
GND
AIN2
VDD
GND
AIN3
AINP
AINN
GND
ADS1015-Q1
Copyright © 2016, Texas Instruments Incorporated
10
ADS1013-Q1, ADS1014-Q1, ADS1015-Q1
SBAS511B – JULY 2010 – REVISED DECEMBER 2016
www.ti.com
Product Folder Links: ADS1013-Q1 ADS1014-Q1 ADS1015-Q1
Submit Documentation Feedback
Copyright © 2010–2016, Texas Instruments Incorporated
8.3 Feature Description
8.3.1 Multiplexer
The ADS1015-Q1 contains an input multiplexer (MUX), as shown in Figure 10. Either four single-ended or two
differential signals can be measured. Additionally, AIN0 and AIN1 may be measured differentially to AIN3. The
multiplexer is configured by bits MUX[2:0] in the Config register. When single-ended signals are measured, the
negative input of the ADC is internally connected to GND by a switch within the multiplexer.
Figure 10. Input Multiplexer
The ADS1013-Q1 and ADS1014-Q1 do not have an input multiplexer and can measure either one differential
signal or one single-ended signal. For single-ended measurements, connect the AIN1 pin to GND externally. In
subsequent sections of this data sheet, AINP refers to AIN0 and AINN refers to AIN1 for the ADS1013-Q1 and
ADS1014-Q1.
When measuring single-ended inputs, the device does not output negative codes. These negative codes indicate
negative differential signals; that is, (V(AINP) – V(AINN)) < 0. Electrostatic discharge (ESD) diodes to VDD and GND
protect the ADS101x-Q1 inputs. To prevent the ESD diodes from turning on, keep the absolute voltage on any
input within the range given in Equation 1.
GND – 0.3 V < V(AINX) < VDD + 0.3 V
(1)
If the voltages on the input pins can possibly violate these conditions, use external Schottky diodes and series
resistors to limit the input current to safe values (see the Absolute Maximum Ratings table).


Podobny numer części - ADS1013-Q1

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
ADS1013-Q1 TI-ADS1013-Q1 Datasheet
1Mb / 50P
[Old version datasheet]   ADS111x-Q1 Automotive, Low-Power, I2C-Compatible, 860-SPS, 16-Bit ADCs With Internal Reference, Oscillator, and Programmable Comparator
REVISED DECEMBER 2022
ADS1013-Q1 TI1-ADS1013-Q1 Datasheet
1Mb / 47P
[Old version datasheet]   ADS101x-Q1 Automotive, Low-Power, I2C-Compatible, 3.3-kSPS, 12-Bit ADCs With Internal Reference, Oscillator, and Programmable Comparator
REVISED JULY 2023
ADS1013-Q1 TI1-ADS1013-Q1_V01 Datasheet
1Mb / 47P
[Old version datasheet]   ADS101x-Q1 Automotive, Low-Power, I2C-Compatible, 3.3-kSPS, 12-Bit ADCs With Internal Reference, Oscillator, and Programmable Comparator
REVISED JULY 2023
More results

Podobny opis - ADS1013-Q1

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
ADS1113-Q1 TI1-ADS1113-Q1 Datasheet
1Mb / 50P
[Old version datasheet]   Automotive, Low-Power, I2C-Compatible, 860-SPS, 16-Bit ADCs With Internal Reference, Oscillator, and Programmable Comparator
ADS1113-Q1 TI-ADS1113-Q1_V01 Datasheet
1Mb / 50P
[Old version datasheet]   ADS111x-Q1 Automotive, Low-Power, I2C-Compatible, 860-SPS, 16-Bit ADCs With Internal Reference, Oscillator, and Programmable Comparator
REVISED DECEMBER 2022
logo
Maxim Integrated Produc...
MAX190 MAXIM-MAX190 Datasheet
1,010Kb / 28P
   Low-Power, 12-Bit Sampling ADCs with Internal Reference and Power-Down
Rev 2; 4/93
MAX11626_1110 MAXIM-MAX11626_1110 Datasheet
1Mb / 22P
   12-Bit, 300ksps ADCs with FIFO and Internal Reference
Rev 3; 10/11
MAX11626 MAXIM-MAX11626 Datasheet
1Mb / 22P
   12-Bit, 300ksps ADCs with FIFO and Internal Reference
Rev 2; 3/11
logo
Texas Instruments
TLV2556 TI-TLV2556 Datasheet
585Kb / 35P
[Old version datasheet]   12-BIT, 200-KSPS, 11 CHANNEL, LOW POWER, SERIAL ADC WITH INTERNAL REFERENCE
TLV2556IPWR TI-TLV2556IPWR Datasheet
1Mb / 37P
[Old version datasheet]   12-BIT, 200-KSPS, 11 CHANNEL, LOW POWER, SERIAL ADC WITH INTERNAL REFERENCE
TLV2556 TI1-TLV2556_14 Datasheet
1Mb / 38P
[Old version datasheet]   12-BIT, 200-KSPS, 11 CHANNEL, LOW POWER, SERIAL ADC WITH INTERNAL REFERENCE
logo
Maxim Integrated Produc...
MAX1277 MAXIM-MAX1277_09 Datasheet
355Kb / 18P
   1.5Msps, Single-Supply, Low-Power, True-Differential, 12-Bit ADCs with Internal Reference
Rev 1; 4/09
MAX1277 MAXIM-MAX1277 Datasheet
835Kb / 10P
   1.5Msps, Single-Supply, Low-Power, True-Differential, 12-Bit ADCs with Internal Reference
Rev 0; 8/04
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com