Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADS1014-Q1 Arkusz danych(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Numer części ADS1014-Q1
Szczegółowy opis  Automotive, Low-Power, I2C-Compatible, 3.3-kSPS, 12-Bit ADCs With Internal Reference, Oscillator, and Programmable Comparator
Download  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

ADS1014-Q1 Arkusz danych(HTML) 4 Page - Texas Instruments

  ADS1014-Q1 Datasheet HTML 1Page - Texas Instruments ADS1014-Q1 Datasheet HTML 2Page - Texas Instruments ADS1014-Q1 Datasheet HTML 3Page - Texas Instruments ADS1014-Q1 Datasheet HTML 4Page - Texas Instruments ADS1014-Q1 Datasheet HTML 5Page - Texas Instruments ADS1014-Q1 Datasheet HTML 6Page - Texas Instruments ADS1014-Q1 Datasheet HTML 7Page - Texas Instruments ADS1014-Q1 Datasheet HTML 8Page - Texas Instruments ADS1014-Q1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 45 page
background image
1
ADDR
10
SCL
2
ALERT/RDY
9
SDA
3
GND
8
VDD
4
AIN0
7
AIN3
5
AIN1
6
AIN2
Not to scale
4
ADS1013-Q1, ADS1014-Q1, ADS1015-Q1
SBAS511B – JULY 2010 – REVISED DECEMBER 2016
www.ti.com
Product Folder Links: ADS1013-Q1 ADS1014-Q1 ADS1015-Q1
Submit Documentation Feedback
Copyright © 2010–2016, Texas Instruments Incorporated
5 Device Comparison Table
DEVICE
RESOLUTION
(Bits)
MAXIMUM SAMPLE
RATE
(SPS)
INPUT CHANNELS
Differential
(Single-Ended)
PGA
INTERFACE
SPECIAL
FEATURES
ADS1015-Q1
12
3300
2 (4)
Yes
I2C
Comparator
ADS1014-Q1
12
3300
1 (1)
Yes
I2C
Comparator
ADS1013-Q1
12
3300
1 (1)
No
I2C
None
ADS1115-Q1
16
860
2 (4)
Yes
I2C
Comparator
ADS1114-Q1
16
860
1 (1)
Yes
I2C
Comparator
ADS1113-Q1
16
860
1 (1)
No
I2C
None
ADS1018-Q1
12
3300
2 (4)
Yes
SPI
Temperature sensor
ADS1118-Q1
16
860
2 (4)
Yes
SPI
Temperature sensor
6 Pin Configuration and Functions
DGS Package
10-Pin VSSOP
Top View
(1)
See the Unused Inputs and Outputs section for unused pin connections.
Pin Functions
PIN(1)
TYPE
DESCRIPTION
NAME
ADS1013-Q1
ADS1014-Q1
ADS1015-Q1
ADDR
1
1
1
Digital input
I2C slave address select
AIN0
4
4
4
Analog input
Analog input 0
AIN1
5
5
5
Analog input
Analog input 1
AIN2
6
Analog input
Analog input 2 (ADS1015-Q1 only)
AIN3
7
Analog input
Analog input 3 (ADS1015-Q1 only)
ALERT/RDY
2
2
Digital output
Comparator output or conversion ready (ADS1014-Q1 and ADS1015-Q1 only)
GND
3
3
3
Analog
Ground
NC
2, 6, 7
6, 7
Not connected
SCL
10
10
10
Digital input
Serial clock input. Clocks data on SDA
SDA
9
9
9
Digital I/O
Serial data. Transmits and receives data
VDD
8
8
8
Analog
Power supply. Connect a 0.1-μF, power-supply decoupling capacitor to GND.


Podobny numer części - ADS1014-Q1

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
ADS1014-Q1 TI-ADS1014-Q1 Datasheet
1Mb / 50P
[Old version datasheet]   ADS111x-Q1 Automotive, Low-Power, I2C-Compatible, 860-SPS, 16-Bit ADCs With Internal Reference, Oscillator, and Programmable Comparator
REVISED DECEMBER 2022
ADS1014-Q1 TI1-ADS1014-Q1 Datasheet
1Mb / 47P
[Old version datasheet]   ADS101x-Q1 Automotive, Low-Power, I2C-Compatible, 3.3-kSPS, 12-Bit ADCs With Internal Reference, Oscillator, and Programmable Comparator
REVISED JULY 2023
More results

Podobny opis - ADS1014-Q1

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
ADS1113-Q1 TI1-ADS1113-Q1 Datasheet
1Mb / 50P
[Old version datasheet]   Automotive, Low-Power, I2C-Compatible, 860-SPS, 16-Bit ADCs With Internal Reference, Oscillator, and Programmable Comparator
ADS1113-Q1 TI-ADS1113-Q1_V01 Datasheet
1Mb / 50P
[Old version datasheet]   ADS111x-Q1 Automotive, Low-Power, I2C-Compatible, 860-SPS, 16-Bit ADCs With Internal Reference, Oscillator, and Programmable Comparator
REVISED DECEMBER 2022
logo
Maxim Integrated Produc...
MAX190 MAXIM-MAX190 Datasheet
1,010Kb / 28P
   Low-Power, 12-Bit Sampling ADCs with Internal Reference and Power-Down
Rev 2; 4/93
MAX11626_1110 MAXIM-MAX11626_1110 Datasheet
1Mb / 22P
   12-Bit, 300ksps ADCs with FIFO and Internal Reference
Rev 3; 10/11
MAX11626 MAXIM-MAX11626 Datasheet
1Mb / 22P
   12-Bit, 300ksps ADCs with FIFO and Internal Reference
Rev 2; 3/11
logo
Texas Instruments
TLV2556 TI-TLV2556 Datasheet
585Kb / 35P
[Old version datasheet]   12-BIT, 200-KSPS, 11 CHANNEL, LOW POWER, SERIAL ADC WITH INTERNAL REFERENCE
TLV2556IPWR TI-TLV2556IPWR Datasheet
1Mb / 37P
[Old version datasheet]   12-BIT, 200-KSPS, 11 CHANNEL, LOW POWER, SERIAL ADC WITH INTERNAL REFERENCE
TLV2556 TI1-TLV2556_14 Datasheet
1Mb / 38P
[Old version datasheet]   12-BIT, 200-KSPS, 11 CHANNEL, LOW POWER, SERIAL ADC WITH INTERNAL REFERENCE
logo
Maxim Integrated Produc...
MAX1277 MAXIM-MAX1277_09 Datasheet
355Kb / 18P
   1.5Msps, Single-Supply, Low-Power, True-Differential, 12-Bit ADCs with Internal Reference
Rev 1; 4/09
MAX1277 MAXIM-MAX1277 Datasheet
835Kb / 10P
   1.5Msps, Single-Supply, Low-Power, True-Differential, 12-Bit ADCs with Internal Reference
Rev 0; 8/04
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com