Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TMP411 Arkusz danych(PDF) 6 Page - Texas Instruments

Numer części TMP411
Szczegółowy opis  Remote and Local TEMPERATURE SENSOR with N-Factor and Series Resistance Correction
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

TMP411 Arkusz danych(HTML) 6 Page - Texas Instruments

Back Button TMP411_16 Datasheet HTML 2Page - Texas Instruments TMP411_16 Datasheet HTML 3Page - Texas Instruments TMP411_16 Datasheet HTML 4Page - Texas Instruments TMP411_16 Datasheet HTML 5Page - Texas Instruments TMP411_16 Datasheet HTML 6Page - Texas Instruments TMP411_16 Datasheet HTML 7Page - Texas Instruments TMP411_16 Datasheet HTML 8Page - Texas Instruments TMP411_16 Datasheet HTML 9Page - Texas Instruments TMP411_16 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 33 page
background image
TMP411
SBOS383C − DECEMBER 2006 − REVISED MAY 2008
www.ti.com
6
APPLICATIONS INFORMATION
The TMP411 is a dual-channel digital temperature sensor
that combines a local die temperature measurement
channel and a remote junction temperature measurement
channel in a single MSOP-8 or SO-8 package. The
TMP411 is Two-Wire- and SMBus interface-compatible
and is specified over a temperature range of −40
°C to
+125
°C. The TMP411 contains multiple registers for
holding
configuration
information,
temperature
measurement
results,
temperature
comparator
maximum/minimum limits, and status information.
User-programmed high and low temperature limits stored
in the TMP411 can be used to trigger an over/under
temperature alarm (ALERT) on local and remote
temperatures.
Additional
thermal
limits
can
be
programmed into the TMP411 and used to trigger another
flag (THERM) that can be used to initiate a system
response to rising temperatures.
The TMP411 requires only a transistor connected between
D+ and D− for proper remote temperature sensing
operation. The SCL and SDA interface pins require pull-up
resistors as part of the communication bus, while ALERT
and THERM are open-drain outputs that also need pull−up
resistors. ALERT and THERM may be shared with other
devices if desired for a wired-OR implementation. A 0.1
µF
power-supply bypass capacitor is recommended for good
local bypassing. Figure 11 shows a typical configuration
for the TMP411.
0.1
µF
10k
(typ)
10k
(typ)
10k
(typ)
10k
(typ)
TMP411
D+
D
V+
1
8
7
6
4
5
3
2
R
S
(2)
R
S
(2)
C
DIFF
(3)
C
DIFF
(3)
R
S
(2)
R
S
(2)
GND
SCL
SDA
ALERT/THERM2
THERM
+5V
SMBus
Controller
Fan Controller
Diode−connected configuration(1):
Series Resistance
Transistor−connected configuration(1):
(1) Diode−connected configuration provides better settling time.
Transistor−connected configuration provides better series resistance cancellation.
(2) R
S (optional) should be < 1.5kΩ in most applications. Selection of RS depends on
specific application; see Filtering section.
(3) C
DIFF (optional) should be < 1000pF in most applications. Selection of CDIFF
depends on specific application; see Filtering section and Figure 6, Remote
Temperature Error vs Differential Capacitance.
NOTES:
Figure 11. Basic Connections


Podobny numer części - TMP411_16

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
TMP411 TI1-TMP411_13 Datasheet
973Kb / 32P
[Old version datasheet]   짹1째C Remote and Local TEMPERATURE SENSOR with N-Factor and Series Resistance Correction
More results

Podobny opis - TMP411_16

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Burr-Brown (TI)
TMP411 BURR-BROWN-TMP411 Datasheet
369Kb / 25P
   짹1C Remote and Local TEMPERATURE SENSOR with N-Factor and Series Resistance Correction
logo
Texas Instruments
TMP411-Q1 TI-TMP411-Q1_15 Datasheet
2Mb / 40P
[Old version datasheet]   짹1째C Remote and Local Temperature Sensor With N-Factor and Series Resistance Correction
TMP411 TI1-TMP411_13 Datasheet
973Kb / 32P
[Old version datasheet]   짹1째C Remote and Local TEMPERATURE SENSOR with N-Factor and Series Resistance Correction
TMP411ADRG4 TI-TMP411ADRG4 Datasheet
747Kb / 32P
[Old version datasheet]   짹1째C Remote and Local TEMPERATURE SENSOR with N-Factor and Series Resistance Correction
logo
Burr-Brown (TI)
TMP411 BURR-BROWN-TMP411_07 Datasheet
375Kb / 28P
   짹1째C Remote and Local TEMPERATURE SENSOR with N-Factor and Series Resistance Correction
logo
Texas Instruments
TMP400 TI-TMP400 Datasheet
569Kb / 25P
[Old version datasheet]   짹1째C Remote and Local TEMPERATURE SENSOR with N-Factor and Series Resistance Correction
TMP451 TI-TMP451 Datasheet
990Kb / 27P
[Old version datasheet]   짹1째C Remote and Local Temperature Sensor with 管-Factor and Offset Correction
TMP451-Q1 TI1-TMP451-Q1 Datasheet
1Mb / 34P
[Old version datasheet]   짹1째C remote and local temperature sensor with 管-factor and offset correction, series-resistance cancellation, and programmable digital filter
TMP451-Q1 TI1-TMP451-Q1_V01 Datasheet
1Mb / 37P
[Old version datasheet]   짹1째C Remote and Local Temperature Sensor With 管-Factor and Offset Correction, Series-Resistance Cancellation, and Programmable Digital Filter
TMP451 TI1-TMP451_15 Datasheet
1Mb / 41P
[Old version datasheet]   TMP451 짹1째C Remote and Local Temperature Sensor With 管-Factor and Offset Correction, Series-Resistance Cancellation, and Programmable Digital Filter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com