Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TMP411EDGKR Arkusz danych(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Numer części TMP411EDGKR
Szczegółowy opis  Remote and Local TEMPERATURE SENSOR with N-Factor and Series Resistance Correction
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

TMP411EDGKR Arkusz danych(HTML) 8 Page - Texas Instruments

Back Button TMP411EDGKR Datasheet HTML 4Page - Texas Instruments TMP411EDGKR Datasheet HTML 5Page - Texas Instruments TMP411EDGKR Datasheet HTML 6Page - Texas Instruments TMP411EDGKR Datasheet HTML 7Page - Texas Instruments TMP411EDGKR Datasheet HTML 8Page - Texas Instruments TMP411EDGKR Datasheet HTML 9Page - Texas Instruments TMP411EDGKR Datasheet HTML 10Page - Texas Instruments TMP411EDGKR Datasheet HTML 11Page - Texas Instruments TMP411EDGKR Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 33 page
background image
TMP411
SBOS383C − DECEMBER 2006 − REVISED MAY 2008
www.ti.com
8
Table 2. Decimal Fraction Temperature Data Format (Local and Remote Temperature Low Bytes)
REMOTE TEMPERATURE
REGISTER LOW BYTE
VALUE
LOCAL TEMPERATURE REGISTER LOW BYTE VALUE
0.0625
°C RESOLUTION
0.5
°C RESOLUTION
0.25
°C RESOLUTION
0.125
°C RESOLUTION
0.0625
°C RESOLUTION
TEMP
(
°C)
STANDARD
AND EXTENDED
BINARY
HEX
STANDARD
AND EXTENDED
BINARY
HEX
STANDARD
AND EXTENDED
BINARY
HEX
STANDARD
AND EXTENDED
BINARY
HEX
STANDARD
AND EXTENDED
BINARY
HEX
0.0000
0000 0000
00
0000 0000
00
0000 0000
00
0000 0000
00
0000 0000
00
0.0625
0001 0000
10
0000 0000
00
0000 0000
00
0000 0000
00
0001 0000
10
0.1250
0010 0000
20
0000 0000
00
0000 0000
00
0010 0000
20
0010 0000
20
0.1875
0011 0000
30
0000 0000
00
0000 0000
00
0010 0000
20
0011 0000
30
0.2500
0100 0000
40
0000 0000
00
0100 0000
40
0100 0000
40
0100 0000
40
0.3125
0101 0000
50
0000 0000
00
0100 0000
40
0100 0000
40
0101 0000
50
0.3750
0110 0000
60
0000 0000
00
0100 0000
40
0110 0000
60
0110 0000
60
0.4375
0111 0000
70
0000 0000
00
0100 0000
40
0110 0000
60
0111 0000
70
0.5000
1000 0000
80
1000 0000
80
1000 0000
80
1000 0000
80
1000 0000
80
0.5625
1001 0000
90
1000 0000
80
1000 0000
80
1000 0000
80
1001 0000
90
0.6250
1010 0000
A0
1000 0000
80
1000 0000
80
1010 0000
A0
1010 0000
A0
0.6875
1011 0000
B0
1000 0000
80
1000 0000
80
1010 0000
A0
1011 0000
B0
0.7500
1100 0000
C0
1000 0000
80
1100 0000
C0
1100 0000
C0
1100 0000
C0
0.8125
1101 0000
D0
1000 0000
80
1100 0000
C0
1100 0000
C0
1101 0000
D0
0.8750
1110 0000
E0
1000 0000
80
1100 0000
C0
1110 0000
E0
1110 0000
E0
0.9375
1111 0000
F0
1000 0000
80
1100 0000
C0
1110 0000
E0
1111 0000
F0
REGISTER INFORMATION
The TMP411 contains multiple registers for holding
configuration information, temperature measurement
results, temperature comparator maximum/minimum,
limits, and status information. These registers are
described in Figure 12 and Table 3.
POINTER REGISTER
Figure 12 shows the internal register structure of the
TMP411. The 8-bit Pointer Register is used to address a
given data register. The Pointer Register identifies which
of the data registers should respond to a read or write
command on the Two-Wire bus. This register is set with
every write command. A write command must be issued
to set the proper value in the Pointer Register before
executing a read command. Table 3 describes the pointer
address of the registers available in the TMP411. The
power-on reset (POR) value of the Pointer Register is 00h
(0000 0000b).
THERM Hysteresis Register
Resolution Register
Configuration Register
Status Register
Conversion Rate Register
One−Shot Register
Local Temperature Min/Max
Identification Registers
Remote Temperature Min/Max
Consecutive Alert Register
Local and Remote Limit Registers
Local and Remote Temperature Registers
SDA
SCL
Pointer Register
I/O
Control
Interface
Figure 12. Internal Register Structure


Podobny numer części - TMP411EDGKR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Burr-Brown (TI)
TMP411 BURR-BROWN-TMP411 Datasheet
369Kb / 25P
   짹1C Remote and Local TEMPERATURE SENSOR with N-Factor and Series Resistance Correction
TMP411 BURR-BROWN-TMP411 Datasheet
375Kb / 28P
   짹1째C Remote and Local TEMPERATURE SENSOR with N-Factor and Series Resistance Correction
logo
Texas Instruments
TMP411 TI-TMP411 Datasheet
747Kb / 32P
[Old version datasheet]   짹1째C Remote and Local TEMPERATURE SENSOR with N-Factor and Series Resistance Correction
TMP411-Q1 TI-TMP411-Q1 Datasheet
2Mb / 40P
[Old version datasheet]   짹1째C Remote and Local Temperature Sensor With N-Factor and Series Resistance Correction
TMP411-Q1 TI-TMP411-Q1_15 Datasheet
2Mb / 40P
[Old version datasheet]   짹1째C Remote and Local Temperature Sensor With N-Factor and Series Resistance Correction
More results

Podobny opis - TMP411EDGKR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Burr-Brown (TI)
TMP411 BURR-BROWN-TMP411 Datasheet
369Kb / 25P
   짹1C Remote and Local TEMPERATURE SENSOR with N-Factor and Series Resistance Correction
logo
Texas Instruments
TMP411-Q1 TI-TMP411-Q1_15 Datasheet
2Mb / 40P
[Old version datasheet]   짹1째C Remote and Local Temperature Sensor With N-Factor and Series Resistance Correction
TMP411 TI1-TMP411_13 Datasheet
973Kb / 32P
[Old version datasheet]   짹1째C Remote and Local TEMPERATURE SENSOR with N-Factor and Series Resistance Correction
TMP411ADRG4 TI-TMP411ADRG4 Datasheet
747Kb / 32P
[Old version datasheet]   짹1째C Remote and Local TEMPERATURE SENSOR with N-Factor and Series Resistance Correction
logo
Burr-Brown (TI)
TMP411 BURR-BROWN-TMP411_07 Datasheet
375Kb / 28P
   짹1째C Remote and Local TEMPERATURE SENSOR with N-Factor and Series Resistance Correction
logo
Texas Instruments
TMP400 TI-TMP400 Datasheet
569Kb / 25P
[Old version datasheet]   짹1째C Remote and Local TEMPERATURE SENSOR with N-Factor and Series Resistance Correction
TMP451 TI-TMP451 Datasheet
990Kb / 27P
[Old version datasheet]   짹1째C Remote and Local Temperature Sensor with 管-Factor and Offset Correction
TMP451-Q1 TI1-TMP451-Q1 Datasheet
1Mb / 34P
[Old version datasheet]   짹1째C remote and local temperature sensor with 管-factor and offset correction, series-resistance cancellation, and programmable digital filter
TMP451-Q1 TI1-TMP451-Q1_V01 Datasheet
1Mb / 37P
[Old version datasheet]   짹1째C Remote and Local Temperature Sensor With 管-Factor and Offset Correction, Series-Resistance Cancellation, and Programmable Digital Filter
TMP451 TI1-TMP451_15 Datasheet
1Mb / 41P
[Old version datasheet]   TMP451 짹1째C Remote and Local Temperature Sensor With 管-Factor and Offset Correction, Series-Resistance Cancellation, and Programmable Digital Filter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com