Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

BA3123F Arkusz danych(PDF) 2 Page - Rohm

Numer części BA3123F
Szczegółowy opis  Ground Isolation Amplifier
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ROHM [Rohm]
Strona internetowa  http://www.rohm.com
Logo ROHM - Rohm

BA3123F Arkusz danych(HTML) 2 Page - Rohm

  BA3123F Datasheet HTML 1Page - Rohm BA3123F Datasheet HTML 2Page - Rohm BA3123F Datasheet HTML 3Page - Rohm BA3123F Datasheet HTML 4Page - Rohm BA3123F Datasheet HTML 5Page - Rohm BA3123F Datasheet HTML 6Page - Rohm BA3123F Datasheet HTML 7Page - Rohm BA3123F Datasheet HTML 8Page - Rohm BA3123F Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
BA3123F
2/12
TSZ02201-0C2C0EZ00400-1-2
© 2015 ROHM Co., Ltd. All rights reserved.
13.Nov.2015 Rev.001
www.rohm.com
TSZ22111・15・001
Block Diagram and Pin Configuration
Absolute Maximum Ratings (Ta=25°C)
Parameter
Symbol
Limit
Unit
Power Supply Voltage
VCC
18
V
Power Dissipation
Pd
0.45 (Note 1)
W
Operation Temperature
Topr
-40 to +85
°C
Storage Temperature
Tstg
-55 to +125
°C
(Note 1) Reduced by 4.5mW in Ta of 1
°C over 25°C .
Caution: Operating the IC over the absolute maximum ratings may damage the IC. The damage can either be a short circuit between pins or an open circuit
between pins and the internal circuitry. Therefore, it is important to consider circuit protection measures, such as adding a fuse, in case the IC is operated over
the absolute maximum ratings.
Recommended Operating Conditions (Ta=25°C)
Parameter
Symbol
Min
Typ
Max
Unit
Power Supply Voltage
VCC
4
12
18
V
Electrical Characteristics
(Unless otherwise noted, Ta = 25
C, VCC = 12V, f = 1kHz, Rg = 1.8kΩ)
Parameter
Symbol
Min
Typ
Max
Unit
Conditions
Quiescent Current
IQ
5.6
9.0
14.0
mA
VIN
=0Vrms
Output Noise Voltage
VNO
3.5
8.0
μVrms
BPF
=20Hz-20kHz
Voltage Gain
GV
-1.5
-0.04
+1.5
dB
VOUT
=-10dBm, Rg=0Ω
Maximum Output Voltage
VOM
1.8
2.0
Vrms
THD
=0.1%, V
CC
=8V
Total Harmonic Distortion
THD
0.002
0.02
VOUT
=0.7Vrms
Common-mode Rejection Ratio
CMRR
41
57
dB
Common-made Voltage
VCM
2.5
3.75
Vrms
VCC
=8V,CMRR=40dB
Ripple Rejection Ratio
RR
72
80
dB
fRR
=100Hz,V
RR
=-10dBm,
Rg
=0Ω
Channel Separation
CS
82
dB
VIN
=-10dBm,
Rg
=1.8kΩ/OPEN
Slew Rate
SR
2.0
V/μS
Input Resistance
RIN
44
55
66
k
Ω
TOP VIEW
VM1
VM2


Podobny numer części - BA3123F

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Rohm
BA3123F ROHM-BA3123F Datasheet
338Kb / 9P
   Ground Isolation Amplifier
More results

Podobny opis - BA3123F

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Rohm
BA3121F ROHM-BA3121F_09 Datasheet
338Kb / 9P
   Ground Isolation Amplifier
BA3121F ROHM-BA3121F_15 Datasheet
1Mb / 16P
   Ground Isolation Amplifier
BA3121 ROHM-BA3121 Datasheet
169Kb / 11P
   Ground isolation amplifier
BA3121F-E2 ROHM-BA3121F-E2 Datasheet
348Kb / 9P
   Ground Isolation Amplifier
logo
New Japan Radio
NJM2794 NJRC-NJM2794 Datasheet
177Kb / 11P
   Ground Noise Isolation Amplifier
logo
Shenzhenshi YONGFUKANG ...
D3121 YONGFUKANG-D3121 Datasheet
298Kb / 8P
   Ground isolation amplifier circuit
logo
NXP Semiconductors
TDA8575 PHILIPS-TDA8575 Datasheet
114Kb / 16P
   Ground noise isolation amplifier
1996 Jul 29
logo
List of Unclassifed Man...
NJM2794RB2-TE1 ETC2-NJM2794RB2-TE1 Datasheet
210Kb / 11P
   Ground Noise Isolation Amplifier
logo
Rohm
BA3121F ROHM-BA3121F Datasheet
164Kb / 6P
   Ground isolation amplifier for car audio systems
logo
New Japan Radio
NJM2795 NJRC-NJM2795 Datasheet
129Kb / 6P
   Ground noise isolation Amplifier with Adjustable Differential Gain
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16