Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

BA3308FV-E2 Arkusz danych(PDF) 2 Page - Rohm

Numer części BA3308FV-E2
Szczegółowy opis  Preamps with Built-in ALC
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ROHM [Rohm]
Strona internetowa  http://www.rohm.com
Logo ROHM - Rohm

BA3308FV-E2 Arkusz danych(HTML) 2 Page - Rohm

  BA3308FV-E2 Datasheet HTML 1Page - Rohm BA3308FV-E2 Datasheet HTML 2Page - Rohm BA3308FV-E2 Datasheet HTML 3Page - Rohm BA3308FV-E2 Datasheet HTML 4Page - Rohm BA3308FV-E2 Datasheet HTML 5Page - Rohm BA3308FV-E2 Datasheet HTML 6Page - Rohm BA3308FV-E2 Datasheet HTML 7Page - Rohm BA3308FV-E2 Datasheet HTML 8Page - Rohm BA3308FV-E2 Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
Technical Note
2/9
BA3308F,BA3308FV
www.rohm.com
2012.06 - Rev.C
© 2011 ROHM Co., Ltd. All rights reserved.
●Absolute maximum ratings(Ta=25℃)
Parameter
Symbol
Limits
Unit
Supply voltage
VCC
16
V
Power
dissipation
BA3308F
Pd
450
*1
mW
BA3308FV
350
*2
Operating temperature
Topr
-25~+75
Storage temperature
Tstg
-55~+125
*
1 Reduce by 4.5 mW/
C over 25C, when mounted on a 70mm×70mm×1.6mm PCB board.
*
2 Reduce by 3.5 mW/
C over 25C
●Operating conditions(Ta=25℃)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Supply voltage
VCC
4.5
-
14
V
Note: This IC is not designed to be radiation-resistant.
●Electrical characteristics(Unless otherwise noted, Ta=25℃, Vcc=7.0V, f=1kHz, BPF20~20kHz)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Conditions
Test
Circuit
Quiescent current
IQ
1.5
3.5
4.5
mA
VIN=0Vrms
Fig.17
Open loop voltage gain
GVO
70
80
-
dB
VOUT=-10dBV
Fig.17
Total harmonic distortion
THD
-
0.1
0.3
%
NAB34dB, VOUT=40mVrms
Fig.17
Input resistance
RIN
15
25
45
k
Fig.17
Maximum output voltage
VOM
0.6
1.2
-
Vrms
THD=1%
Fig.17
Input conversion noise
voltage
VNIN
-
1
2
μVrms
Rg=2.2k
Ω, referenced to NAB 34dB
at 1kHz
Fig.17
ALC range
ALC
40
45
-
dB
Rg=3.9 kΩ, VIN=-70 dBV standard,
THD=3%
Fig.17
ALC channel balance
ΔALC
-
0
2.5
dB
VIN=-60dBV,-30dBV
Fig.17
Channel separation
CS
60
75
-
dB
VO=0dBV, NAB 34dB
Fig.17


Podobny numer części - BA3308FV-E2

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Rohm
BA3308FV-E2 ROHM-BA3308FV-E2 Datasheet
344Kb / 10P
   Preamps with Built-in ALC
More results

Podobny opis - BA3308FV-E2

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Rohm
BA3308F ROHM-BA3308F_11 Datasheet
421Kb / 10P
   Preamps with Built-in ALC
BA3308F ROHM-BA3308F_10 Datasheet
344Kb / 10P
   Preamps with Built-in ALC
logo
Asahi Kasei Microsystem...
AK4565 AKM-AK4565 Datasheet
249Kb / 33P
   LOW POWER 20BIT CODEC WITH BUILT IN ALC
logo
Rohm
BA3641FV ROHM-BA3641FV Datasheet
271Kb / 11P
   Recording amplifier with built-in ALC for headphone stereos
logo
Samsung semiconductor
S1A2224A01 SAMSUNG-S1A2224A01 Datasheet
178Kb / 8P
   Dual equalizer amplifier with a built-in ALC circuit
logo
Asahi Kasei Microsystem...
AK4561 AKM-AK4561 Datasheet
314Kb / 48P
   16bit CODEC with built-in ALC and MIC/HP-Amp
AK4564 AKM-AK4564 Datasheet
382Kb / 48P
   16BIT CODEC WITH BUILT-IN ALC AND MIC/HP/SPK-AMP
logo
Princeton Technology Co...
PT2833 PTC-PT2833 Datasheet
224Kb / 4P
   Stereo 15W Class-D Amplifier with Built-In Audio Processor and ALC
logo
Hamamatsu Corporation
G6121 HAMAMATSU-G6121_15 Datasheet
217Kb / 5P
   Infrared detector modules with preamps
G7754-01 HAMAMATSU-G7754-01_15 Datasheet
178Kb / 3P
   Infrared detector modules with preamps
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13