Zakładka z wyszukiwarką danych komponentów |
|
BD3461FS Arkusz danych(PDF) 4 Page - Rohm |
|
BD3461FS Arkusz danych(HTML) 4 Page - Rohm |
4 / 32 page BD3461FS 4/28 TSZ02201-0C2C0E100360-1-2 © 2015 ROHM Co., Ltd. All rights reserved. 16.Dec.2015 Rev.001 www.rohm.com TSZ22111・15・001 Absolute Maximum Ratings (Ta=25°C) Parameter Symbol Rating Unit Power Supply Voltage VCC 10.0V V Input Voltage VIN VCC+0.3 to GND-0.3 V Power Dissipation Pd 1 (Note 1) W Storage Temperature Tstg -55 to +150 °C (Note 1) This value decreases 8mW/°C for Ta=25°C or more. ROHM standard board shall be mounted. Thermal resistance θja = 125(°C/W). ROHM standard board Size : 70 x 70 x 1.6 (mm3) Material : FR4 grass epoxy board (3% or less of copper foil area) Caution: Operating the IC over the absolute maximum ratings may damage the IC. The damage can either be a short circuit between pins or an open circuit between pins and the internal circuitry. Therefore, it is important to consider circuit protection measures, such as adding a fuse, in case the IC is operated over the absolute maximum ratings. Recommended Operating Conditions Parameter Symbol Rating Unit Power Supply Voltage VCC 7.0 to 9.5 V Temperature Topr -40 to +85 °C Electrical Characteristics (Unless specified, Ta=25°C, VCC=8.5V, f=1kHz, VIN =1Vrms, Rg=600Ω, RL=10kΩ, INF1 input, Volume 0dB) Parameter Symbol Limit Unit Conditions Min Typ Max Circuit Current (no signal) IQ - 25 40 mA No signal Voltage Gain GV -1.5 0 +1.5 dB GV=20log(VOUT/VIN) Channel Balance CB -1.5 0 +1.5 dB CB=GV1-GV2 Total Harmonic Distortion THD - 0.0004 0.05 % VOUT=1Vrms BW=400Hz-30kHz Output Noise Voltage * VNO - 1.9 10 μVrms Rg =0Ω BW=IHF-A Residual Output Noise Voltage * VNOR - 1.6 10 μVrms Volume=- ∞dB Rg =0Ω BW=IHF-A Cross-talk between Channels * CTC - -105 -90 dB Rg=0 Ω CTC=20log(VOUT/VIN) BW=IHF-A Ripple Rejection RR - -80 -40 THD f=100Hz VRR=100mVrms RR=20log(VOUT/VCCIN) Input Impedance RIN_D 70 100 130 k Ω Common Mode Rejection Ratio * CMRR 50 65 - dB PIN and NIN input CMRR=20log10(VIN/VOUT) BW=IHF-A |
Podobny numer części - BD3461FS |
|
Podobny opis - BD3461FS |