Zakładka z wyszukiwarką danych komponentów |
|
BD37068FV-M Arkusz danych(PDF) 4 Page - Rohm |
|
BD37068FV-M Arkusz danych(HTML) 4 Page - Rohm |
4 / 39 page 4/35 BD37068FV-M TSZ02201-0C2C0E100130-1-2 © 2014 ROHM Co., Ltd. All rights reserved. 14.NOV.2016 Rev.002 www.rohm.com TSZ22111・15・001 Block Diagram Figure 3. Block diagram and pin assign Absolute Maximum Ratings (Ta=25˚C) Parameter Symbol Rating Unit Power Supply Voltage VCCL 10 V VCCH 18 V Input Voltage VIN VCCL+0.3 to GND-0.3 Only SCL, SDA 7 to GND-0.3 V Power Dissipation Pd 1.12 (Note1) W Storage Temperature TSTG -55 to +150 ˚C (Note1) This value decreases 9mW/˚C for Ta=25˚C or more. ROHM standard board shall be mounted. Thermal resistance θja = 111.1(˚C /W). ROHM Standard board size:70x70x1.6(㎣) material:A FR4 grass epoxy board(3% or less of copper foil area) Operating Range Parameter Symbol Min Typ Max Unit Power Supply Voltage VCCL 7.0 8.5 9.5 V VCCH VCCL 17 17.8 V Temperature Topr -40 - +85 ˚C VCCL SCL SDA VREF GND MIN BN FP2 FN2 FN1 FP1 EP2 EN EP1 DP2 DN DP1 CP2 CN CP1 BP2 BP1 A2 A1 OUTC OUTS OUTR1 OUTR2 OUTF1 OUTF2 INF2 INF1 INR2 INR1 INS INC IG1 IG2 HIVOLB VCCH 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 18 19 40 39 38 37 36 35 16 17 31 32 34 33 30 29 26 25 28 27 21 22 23 24 20 GND ISO amp GND ISO amp GND ISO amp GND ISO amp GND ISO amp GND ISO amp Input selector (1 single - end and 5 stereo ISO) Sub Selector Front Selector Rear Selector I2C-bus LOGIC Main Gain adjust Sub Gain adjust 250kΩ 250kΩ 250kΩ 250kΩ 250kΩ 250kΩ 250kΩ 250kΩ 250kΩ 250kΩ 250kΩ 250kΩ 250kΩ 250kΩ 100kΩ 100kΩ 100kΩ 100kΩ 100kΩ 100kΩ Differential amp 2nd order LPF Fader ATT★ Fader ATT★ Fader ATT★ Fader ATT★ Fader ATT★ Fader ATT★ Fader Boost★ Fader Boost★ Fader Boost★ Fader Boost★ Fader Boost★ Fader Boost★ ★ Input Gain VREF ■ Fader : +23dB to -79dB、-∞/1dBstep ■ Input Gain : +23dB to -15dB/1dBstep ■ Front Mixing : on/off ■ 2nd order LPF: fc=70kHz ■ Main/Sub Gain Adjust 0dB/6dB ■ Anti-TDMA noise circuit ■ High-Voltage Output ★ Advanced Switch ★ ★ Front Mixing Level Shift Level Shift Level Shift Level Shift Level Shift Level Shift 100kΩ 100kΩ GND ISO amp 250kΩ 250kΩ GND ISO amp Differential amp 100kΩ |
Podobny numer części - BD37068FV-M |
|
Podobny opis - BD37068FV-M |