Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

BD37068FV-E2 Arkusz danych(PDF) 3 Page - Rohm

Numer części BD37068FV-E2
Szczegółowy opis  Sound Processor for car audio built-in High-Voltage function and 2nd order post filter
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ROHM [Rohm]
Strona internetowa  http://www.rohm.com
Logo ROHM - Rohm

BD37068FV-E2 Arkusz danych(HTML) 3 Page - Rohm

  BD37068FV-E2 Datasheet HTML 1Page - Rohm BD37068FV-E2 Datasheet HTML 2Page - Rohm BD37068FV-E2 Datasheet HTML 3Page - Rohm BD37068FV-E2 Datasheet HTML 4Page - Rohm BD37068FV-E2 Datasheet HTML 5Page - Rohm BD37068FV-E2 Datasheet HTML 6Page - Rohm BD37068FV-E2 Datasheet HTML 7Page - Rohm BD37068FV-E2 Datasheet HTML 8Page - Rohm BD37068FV-E2 Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 39 page
background image
3/35
BD37068FV-M
TSZ02201-0C2C0E100130-1-2
© 2014 ROHM Co., Ltd. All rights reserved.
14.NOV.2016 Rev.002
www.rohm.com
TSZ22111・15・001
Pin Configuration
Pin Descriptions
Pin No.
Pin Name
Description
Pin No.
Pin Name
Description
1
A1
A input terminal of 1ch
21
VCCH
VCCH terminal for power supply
2
A2
A input terminal of 2ch
22
SCL
I
2C Communication clock terminal
3
BP1
B positive input terminal of 1ch
23
SDA
I
2C Communication data terminal
4
BP2
B positive input terminal of 2ch
24
GND
GND terminal
5
CP1
C positive input terminal of 1ch
25
VREF
BIAS terminal
6
CN
C negative input terminal
26
VCCL
VCCL terminal for power supply
7
CP2
C positive input terminal of 2ch
27
IG2
Input Gain output terminal of 2ch
8
DP1
D positive input terminal of 1ch
28
IG1
Input Gain output terminal of 1ch
9
DN
D negative input terminal
29
INC
Center input terminal
10
DP2
D positive input terminal of 2ch
30
INS
Subwoofer input terminal
11
EP1
E positive input terminal of 1ch
31
INR1
Rear input terminal of 1ch
12
EN
E negative input terminal
32
INR2
Rear input terminal of 2ch
13
EP2
E positive input terminal of 2ch
33
INF1
Front input terminal of 1ch
14
FP1
F positive input terminal of 1ch
34
INF2
Front input terminal of 2ch
15
FN1
F negative input terminal of 1ch
35
OUTF2
Front output terminal of 2ch
16
FN2
F negative input terminal of 2ch
36
OUTF1
Front output terminal of 1ch
17
FP2
F positive input terminal of 2ch
37
OUTR2
Rear output terminal of 2ch
18
MIN
Mixing input terminal
38
OUTR1
Rear output terminal of 1ch
19
BN
B negative input terminal
39
OUTS
Subwoofer output terminal
20
HIVOLB
Output Gain control terminal
40
OUTC
Center output terminal
SSOP-B40
(TOP VIEW)
Figure 2. Pin configuration
A1 1
A2 2
BP1 3
BP2 4
CP1 5
CN 6
CP2 7
DP1 8
DN 9
DP2 10
EP1 11
EN 12
EP2 13
FP1 14
FN1 15
FN2 16
FP2 17
MIN 18
BN 19
HIVOLB 20
40 OUTC
39 OUTS
38 OUTR1
37 OUTR2
36 OUTF1
35 OUTF2
34 INF2
33 INF1
32 INR2
31 INR1
30 INS
29 INC
28 IG1
27 IG2
26 VCCL
25 VREF
24 GND
23 SDA
22 SCL
21 VCCH


Podobny numer części - BD37068FV-E2

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Rohm
BD37068FV-M ROHM-BD37068FV-M Datasheet
894Kb / 34P
   AEC-Q100 Qualified
More results

Podobny opis - BD37068FV-E2

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Rohm
BD37067FV-M ROHM-BD37067FV-M_16 Datasheet
2Mb / 38P
   Sound Processor for car audio built-in 2nd order post filter
BD3827K ROHM-BD3827K Datasheet
220Kb / 6P
   SCF built-in sound processor for car audio
BD3801FS ROHM-BD3801FS Datasheet
210Kb / 6P
   SCF built-in sound processor for car audio
BD3805F ROHM-BD3805F Datasheet
204Kb / 6P
   SCF built-in sound processor for car audio
BD3426K ROHM-BD3426K Datasheet
217Kb / 6P
   SCF built-in sound processor for car audio
BD37069FV-M ROHM-BD37069FV-M Datasheet
2Mb / 41P
   Sound Processor for Car Audio with Built-in High-Voltage Amplifier
BD3491FS ROHM-BD3491FS_14 Datasheet
1Mb / 34P
   Sound Processor with Built-in Surround Sound Function
BD3830FS ROHM-BD3830FS Datasheet
240Kb / 6P
   SCF built-in audio sound processor for TV
BD3831FS ROHM-BD3831FS Datasheet
208Kb / 6P
   SCF built-in audio sound processor for TV
BD34602FS-M ROHM-BD34602FS-M Datasheet
1Mb / 33P
   6ch Sound Processor for High-Quality Audio with Built-in Advanced Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com